Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU15TA2WHFV Datasheet(PDF) 10 Page - Rohm

Part # BU15TA2WHFV
Description  1ch 200mA CMOS LDO Regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU15TA2WHFV Datasheet(HTML) 10 Page - Rohm

Back Button BU15TA2WHFV Datasheet HTML 6Page - Rohm BU15TA2WHFV Datasheet HTML 7Page - Rohm BU15TA2WHFV Datasheet HTML 8Page - Rohm BU15TA2WHFV Datasheet HTML 9Page - Rohm BU15TA2WHFV Datasheet HTML 10Page - Rohm BU15TA2WHFV Datasheet HTML 11Page - Rohm BU15TA2WHFV Datasheet HTML 12Page - Rohm BU15TA2WHFV Datasheet HTML 13Page - Rohm BU15TA2WHFV Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
Technical Note
10/29
BUTA2WNVX series, BUTA2WHFV series
www.rohm.com
2011.01 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Fig. 46 Ripple Rejection VS Freq.
Fig. 47 Ripple Rejection VS VIN
Fig. 48 Output Noise Spectrl
Density VS Freq.
Reference data BU18TA2WNVX / HFV (Unless otherwise specified, Ta=25℃)
Fig. 49 Load Response
Fig. 51 Load Response
Fig. 52 Load Response
Fig. 50 Load Response
Fig. 53 Load Response
Current Pulse=10kHz
Fig. 54 Load Response
Current Pulse=10kHz
0
10
20
30
40
50
60
70
80
0.1
1
10
100
1000
Frequency (kHz)
Vin= 3.5V
Io=10mA
Ta = 25℃
0
10
20
30
40
50
60
70
80
2.5
3.5
4.5
5.5
Input Voltage VIN[V]
Co=1.0μF
Cin=none
Iout=10mA
temp=25℃
f= 10 0kHz
f=10 kHz
f= 1 kHz
f= 0 .1 kHz
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.1
1
10
100
Frequency f [kHz]
Co=1.0μF
Cin=1.0μF
Iout=10mA
temp=25℃


Similar Part No. - BU15TA2WHFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU15TA2WHFV-TR ROHM-BU15TA2WHFV-TR Datasheet
1Mb / 28P
   High-speed Load Response FULL CMOS LDO Regulators
More results

Similar Description - BU15TA2WHFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BU10TD2WNVX ROHM-BU10TD2WNVX Datasheet
2Mb / 42P
   1ch 200mA CMOS LDO Regulators
BU12SD2MG-MTR ROHM-BU12SD2MG-MTR Datasheet
834Kb / 31P
   1ch 200mA CMOS LDO Regulators
BU18SA4WGWL-E2 ROHM-BU18SA4WGWL-E2 Datasheet
999Kb / 37P
   1ch 200mA CMOS LDO Regulators
BH12PB1WHFV ROHM-BH12PB1WHFV_11 Datasheet
353Kb / 11P
   1ch 150mA CMOS LDO Regulators
BH15M0AWHFV-TR ROHM-BH15M0AWHFV-TR Datasheet
577Kb / 13P
   1ch 300mA CMOS LDO Regulators
BUXXSD5 ROHM-BUXXSD5 Datasheet
941Kb / 20P
   1ch 500mA CMOS LDO Regulators
2016.05.31 Rev.003
BH31FB1WHFV-TR ROHM-BH31FB1WHFV-TR Datasheet
562Kb / 13P
   1ch 300mA CMOS LDO Regulators
BHXXM0A ROHM-BHXXM0A Datasheet
632Kb / 13P
   1ch 300mA CMOS LDO Regulators
21.Nov.2013 Rev.001
BHXXMA3 ROHM-BHXXMA3 Datasheet
619Kb / 13P
   1ch 300mA CMOS LDO Regulators
25.Sep.2013 Rev.001
BH25NB1WHFV ROHM-BH25NB1WHFV_11 Datasheet
303Kb / 9P
   1ch 150mA CMOS LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com