Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P7S-14P Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # P7S-14P
Description  Plug-In Safety Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P7S-14P Datasheet(HTML) 5 Page - Omron Electronics LLC

  P7S-14P Datasheet HTML 1Page - Omron Electronics LLC P7S-14P Datasheet HTML 2Page - Omron Electronics LLC P7S-14P Datasheet HTML 3Page - Omron Electronics LLC P7S-14P Datasheet HTML 4Page - Omron Electronics LLC P7S-14P Datasheet HTML 5Page - Omron Electronics LLC P7S-14P Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
G7S
6
P7S-14P PCB-mounting Socket
(PCB Terminals)
Terminal Installation/Internal
Connection Diagram
(Bottom View)
G7S-4A2B
Cross-section of
Mounting Holes
G7S-3A3B
23 max.
61.5 max.
(2.42)
23 max.
(0.91)
29 max.
(1.14)
With Safety Relay Mounted
28 max.
(1.10)
Two, 6.5 dia x 7.9 deep
Fourteen, 1.8 dia.
Two,
3.6 dia.
15.4 (0.61)
J
SOCKET MOUNTING PLATE
P7S-A10 (Special Mounting Plate for P7S-14A)
P7S-B
7
59.2
(2.33)
15
(0.59)
35
(1.38)
19.3
261 max.
(10.28)
81 max.
(3.19)
Four, C0.5
1.6 (0.06)
J
RELAY REMOVAL TOOL


Similar Part No. - P7S-14P

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
P7S-14P-E OMRON-P7S-14P-E Datasheet
469Kb / 5P
   Relays with Forcibly Guided Contacts and High Switching Capacity of 10A
More results

Similar Description - P7S-14P

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
RXM4AB2F7 SCHNEIDER-RXM4AB2F7 Datasheet
143Kb / 6P
   Miniature plug-in relay
RPM12F7 SCHNEIDER-RPM12F7 Datasheet
140Kb / 6P
   Power plug-in relay
logo
Tyco Electronics
XT374LC4 MACOM-XT374LC4 Datasheet
298Kb / 3P
   Interface Plug-in Relay
logo
Schneider Electric
RXM4AB1P7 SCHNEIDER-RXM4AB1P7 Datasheet
142Kb / 6P
   Miniature plug-in relay
logo
Hongfa Technology
HFA4 HONGFA-HFA4 Datasheet
104Kb / 4P
   SAFETY RELAY
HFA6 HONGFA-HFA6 Datasheet
82Kb / 4P
   SAFETY RELAY
logo
List of Unclassifed Man...
OA5669 ETC2-OA5669 Datasheet
120Kb / 4P
   Safety relay
logo
Hongfa Technology
HFA6 HONGFA-HFA6 Datasheet
81Kb / 4P
   SAFETY RELAY
HFA2 HONGFA-HFA2 Datasheet
63Kb / 3P
   SAFETY RELAY
HFA4 HONGFA-HFA4 Datasheet
103Kb / 4P
   SAFETY RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com