Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD37532FV Datasheet(PDF) 10 Page - Rohm

Part # BD37532FV
Description  Sound Processors with Built-in 3-band Equalizer
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD37532FV Datasheet(HTML) 10 Page - Rohm

Back Button BD37532FV Datasheet HTML 6Page - Rohm BD37532FV Datasheet HTML 7Page - Rohm BD37532FV Datasheet HTML 8Page - Rohm BD37532FV Datasheet HTML 9Page - Rohm BD37532FV Datasheet HTML 10Page - Rohm BD37532FV Datasheet HTML 11Page - Rohm BD37532FV Datasheet HTML 12Page - Rohm BD37532FV Datasheet HTML 13Page - Rohm BD37532FV Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
Technical Note
10/37
BD37531FV,BD37532FV,BD37533FV,BD37534FV
www.rohm.com
2010.03 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
Fig.24 BD37533FV
Descriptions of terminal
Terminal
No.
Terminal
Name
Description
Terminal
No.
Terminal
Name
Description
1
A1
A input terminal of 1ch
15
MUTE
External compulsory mute terminal
2
A2
A input terminal of 2ch
16
TEST1
Test Pin
3
B1
B input terminal of 1ch
17
TEST2
Test Pin
4
B2
B input terminal of 2ch
18
OUTS2
Subwoofer output terminal of 2ch
5
C1
C input terminal of 1ch
19
OUTS1
Subwoofer output terminal of 1ch
6
C2
C input terminal of 2ch
20
OUTR2
Rear output terminal of 2ch
7
DP1
D positive input terminal of 1ch
21
OUTR1
Rear output terminal of 1ch
8
DN
D negative input terminal
22
OUTF2
Front output terminal of 2ch
9
DP2
D positive input terminal of 2ch
23
OUTF1
Front output terminal of 1ch
10
EP1
E positive input terminal of 1ch
24
VCC
Power supply terminal
11
EN1
E negative input terminal of 1ch
25
SCL
I2C Communication clock terminal
12
EN2
E negative input terminal of 2ch
26
SDA
I2C Communication data terminal
13
EP2
E positive input terminal of 2ch
27
GND
GND terminal
14
MIN
Mixing input terminal
28
FIL
VCC/2 terminal
GND
VCC/2
28
27
26
25
24
23
22
21
20
19
18
17
16
15
Volume/Mute
3 Band P-EQ
(Tone control)
Loudness
LPF
Input Gain
GND
ISO amp
Input selector (3 single-end and 2 stereo ISO)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
100k
100k
100k
100k
100k
100k
250k
GND
ISO amp
250k
250k
GND
ISO amp
250k
250k
GND
ISO amp
250k
250k
VCC
I2C BUS LOGIC
■Fader
Gain:+15dB~-79dB/1dB step
★no pop noise
■LPF
fc=55/85/120/160Hz
■Loudness
Gain:20dB~0dB/1dB step
★no pop noise
・f0=250/400/800Hz
・Hicut1/2/3/4
■3 Band P-EQ (Tone control)
Gain:+20dB~-20dB/1dB step
★no pop noise
・Bass:f0=60/80/100/120Hz
Q=0.5/1.0/1.5/2.0
・Meddle:f0=500/1k/1.5k/2.5kHz
Q=0.75/1/1.25/1.5
・Treble:f0=7.5k/10k/12.5k/15kHz
Q=0.75/1.25
■Volume
Gain:+15dB~-79dB/1dB step
★no pop noise
■Input Gain
Gain:+20dB~0dB/1dB step
★no pop noise


Similar Part No. - BD37532FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD37532FV ROHM-BD37532FV Datasheet
123Kb / 5P
   Silicon Monolithic Integrated Circuit
BD37532FV ROHM-BD37532FV Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37532FV-E2 ROHM-BD37532FV-E2 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37532FV ROHM-BD37532FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
More results

Similar Description - BD37532FV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
BD37532FV ROHM-BD37532FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS_1003 ROHM-BD37524FS_1003 Datasheet
527Kb / 26P
   Sound Processor with Built-in 3-band Equalizer
BD37534FV ROHM-BD37534FV_15 Datasheet
4Mb / 39P
   Sound Processor with Built-in 3-band Equalizer
BD37533FV ROHM-BD37533FV_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37542FS ROHM-BD37542FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37544FS ROHM-BD37544FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
BD37541FS ROHM-BD37541FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37543FS ROHM-BD37543FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com