Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD35632EFJ Datasheet(PDF) 3 Page - Rohm

Part # BD35632EFJ
Description  Silicon Monolithic Integrated Circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD35632EFJ Datasheet(HTML) 3 Page - Rohm

  BD35632EFJ Datasheet HTML 1Page - Rohm BD35632EFJ Datasheet HTML 2Page - Rohm BD35632EFJ Datasheet HTML 3Page - Rohm BD35632EFJ Datasheet HTML 4Page - Rohm BD35632EFJ Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/4
REV. A
○PHYSICAL DIMENSIONS
○BLOCK DIAGRAM
○Pin number・Pin name
Pin No.
Pin name
Pin Function
1
VCC
Input Voltage Pin
2
N.C
OPEN
3
VO
Output Voltage Pin
4
FB
Output Reference Voltage Pin(Feed back Pin)
5
GND
GND Pin
6
GND
GND Pin
7
EN
Enable Pin
8
N.C
OPEN
reverse
FIN
Substrate
* Please short N.C, FIN to the GND.
D35632
Lot No
(Unit : mm)
0.08 S
0.08 M
S
1.27
0.42
+0.05
-0.04
4
°
+6°
−4°
0.17
+0.05
-0.03
234
5
6
8
(MAX 5.25 include BURR)
7
1
0.545
(3.2)
4.9
±0.1
1PIN MARK
HTSOP-J8
Ceramic
Capacitor
Vo
Vcc
GND
EN
FB
OCP
SOFT
TSD
1
3
5
7
4
R1
R2
(Vo+0.92)~14V
1.5~13V
≧ 1uF
≧ 1uF
Ceramic
Capacitor
6
R7


Similar Part No. - BD35632EFJ

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
BD356N SHUNYE-BD356N Datasheet
235Kb / 2P
   35 AMP BLOCK DIODES
logo
Thinki Semiconductor Co...
BD356N THINKISEMI-BD356N Datasheet
1Mb / 3P
   35 Ampere Standard Type Negative Block Rectifier Diodes for Automotive Alternators
BD356N THINKISEMI-BD356N Datasheet
1Mb / 3P
   35 Ampere Standard Type Positive Block Rectifier Diodes for Automotive Alternators
logo
Shanghai Shunye Electro...
BD356P SHUNYE-BD356P Datasheet
235Kb / 2P
   35 AMP BLOCK DIODES
logo
Thinki Semiconductor Co...
BD356P THINKISEMI-BD356P Datasheet
1Mb / 3P
   35 Ampere Standard Type Negative Block Rectifier Diodes for Automotive Alternators
More results

Similar Description - BD35632EFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com