Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD35390FJ Datasheet(PDF) 5 Page - Rohm

Part # BD35390FJ
Description  Termination Regulator for DDR-SDRAMs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD35390FJ Datasheet(HTML) 5 Page - Rohm

  BD35390FJ_09 Datasheet HTML 1Page - Rohm BD35390FJ_09 Datasheet HTML 2Page - Rohm BD35390FJ_09 Datasheet HTML 3Page - Rohm BD35390FJ_09 Datasheet HTML 4Page - Rohm BD35390FJ_09 Datasheet HTML 5Page - Rohm BD35390FJ_09 Datasheet HTML 6Page - Rohm BD35390FJ_09 Datasheet HTML 7Page - Rohm BD35390FJ_09 Datasheet HTML 8Page - Rohm BD35390FJ_09 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
BD35390FJ
Technical Note
5/10
www.rohm.com
2009.10 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Description of operations
VCC
In BD35390FJ, an independent power input pin is provided for an internal circuit operation of the IC. This is used to drive
the amplifier circuit of the IC, and its maximum current rating is 4mA. The power supply voltage is 2.7 to 5.5 volts. It is
recommended to connect a bypass capacitor of 1μF or so to VCC.
VDDQ
Reference input pin for the output voltage that may be used to satisfy the JEDEC requirement for DDR1/2/3-SDRAM
(VTT = 1/2VDDQ) by dividing the voltage inside the IC with two 100kΩ voltage-divider resistors.
For BD35390FJ, care must be taken to an input noise to VDDQ pin because this IC also cuts such noise input into half and
provides it with the voltage output divided in half. Such noise may be reduced with an RC filter consisting of such resistance
and capacitance (220Ω and 2.2μF, for instance) that may not give significant effect to voltage dividing inside the IC.
VTT_IN
VTT_IN is a power supply input pin for VTT output. Voltage in the range between 1.0 and 5.5 volts may be supplied to
this VTT_IN terminal, but care must be taken to the current limitation due to on-resistance of the IC and the change in
allowable loss due to input/output voltage difference.
Generally, the following voltages are supplied:
DDR1
VTT_IN=2.5V
DDR2
VTT_IN=1.8V
DDR3
VTT_IN=1.5V
Higher impedance of the voltage input at VTT_IN may result in oscillation or degradation in ripple rejection, which must be
noted. To VTT_IN terminal, it is recommended to use a 10μF capacitor characterized with less change in capacitance.
But it may depend on the characteristics of the power supply input and the impedance of the pc board wiring, which must
be carefully checked before use.
PGOOD
PGOOD pin is power good output pin. This is the open drain pin, so pull up resistor is connected via other power supply If
VTT voltage becomes over 1/2 ×VDDQ+30mV,or under 1/2 ×VDDQ+30mV, it outputs High voltage.
VTTS
An isolated pin provided to improve load regulation of VTT output. In case that longer wiring is needed to the load at VTT
output, connecting VTTS from the load side may improve the load regulation.
VTT
A DDR memory termination output pin. BD35390FJ has a sink/source current capability of ±1.0A respectively. The
output voltage tracks the voltage divided in half at VDDQ pin. VTT output is turned to OFF when VCC UVLO or thermal
shutdown protector is activated with EN pin level turned to “Low”. Do not fail to connect a capacitor to VTT output pin for
a loop gain phase compensation and a reduction in output voltage variation in the event of sudden change in load.
Insufficient capacitance may cause an oscillation. High ESR (Equivalent Series Resistance) of the capacitor may result
in increase in output voltage variation in the event of sudden change in load. It is recommended to use a 10μF or so
ceramic capacitor, though it depends on ambient temperature and other conditions.
EN
With an input of 2.3 volts or higher, the level at EN pin turns to “High” to provide VTT output. If the input is lowered to 0.8
volts or less, the level at EN pin turns to “Low” and VTT status turns to Hi-Z.


Similar Part No. - BD35390FJ_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BD35390FJ ROHM-BD35390FJ Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
More results

Similar Description - BD35390FJ_09

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3532F ROHM-BD3532F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD35390FJ ROHM-BD35390FJ Datasheet
379Kb / 11P
   Termination Regulator for DDR-SDRAMs
BD3537F ROHM-BD3537F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3531F ROHM-BD3531F_15 Datasheet
1Mb / 19P
   Termination Regulator for DDR-SDRAMs
BD3537F ROHM-BD3537F_08 Datasheet
581Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3538F ROHM-BD3538F_10 Datasheet
389Kb / 11P
   Termination Regulators for DDR-SDRAMs
BD3538F ROHM-BD3538F_15 Datasheet
1Mb / 20P
   Termination Regulators for DDR-SDRAMs
BD3533F ROHM-BD3533F_08 Datasheet
678Kb / 17P
   Termination Regulators for DDR-SDRAMs
BD3539FVM ROHM-BD3539FVM_10 Datasheet
441Kb / 12P
   Termination Regulators for DDR-SDRAMs
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com