Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

890-003 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 890-003
Description  Single Row Uninsulated Wire Pigtail Assemblies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

890-003 Datasheet(HTML) 2 Page - Glenair, Inc.

  890-003 Datasheet HTML 1Page - Glenair, Inc. 890-003 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2007 Glenair, Inc.
CAGE Code 06324/0CA77
Printed in U.S.A.
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
www.glenair.com
16
E-Mail: sales@glenair.com
890-003 and -004
Series 89 Nanominiature Connectors
Single Row Uninsulated Wire Pigtail Assemblies
SINGLE ROW NANO PIGTAIL DIMENSIONS
Plug (Pin) Connectors
Receptacle (Socket) Connectors
Layout
A
B BSC.
C BSC.
In. ± .005
mm. ± 0.13
In.
mm.
In.
mm.
9P
.500
12.70
.395
10.03
.284
7.21
9S
.500
12.70
.395
10.03
.285
7.24
15P
.650
16.51
.545
13.84
.434
11.02
15S
.650
16.51
.545
13.84
.435
11.05
21P
.800
20.32
.695
17.65
.584
14.83
21S
.800
20.32
.695
17.65
.585
14.86
25P
.900
22.86
.795
20.19
.684
17.37
25S
.900
22.86
.795
20.19
.685
17.40
31P
1.050
26.67
.945
24.00
.834
21.18
31S
1.050
26.67
.945
24.00
.835
21.21
37P
1.200
30.48
1.095
27.81
.984
24.99
37S
1.200
30.48
1.095
27.81
.985
24.02
51P
1.550
39.37
1.445
36.70
1.334
33.88
51S
1.550
39.37
1.445
36.70
1.335
33.91
.025 (0.64) TYP
.005
(0.13)
PIN 1
A
C
B
#0-80 UNF-2A, 2X
.115
(2.92)
OPTIONAL
2X #0-80 UNF-2B
.090 MIN. THREAD
(TYPE T)
.005
(0.13)
.025 (0.64) TYP
A
C
B
SOCKET 1
#0-80 UNF-2B, 2X
.115
(2.92)
2X #0-80 UNF-2A
.050 HEX DRIVE
JACKSCREW
(TYPE J)
.108 / .102
2.74 / 2.59
.210 (5.33)
LEAD LENGTH
± .015 (0.38)
.080
(2.03)
.115 (2.92)
LEAD LENGTH
± .015 (0.38)
.042/.037
(1.07/0.94)
.110 ± .003
(2.79 ± 0.08)
.225
(5.72)
.115 (2.92)
Titanium or Stainless
Steel Shells Only


Similar Part No. - 890-003

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
890-001 GLENAIR-890-001 Datasheet
153Kb / 2P
   Single Row Insulated Wire Pigtail Assemblies
890-005 GLENAIR-890-005 Datasheet
126Kb / 2P
   Nanominiature Connectors
890-005 GLENAIR-890-005 Datasheet
926Kb / 2P
   Single Row Nano
890-005-15CSA1A1 GLENAIR-890-005-15CSA1A1 Datasheet
126Kb / 2P
   Nanominiature Connectors
890-005-15CSA1B1 GLENAIR-890-005-15CSA1B1 Datasheet
126Kb / 2P
   Nanominiature Connectors
More results

Similar Description - 890-003

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
891-003 GLENAIR-891-003 Datasheet
197Kb / 2P
   Nanominiature Connectors Double Row Uninsulated Wire Pigtail Assemblies
890-001 GLENAIR-890-001 Datasheet
153Kb / 2P
   Single Row Insulated Wire Pigtail Assemblies
891-001 GLENAIR-891-001 Datasheet
202Kb / 2P
   Nanominiature Connectors Double Row Insulated Wire Pigtail Assemblies
MWDL-9P-4C3 GLENAIR-MWDL-9P-4C3 Datasheet
358Kb / 2P
   Micro-D Plastic Shell Uninsulated Wire Pigtails
logo
Molex Electronics Ltd.
1502070004 MOLEX1-1502070004 Datasheet
41Kb / 1P
   Ditto Wire-to-Wire Interconnects, Single-Ended Pigtail Harness, 2.50mm Pitch, 0.30m Length
1502070005 MOLEX1-1502070005 Datasheet
41Kb / 1P
   Ditto Wire-to-Wire Interconnects, Single-Ended Pigtail Harness, 2.50mm Pitch, 0.30m Length
logo
Glenair, Inc.
MWDM1L-9P-4C3 GLENAIR-MWDM1L-9P-4C3 Datasheet
163Kb / 2P
   Micro-D Metal Shell MWDM Uninsulated Wire Pigtails
logo
Molex Electronics Ltd.
1502070003 MOLEX1-1502070003 Datasheet
41Kb / 1P
   Ditto Wire-to-Wire Interconnects, Single-Ended Pigtail Harness, 2.50mm Pitch, 0.30m Length
1502070002 MOLEX1-1502070002 Datasheet
41Kb / 1P
   Ditto Wire-to-Wire Interconnects, Single-Ended Pigtail Harness, 2.50mm Pitch, 0.30m Length
1502070008 MOLEX1-1502070008 Datasheet
41Kb / 1P
   Ditto Wire-to-Wire Interconnects, Single-Ended Pigtail Harness, 2.50mm Pitch, 0.15m Length
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com