Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIL12-1A66-15L Datasheet(PDF) 1 Page - Meder Electronic

Part # DIL12-1A66-15L
Description  DIL Reed Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEDER [Meder Electronic]
Direct Link  http://www.meder.com
Logo MEDER - Meder Electronic

DIL12-1A66-15L Datasheet(HTML) 1 Page - Meder Electronic

  DIL12-1A66-15L Datasheet HTML 1Page - Meder Electronic DIL12-1A66-15L Datasheet HTML 2Page - Meder Electronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIL12-1A71-15L
DIL12-1A66-15L
Item:
| Email: salesasia@meder.com
1312100015
+852 / 2955 1682
Asia:
| Email: salesusa@meder.com
+1 / 508 295 0771
USA:
Item No.:
| Email: info@meder.com
+49 / 7731 8399 0
Europe:
Coil Data at 20 °C
Conditions
Min
Typ
Max
Unit
Coil resistance
Coil voltage
Pull-In voltage
Drop-Out voltage
Contact data 66
Conditions
Min
Typ
Max
Unit
not to exceed their individual max.'s
Contact rating
DC or Peak AC
Switching voltage (<21 AT)
DC or Peak AC
Switching current
DC or Peak AC
Carry current
!"#$%&"#"&
Start Value
Contact resistance static
'!&(!
"'
Start Value
Contact resistance dynamic
)
RH <45 %, 100 VDC test voltage
Insulation resistance
according to IEC 255-5
Breakdown voltage (>20 AT)
measured with 40% overdrive
Operate time incl. bounce
measured with no coil excitation
Release time
Special Product Data
Conditions
Min
Typ
Max
Unit
1
Number of contacts
A - NO
Contact - form
*
according to EN 60255-5
Dielectric Strength Coil/Contact
)
RH <45%, 200 VDC measuring voltage
Insulation resistance Coil/Contact
blue
Case colour
PBT glass fibre reinforced
Housing material
Polyurethan
Sealing compound
Copper alloy tin plated
Connection pins
Environmental data
Conditions
Min
Typ
Max
Unit
+
1/2 sine, duration 11ms, in 3 axis
Shock
+
from 10 - 2000 Hz
Vibration
,
-
.
Operating temperature
,
.
Storage temperature
Modifications in the sense of technical progress are reserved
17.06.11
KYANG
CRUF
04
Version:
Designed by:
Last Change at:
Designed at:
Last Change by:
29.07.11
CRUF
CRUF
Approval by:
Approval by:
17.06.11
Approval at:
29.07.11
Approval at:


Similar Part No. - DIL12-1A66-15L

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
DIL12-1A66-15LHR MEDER-DIL12-1A66-15LHR Datasheet
455Kb / 5P
   Sealed DIL Version w/ up to 4.25 kVDC Breakdown Voltage Option
DIL12-1A66-15LL MEDER-DIL12-1A66-15LL Datasheet
455Kb / 5P
   Sealed DIL Version w/ up to 4.25 kVDC Breakdown Voltage Option
DIL12-1A66-15L_DE MEDER-DIL12-1A66-15L_DE Datasheet
131Kb / 2P
   (deutsch) DIL Reed Relay
More results

Similar Description - DIL12-1A66-15L

ManufacturerPart #DatasheetDescription
logo
Meder Electronic
DIL05-2A66-21M MEDER-DIL05-2A66-21M_11 Datasheet
83Kb / 2P
   DIL Reed Relay
DIL05-3A66-30L MEDER-DIL05-3A66-30L Datasheet
101Kb / 1P
   DIL Reed Relay
DIL12-2C90-63L MEDER-DIL12-2C90-63L Datasheet
136Kb / 1P
   DIL Reed Relay
DIL05-2A66-21R MEDER-DIL05-2A66-21R Datasheet
63Kb / 1P
   DIL Reed Relay
DIL05-1A66-11D MEDER-DIL05-1A66-11D Datasheet
117Kb / 2P
   DIL Reed Relay
DIL-CL-1A81-4-4-18M MEDER-DIL-CL-1A81-4-4-18M Datasheet
138Kb / 2P
   DIL Reed Relay
DIL05-2A75-21QHR MEDER-DIL05-2A75-21QHR Datasheet
82Kb / 2P
   DIL Reed Relay
DIL05-1A66-10L MEDER-DIL05-1A66-10L Datasheet
118Kb / 2P
   DIL Reed Relay
DIL05-1A66-15L MEDER-DIL05-1A66-15L Datasheet
113Kb / 2P
   DIL Reed Relay
DIL05-2A66-20D MEDER-DIL05-2A66-20D Datasheet
97Kb / 2P
   DIL Reed Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com