Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6583MUV-A Datasheet(PDF) 2 Page - Rohm

Part # BD6583MUV-A
Description  White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6583MUV-A Datasheet(HTML) 2 Page - Rohm

  BD6583MUV-A_11 Datasheet HTML 1Page - Rohm BD6583MUV-A_11 Datasheet HTML 2Page - Rohm BD6583MUV-A_11 Datasheet HTML 3Page - Rohm BD6583MUV-A_11 Datasheet HTML 4Page - Rohm BD6583MUV-A_11 Datasheet HTML 5Page - Rohm BD6583MUV-A_11 Datasheet HTML 6Page - Rohm BD6583MUV-A_11 Datasheet HTML 7Page - Rohm BD6583MUV-A_11 Datasheet HTML 8Page - Rohm BD6583MUV-A_11 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Technical Note
2/26
www.rohm.com
2011.06 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
BD6583MUV-A
Electrical characteristic
(Unless otherwise specified, VBAT=12V, RSTB=2.5V, Ta = +25 ℃)
Parameter
Symbol
Limits
Unit
Condition
Min.
Typ.
Max.
[FAILSEL,PWMDRV Terminal]
EN threshold voltage (Low)
VthL
0
-
0.2
V
EN threshold voltage (High) 1
VthH1
1.4
-
5.0
V
VBAT>5.0V
EN threshold voltage (High) 2
VthH2
1.4
-
VBAT
V
VBAT<5.0V
EN terminal input current
Iin
-
8.3
14.0
µA Input=2.5V
[PWMPOW Terminal]
Low input voltage range
PWML
0
-
0.2
V
High input voltage range1
PWMH1
1.4
-
5.0
V
VBAT>5.0V
High input voltage range2
PWMH2
1.4
-
VBAT
V
VBAT<5.0V
PWM pull down resistor
PWMR
300
500
700
kΩ
[RSTB Terminal]
Low input voltage range
RSTBL
0
-
0.2
V
High input voltage range1
RSTBH1
2.25
2.5
5.0
V
VBAT>5.0V
High input voltage range2
RSTBH2
2.25
2.5
VBAT
V
VBAT<5.0V
Current consumption
IRSTB
-
89
134
µA RSTB=2.5V, LED1-6=3V
[Regulator]
VREG voltage
VREG
4.0
5.0
6.0
V
No load
Under voltage lock out
UVLO
2.05
2.25
2.65
V
[Switching Regulator]
Quiescent current 1
Iq1
-
0.6
3.4
µA RSTB=0V, VBAT=12V
Quiescent current 2
Iq2
-
4.6
10
µA RSTB=0V, VBAT=22V
Current consumption
Idd
-
3.4
5.1
mA VDET=0V,ISETH=24kΩ
LED control voltage
VLED
0.4
0.5
0.6
V
Over current limit voltage
Ocp
70
100
130
mV *1
SBD open protect
Sop
-
-
0.1
V
Detect voltage of VDET pin
Switching frequency
fSW
0.8
1.0
1.2
MHz
Duty cycle limit
Duty
92.5
95.0
99.0
%
LED1-6=0.3V
Over voltage limit
Ovl
43.0
44.7
46.4
V
LED1-6=0.3V
[Current driver]
LED maximum current
ILMAX
-
-
25
mA
LED current accuracy
ILACCU
-
-
±5
%
ILED=16mA
LED current matching
ILMAT
-
-
±3
%
▪Each LED current/Average (LED1- 6)
▪ILED=16mA
ISET voltage
Iset
0.5
0.6
0.7
V
LED current limiter
ILOCP
35
60
90
mA
Current limit value at ISET resistor 4.7kΩ setting
LED1, 2, 3, 4, 5, 6=0.5V
LED terminal Over voltage protect
LEDOVP
10.0
11.5
13.0
V
RSTB=PWMDRV=2.5V
(*1) This parameter is tested with DC measurement.


Similar Part No. - BD6583MUV-A_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6583MUV-A ROHM-BD6583MUV-A_12 Datasheet
912Kb / 36P
   6-Channel White LED Driver
More results

Similar Description - BD6583MUV-A_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6581GU ROHM-BD6581GU Datasheet
751Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8113EFV ROHM-BD8113EFV_11 Datasheet
389Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M_11 Datasheet
365Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6142AMUV ROHM-BD6142AMUV Datasheet
630Kb / 28P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6150MUV ROHM-BD6150MUV_11 Datasheet
988Kb / 29P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6590MUV ROHM-BD6590MUV_11 Datasheet
873Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M Datasheet
449Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6586MUV ROHM-BD6586MUV_11 Datasheet
489Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6592MUV ROHM-BD6592MUV_11 Datasheet
833Kb / 26P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8112EFV-M ROHM-BD8112EFV-M_11 Datasheet
615Kb / 23P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com