Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6583MUV-A Datasheet(PDF) 15 Page - Rohm

Part # BD6583MUV-A
Description  White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6583MUV-A Datasheet(HTML) 15 Page - Rohm

Back Button BD6583MUV-A_11 Datasheet HTML 11Page - Rohm BD6583MUV-A_11 Datasheet HTML 12Page - Rohm BD6583MUV-A_11 Datasheet HTML 13Page - Rohm BD6583MUV-A_11 Datasheet HTML 14Page - Rohm BD6583MUV-A_11 Datasheet HTML 15Page - Rohm BD6583MUV-A_11 Datasheet HTML 16Page - Rohm BD6583MUV-A_11 Datasheet HTML 17Page - Rohm BD6583MUV-A_11 Datasheet HTML 18Page - Rohm BD6583MUV-A_11 Datasheet HTML 19Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
Technical Note
15/26
www.rohm.com
2011.06 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
BD6583MUV-A
LED current setting range
LED current can set up Normal and Starting setting current.
LED current can set up Normal current by resistance value (RISETH) connecting to ISETH voltage and LED current can set
Starting current by resistance value (RISETL) connecting to ISETL voltage.
Setting of each LED current is given as shown below.
Normal current = 20mA(24kΩ/RISETH)
Starting constant current = 0.6/RISET L
Also, Normal current setting range is 10mA~25mA, Starting current setting range is OFF setting or 1µA~100µA.
LED current can set OFF setting by open setting ISETL pin.
LED current becomes a leak current MAX 1µA at OFF setting.
ISETH Normal current setting example
ISETL Starting current setting example
RISETH
LED current
RISETL
LED current
24kΩ (E24)
20mA
6.2kΩ (E24)
97µA
25.5 kΩ (E96)
18.8mA
10kΩ (E6)
60µA
27 kΩ (E12)
17.8mA
47kΩ (E6)
13µA
28kΩ (E96)
17.1mA
100 kΩ (E6)
6µA
30kΩ (E24)
16.0mA
560 kΩ (E12)
1.1µA
33kΩ (E6)
14.5mA
Connect to VREG pin
0mA
The separations of the IC Power supply and coil Power supply
This IC can work in separating the power source in both IC power supply and coil power supply. With this application, it can
obtain that decrease of IC power consumption, and the applied voltage exceeds IC rating 22V.
That application is shown in below Fig 42. The higher voltage source is applied to the power source of coil that is connected
from an adapter etc. Next, the IC power supply is connected with a different coil power supply. Under the conditions for
inputting from 2.7V to 5.5V into IC VBAT, please follow the recommend design in Fig 38. It connects VBAT terminal and
VREG terminal together at IC outside.
When the coil power supply is applied, it is no any problem even though IC power supply is the state of 0V. Although IC
power supply is set to 0V, pull-down resistance is arranged for the power off which cuts off the leak route from coil power
supply in IC inside, the leak route is cut off. And, there is no power on-off sequence of coil power supply and IC power supply.
Fig.42 Application at the time of power supply isolation
10μF
Battery
VDET
SW
LED1
LED2
LED3
4.7μH
10LED x 6
SENSP
SENSN
LED4
20mA each
100mΩ
RTR020N05
2.2μF
RSTB
PWMDRV
PWMPOW
Power
ON/OFF
200Hz
PWM
VBAT
LED5
LED6
FAILSEL
VREG
1μF
2.7V to 5.5V
GND
24kΩ
TEST
GND
ISETH ISETL
GND
GND
IC Power supply
Coil Power supply
7V to 28V


Similar Part No. - BD6583MUV-A_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6583MUV-A ROHM-BD6583MUV-A_12 Datasheet
912Kb / 36P
   6-Channel White LED Driver
More results

Similar Description - BD6583MUV-A_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6581GU ROHM-BD6581GU Datasheet
751Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8113EFV ROHM-BD8113EFV_11 Datasheet
389Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M_11 Datasheet
365Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6142AMUV ROHM-BD6142AMUV Datasheet
630Kb / 28P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6150MUV ROHM-BD6150MUV_11 Datasheet
988Kb / 29P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6590MUV ROHM-BD6590MUV_11 Datasheet
873Kb / 27P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8119FM-M ROHM-BD8119FM-M Datasheet
449Kb / 21P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6586MUV ROHM-BD6586MUV_11 Datasheet
489Kb / 20P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD6592MUV ROHM-BD6592MUV_11 Datasheet
833Kb / 26P
   White Backlight LED Driver for Medium to Large LCD Panels (Switching Regulator Type)
BD8112EFV-M ROHM-BD8112EFV-M_11 Datasheet
615Kb / 23P
   White Backlight LED Drivers for Medium to Large LCD Panels (Switching Regulator Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com