Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPS-2380WG Datasheet(PDF) 7 Page - Optoway Technology Inc

Part # XPS-2380WG
Description  10Gbps / 80km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

XPS-2380WG Datasheet(HTML) 7 Page - Optoway Technology Inc

  XPS-2380WG_09 Datasheet HTML 1Page - Optoway Technology Inc XPS-2380WG_09 Datasheet HTML 2Page - Optoway Technology Inc XPS-2380WG_09 Datasheet HTML 3Page - Optoway Technology Inc XPS-2380WG_09 Datasheet HTML 4Page - Optoway Technology Inc XPS-2380WG_09 Datasheet HTML 5Page - Optoway Technology Inc XPS-2380WG_09 Datasheet HTML 6Page - Optoway Technology Inc XPS-2380WG_09 Datasheet HTML 7Page - Optoway Technology Inc XPS-2380WG_09 Datasheet HTML 8Page - Optoway Technology Inc XPS-2380WG_09 Datasheet HTML 9Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Optoway
XPS-2380WG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
7/1/2009
V2.0
7
RECOMMENDED POWER CIRCUIT SCHEMATIC
0.1
μF
0.1
μF
XFP Module
0.1
μF
Host Board
4.7
μH
4.7
μH
4.7
μH
4.7
μH
0.1
μF
0.1
μF
0.1
μF
0.1
μF
22
μF
22
μF
22
μF
22
μF
0.1
μF
Optional
Host +3.3V
Host +1.8V
Host -5.2V
Optional
Optional
Host +5V
VCC5
VCC3
VCC2
VEE5
RECOMMENDED INTERFACE CIRCUIT
Z=50
Ω
Z=50
Ω
Z=50
Ω
Z=50
Ω
Host Board
Vcc(+3.3V)
100
Ω
XFP module
100
Ω
4.7K to 10K
Ω
RD -
RD +
TD -
TD +
P_Down/RST
SCL
SDA
RX_LOS
TX_DIS
100
Ω
MOD_DeSel
MOD_abs
MOD_NR
INTERRUPT
REFCLKP
REFCLKN
CML
CML
CML
CML
GND
VCC(+3.3V)
SerDat Out+
SerDat Out-
SerDat In+
SerDat In-
10K
Ω


Similar Part No. - XPS-2380WG_09

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPS-2380WG OPTOWAY-XPS-2380WG Datasheet
289Kb / 9P
   10Gbps / 80km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
More results

Similar Description - XPS-2380WG_09

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPS-2380WG OPTOWAY-XPS-2380WG Datasheet
289Kb / 9P
   10Gbps / 80km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
XPS-2360WG OPTOWAY-XPS-2360WG_09 Datasheet
244Kb / 9P
   10Gbps / 60km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
XPS-2340WG OPTOWAY-XPS-2340WG_09 Datasheet
244Kb / 9P
   10Gbps / 40km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
XPS-23100WG OPTOWAY-XPS-23100WG Datasheet
234Kb / 9P
   10Gbps / 100km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
XPS-2340WG OPTOWAY-XPS-2340WG Datasheet
288Kb / 9P
   10Gbps / 40km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
XPS-2360WG OPTOWAY-XPS-2360WG Datasheet
288Kb / 9P
   10Gbps / 60km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
XPS-2380MWG OPTOWAY-XPS-2380MWG_09 Datasheet
242Kb / 9P
   80km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
XPS-2380MWG OPTOWAY-XPS-2380MWG Datasheet
234Kb / 9P
   80km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-720XPDZ AVAGO-AFBR-720XPDZ_13 Datasheet
423Kb / 15P
   10GbE XFP 850 nm 10Gbps Optical Transceiver
logo
Optoway Technology Inc
XPS-2341W-CXX0G OPTOWAY-XPS-2341W-CXX0G Datasheet
240Kb / 9P
   10Gbps / 40 km / CWDM XFP Single-Mode Optical Transceiver for OC-192 / 10GbE / 10G FC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com