Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPS-2380MWG Datasheet(PDF) 5 Page - Optoway Technology Inc

Part # XPS-2380MWG
Description  80km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

XPS-2380MWG Datasheet(HTML) 5 Page - Optoway Technology Inc

  XPS-2380MWG Datasheet HTML 1Page - Optoway Technology Inc XPS-2380MWG Datasheet HTML 2Page - Optoway Technology Inc XPS-2380MWG Datasheet HTML 3Page - Optoway Technology Inc XPS-2380MWG Datasheet HTML 4Page - Optoway Technology Inc XPS-2380MWG Datasheet HTML 5Page - Optoway Technology Inc XPS-2380MWG Datasheet HTML 6Page - Optoway Technology Inc XPS-2380MWG Datasheet HTML 7Page - Optoway Technology Inc XPS-2380MWG Datasheet HTML 8Page - Optoway Technology Inc XPS-2380MWG Datasheet HTML 9Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Optoway
XPS-2380MWG
***********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
9/1/2009
V2.0
5
CONNECTION DIAGRAM
Table 3 PIN Description
PIN
Logic
Signal Name
Description
Note
1
GND
Module Ground
1
2
VEE5
-5.2V Power Supply
(Not required)
3
3
LVTTL-I
Mod_Desel
Module De-select; When held low allows module to respond to 2-wire serial interface
4
LVTTL-O
Interrupt
Interrupt; Indicates presence of an important condition which can be read over the
2wire serial interface
2
5
LVTTL-I
TX_DIS
Transmitter Disable; Turns off transmitter laser output
6
VCC5
+5V Power Supply
3
7
GND
Module Ground
1
8
VCC3
+3.3V Power Supply
9
VCC3
+3.3V Power Supply
10 LVTTL-I/O
SCL
Serial 2-wire interface clock
2
11 LVTTL-I/O
SDA
Serial 2-wire interface data line
2
12 LVTTL-O
Mod_Abs
Indicates Module is not present. Grounded in the Module
2
13 LVTTL-O
Mod_NR
Module Not Ready; Indicating Module Operational Fault
2
14 LVTTL-O
RX_LOS
Receiver Loss Of Signal Indicator
2
15
GND
Module Ground
1
16
GND
Module Ground
1
17 CML-O
RD-
Receiver Inverted Data Output
18 CML-O
RD+
Receiver Non-Inverted Data Output
19
GND
Module Ground
1
20
VCC2
+1.8V Power Supply (Not required)
3


Similar Part No. - XPS-2380MWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPS-2380MWG OPTOWAY-XPS-2380MWG Datasheet
234Kb / 9P
   80km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
More results

Similar Description - XPS-2380MWG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
XPS-2380MWG OPTOWAY-XPS-2380MWG Datasheet
234Kb / 9P
   80km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
XPS-2340MWG OPTOWAY-XPS-2340MWG Datasheet
237Kb / 9P
   40km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
XPS-2340MWG OPTOWAY-XPS-2340MWG_09 Datasheet
245Kb / 9P
   40km / 1550 nm / 10G Multirate XFP Single-Mode Optical Transceiver
XPS-2380WG OPTOWAY-XPS-2380WG Datasheet
289Kb / 9P
   10Gbps / 80km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
XPS-2380WG OPTOWAY-XPS-2380WG_09 Datasheet
242Kb / 9P
   10Gbps / 80km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
XPS-2360WG OPTOWAY-XPS-2360WG_09 Datasheet
244Kb / 9P
   10Gbps / 60km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
XPS-2340WG OPTOWAY-XPS-2340WG_09 Datasheet
244Kb / 9P
   10Gbps / 40km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
XPS-23100WG OPTOWAY-XPS-23100WG Datasheet
234Kb / 9P
   10Gbps / 100km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
XPS-2340WG OPTOWAY-XPS-2340WG Datasheet
288Kb / 9P
   10Gbps / 40km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
XPS-2360WG OPTOWAY-XPS-2360WG Datasheet
288Kb / 9P
   10Gbps / 60km / 1550 nm XFP Single-Mode Optical Transceiver for 10GbE / 10G FC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com