Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GP1AQ36L Datasheet(PDF) 1 Page - Sharp Electrionic Components

Part No. GP1AQ36L
Description  High Temperature Operation Type OPIC Photointerrupter with Connector
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Electrionic Components]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

GP1AQ36L Datasheet(HTML) 1 Page - Sharp Electrionic Components

  GP1AQ36L Datasheet HTML 1Page - Sharp Electrionic Components GP1AQ36L Datasheet HTML 2Page - Sharp Electrionic Components GP1AQ36L Datasheet HTML 3Page - Sharp Electrionic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GP1AQ36L
GP1AQ36L
*1 Collector-emitter voltage of output transistor
*2 Collector current of output transistor
*3 The connector should be plugged in/out and the unit's hook should be used at normal temperature.
s Features
s Applications
s Outline Dimensions
(Unit : mm )
1. Capable of operation at high temperature
( Operating temperature: 90˚C MAX. )
2. Snap-in mounting type
3. Can be mounted on 2 different thickness
boards ( 1.0mm, 1.2mm )
4. Uses 3-pin connector terminal
1. Copiers, laser beam printers
2. Facsimiles
3. FA equipment
Parameter
Symbol
Rating
Unit
Supply voltage
VCC
- 0.5 to + 10
V
*1Output voltage
VO
- 0.5 to + 28
V
*2Low level output current
IOL
50
mA
*3Operating temperature
Topr
- 25 to + 90
˚C
*3Storage temperature
Tstg
- 40 to + 90
˚C
s Absolute Maximum Ratings
(Ta = 25˚C )
are shown on the page after next
gg Recommended connecters on the inserted side
4.0
1.0
15.0
2.5
5.0 5.0 5.0
5.4
3.4
2.4
1.0
1.0
5.4
g
Internal connection diagram
Voltage regulator
Slit width
1
2
3
3 GND
1
2
3
Amp.
2 - 0.9
*( ) : Reference dimensions
No.171825-3
Recommended connector on
the inserted side
*Unspecified tolerances shall be as follows;
Dimensions(d) Tolerance
d<=6.0
± 0.15
6.0< d<=14.0
± 0.2
14.0<= d
± 0.3
g JAPAN AMP made connector
High Temperature Operation
Type OPIC Photointerrupter
with Connector
An OPIC consists of a light-detecting element and signal-
processing circuit integrated onto a single chip.
*“ OPIC” ( Optical IC ) is a trademark of the SHARP Corporation.
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
1 VCC
2 V O
2-0.5
+ 0.1
- 0.2
20.0
+ 0
- 0.2
172053-3, etc. gg


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
GP1A40 CONNECTOR TERMINAL TYPE OPIC PHOTOINTERRUPTER WITH LEVER TYPE ACTUATOR 1  2  3  Sharp Electrionic Components
GP1A34LC OPIC Photointerrupter with Connector 1  2  3  4  Sharp Electrionic Components
GP1A38L5 Multi-channel OPIC Photointerrupter with Connector 1  2  3  4  Sharp Electrionic Components
GP1A73A Compact OPIC Photointerrupter with Connector 1  2  3  4  Sharp Electrionic Components
GP1A74A Compact OPIC Photointerrupter with Connector 1  2  3  4  Sharp Electrionic Components
GP1A75E Small Size OPIC Photointerrupter with Connector 1  2  3  Sharp Electrionic Components
GP1A08 HIGH SENSITIVITY TYPE OPIC PHOTOINTERRUPTER 1  2  3  4  Sharp Electrionic Components
GP1S56T Compact High Sensing Accuracy Type Photointerrupter with Positioning Pin 1  2  3  4  Sharp Electrionic Components
GP2S30 Long Focal Distance Type Photointerrupter with Connector 1  2  3  4  Sharp Electrionic Components
GP1A18 HIGH SENSITIVITY TYPE OPIC PHOTOINTERRUPTER 1  2  3  4  Sharp Electrionic Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn