Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GP1A70R Datasheet(PDF) 6 Page - Sharp Electrionic Components

Part No. GP1A70R
Description  OPIC Photointerrupter with Encoder Functions
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Electrionic Components]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

GP1A70R Datasheet(HTML) 6 Page - Sharp Electrionic Components

  GP1A70R Datasheet HTML 1Page - Sharp Electrionic Components GP1A70R Datasheet HTML 2Page - Sharp Electrionic Components GP1A70R Datasheet HTML 3Page - Sharp Electrionic Components GP1A70R Datasheet HTML 4Page - Sharp Electrionic Components GP1A70R Datasheet HTML 5Page - Sharp Electrionic Components GP1A70R Datasheet HTML 6Page - Sharp Electrionic Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Z
OPIC
( Emitting side)
(Detecting side)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
GP1A70R
Disk
Distance Z ( mm ) ( Shifting encoder)
70
80
90
100
110
120
60
0
0.8
80
90
100
110
120
130
140
Distance Z ( mm ) ( Shifting encoder)
0.1
GP1A71R
0.7
0.6
0.5
0.4
0.3
0.2
OPIC
(Detecting side )
( Emitting side )
Z
Disk
GP1A70R/GP1A71R
6 ˚
3 ˚
R10.89
R13.24
Disk center
13
6
8.625
4
S
GP1A70R
X'
X'
11.185
4
S
Disk center
R13.45
1.5˚
R15.8
GP1A71R
13
6
3 ˚
<Measurement Conditions>
( Unit : mm )
X
X
< GP1A70R Basic Design>
a slit ) and S (installing position of GP1A70R) will be
provided by the following equations.
R =N
O
RO (distance between the disk center and half point of
S= RO- 2.265 (mm)
< GP1A71R Basic Design>
RO (distance between the disk center and half point of
a slit ) and S (installing position of GP1A71R) will be
provided by the following equations.
S= RO- 2.265(mm)
RO
(GP1A70R )
Fig.12-a Phase Difference vs. Distance
( Z direction )
Fig.12-b Phase Difference vs. Distance
( Z direction )
(GP1A71R )
= N/120 x 13.45 (mm) N : number of slits
/60 x 10.89 (mm ) N : number of slits
s Precautions for Use
( 2) It is recommended that a by-pass capacitor of more than 0.01
µF be added
between V CC and GND near the device in order to stabilize power supply line.
VCC =5V
IF= 20mA
f= 2.5kHz
Ta= 25˚C
VCC =5V
IF= 20mA
f= 2.5kHz
Ta= 25˚C
t
tAP
θ
=
360˚
AB1
AB1
t
tAP
θ=
360
x
x
˚
AB1
AB1
RO
RO
( 1) This device is designed to be used under the condition of IF = 20mA
( 3) As for other general cautions, refer to the chapter “ Precautions for Use” .


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
GP1A35RV High Sensing Accuracy OPIC Photointerrupter with Encoder Functions 1  2  3  4  5  Sharp Electrionic Components
GP1A35R OPIC PHOTOINTERRUPTER WITH ENCODER FUNCTIONS 1  2  3  4  5  Sharp Electrionic Components
GP1A038RBK OPIC Photointerrupter with Encoder Function 1  2  3  4  Sharp Electrionic Components
GP1A30R OPIC Photointerrupter with Encoder Function 1  2  3  4  Sharp Electrionic Components
GP1A36RB OPIC Photointerrupter with Encoder Function 1  2  3  Sharp Electrionic Components
GP1A16R OPIC PHOTOINTERRUPTER WITH ENCODER FUNCTION 1  2  3  4  Sharp Electrionic Components
GP1A13R OPIC PHOTOINTERRUPTER WITH ENCODER FUNTION 1  2  3  4  5  Sharp Electrionic Components
GP1A05 OPIC Photointerrupter with Connector 1  2  3  4  Sharp Electrionic Components
GP1A75E Small Size OPIC Photointerrupter with Connector 1  2  3  Sharp Electrionic Components
GP1A10 OPIC Photointerrupter with Connetor 1  2  3  4  Sharp Electrionic Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn