Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GP1A70R Datasheet(PDF) 2 Page - Sharp Electrionic Components

Part No. GP1A70R
Description  OPIC Photointerrupter with Encoder Functions
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Electrionic Components]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

GP1A70R Datasheet(HTML) 2 Page - Sharp Electrionic Components

  GP1A70R Datasheet HTML 1Page - Sharp Electrionic Components GP1A70R Datasheet HTML 2Page - Sharp Electrionic Components GP1A70R Datasheet HTML 3Page - Sharp Electrionic Components GP1A70R Datasheet HTML 4Page - Sharp Electrionic Components GP1A70R Datasheet HTML 5Page - Sharp Electrionic Components GP1A70R Datasheet HTML 6Page - Sharp Electrionic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
*3 Measured under the condition shown in Measurement Conditions.
( Ta = 25˚C unless otherwise specified )
s Output Waveforms
Parameter
Symbol
Input
Forward voltage
V F
Reverse current
IR
Output
Operating supply voltage
VCC
High level output voltage
VOH
Low level output voltage
VOL
Supply current
ICC
Transfer
charac-
teristics
Duty ratio
GP1A70R
*5DA , D B
GP1A71R
Response frequency
f MAX.
tAH
tAP
tBH
tBP
Output A
( VOA)
Output B
( VOB)
Rotational direction : Counterclockwise when seen
Conditions
MIN.
TYP.
MAX.
Unit
IF = 20mA, Ta= 25˚C
-
1.2
1.4
V
--
10
µ A
4.5
5.0
5.5
V
*3VCC= 5V, I F= 20mA
2.4
4.9
-
V
-
0.1
0.4
V
*4VCC= 5V, I F= 20mA
-
5
20
mA
25
50
75
%
50
%
*3VCC= 5V, I F= 20mA
-
-
10
kHz
GP1A70R/GP1A71R
V R= 3V, Ta= 25˚C
*3IOL= 8mA, VCC= 5V, I F= 20mA
*3VCC= 5V, I F= 20mA, f = 2.5kHz
t AH
t AP
t BH
t BP
*4 In the condition that output A and B are low level.
*5 D A:
x 100, DB :
x 100, Duty ratio : Average disk rotation time per turn
from OPIC light detector
0
10
20
30
40
50
60
100
75
50
25
0
70
Ambient temperature Ta (˚C)
Fig. 1 Forward Current vs. Ambient
Temperature
300
250
200
150
100
50
0
Ambient temperature Ta (˚C)
Fig. 2 Output Power Dissipation vs.
Ambient Temperature
tAB1
75
100
75
50
25
0
70
25
s Electro-optical Characteristics


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
GP1A35RV High Sensing Accuracy OPIC Photointerrupter with Encoder Functions 1  2  3  4  5  Sharp Electrionic Components
GP1A35R OPIC PHOTOINTERRUPTER WITH ENCODER FUNCTIONS 1  2  3  4  5  Sharp Electrionic Components
GP1A038RBK OPIC Photointerrupter with Encoder Function 1  2  3  4  Sharp Electrionic Components
GP1A30R OPIC Photointerrupter with Encoder Function 1  2  3  4  Sharp Electrionic Components
GP1A36RB OPIC Photointerrupter with Encoder Function 1  2  3  Sharp Electrionic Components
GP1A16R OPIC PHOTOINTERRUPTER WITH ENCODER FUNCTION 1  2  3  4  Sharp Electrionic Components
GP1A13R OPIC PHOTOINTERRUPTER WITH ENCODER FUNTION 1  2  3  4  5  Sharp Electrionic Components
GP1A05 OPIC Photointerrupter with Connector 1  2  3  4  Sharp Electrionic Components
GP1A75E Small Size OPIC Photointerrupter with Connector 1  2  3  Sharp Electrionic Components
GP1A10 OPIC Photointerrupter with Connetor 1  2  3  4  Sharp Electrionic Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn