Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D6F-10A5-000 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # D6F-10A5-000
Description  MEMS Airflow Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D6F-10A5-000 Datasheet(HTML) 1 Page - Omron Electronics LLC

  D6F-10A5-000 Datasheet HTML 1Page - Omron Electronics LLC D6F-10A5-000 Datasheet HTML 2Page - Omron Electronics LLC D6F-10A5-000 Datasheet HTML 3Page - Omron Electronics LLC D6F-10A5-000 Datasheet HTML 4Page - Omron Electronics LLC D6F-10A5-000 Datasheet HTML 5Page - Omron Electronics LLC D6F-10A5-000 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MEMS Airflow Sensor
D6F-10A, -20A, -50A
23
MEMS Airflow Sensor
D6F-10A, -20A, -50A
Compact, intelligent sensor featuring
MEMS technology for precision mass
airflow measurement
• Precision mass airflow up to 50 LPM
• Stable output across full scale
• Manifold mounting feature with NBR ‘O’ ring option
• Compact size 78 (L) x 30 (W) x 30 (H) mm
• Low power consumption
• RoHS Compliant
Ordering Information
Note: Cable Assembly is sold separately.
* Contact Omron for other gases or thread types.
**Mass flow converted to volumetric flow (standard liters per minute) at 0
°C and 1 atm.
■ Application Examples
• Industrial processes
• Medical Respirators and Ventilators
• MiG and TiG welding systems
• Anesthesia Delivery
• Mass flow controllers
• Scientific / test equipment
• Fuel cell controls
Rating
■ Absolute maximum rating
■ Electrical Performance
Description
Case
Applicable Gas
Flow Range**
Connection Type
Model
Mass Flow Sensor
Thermoplastic resin
/ Aluminum alloy
Air*
0 – 10 LPM
Right-angle manifold
mount connection
D6F-10A5-000
0 – 20 LPM
D6F-20A5-000
0 – 50 LPM
D6F-50A5-000
0 – 10 LPM
Straight RC1/4 (1/4” BSPT)
threaded pipe*
D6F-10A6-000
0 – 20 LPM
D6F-20A6-000
0 – 50 LPM
D6F-50A6-000
Cable Connector Assembly
- - -
- - -
- - -
- - -
D6F-CABLE1
Item
Symbol
Ratings
Unit
Power supply
V
CC
26.4
VDC
Output voltage
V
OUT
6VDC
Item
Term
Condition
MIN
MAX
Unit
Power supply
V
CC
10.8
26.4
VDC
Operating temperature
T
OPR
No condensation or icing
-10
60
°C
Output voltage (max.)
V
OH
V
CC = 12 to 24VDC IOH = 0.5mA
5
5.7
VDC
Output voltage (min.)
V
OL
V
CC = 12 to 24VDC IOL = -0.5mA
0
1
VDC


Similar Part No. - D6F-10A5-000

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D6F-10A5 OMRON-D6F-10A5 Datasheet
1Mb / 8P
   MEMS Airflow Sensor
More results

Similar Description - D6F-10A5-000

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D6F-10A OMRON-D6F-10A Datasheet
1Mb / 8P
   MEMS Airflow Sensor
logo
List of Unclassifed Man...
AWM5104VN ETC2-AWM5104VN Datasheet
131Kb / 1P
   MASS AIRFLOW SENSOR
logo
Honeywell Accelerometer...
AWM1100V HONEYWELL-ACC-AWM1100V Datasheet
58Kb / 1P
   MASS AIRFLOW SENSOR
logo
Honeywell Solid State E...
AWM5104VA HONEYWELL-AWM5104VA Datasheet
130Kb / 1P
   MASS AIRFLOW SENSOR
logo
Honeywell Accelerometer...
AWM1200V HONEYWELL-ACC-AWM1200V Datasheet
57Kb / 1P
   MASS AIRFLOW SENSOR
AWM1300V HONEYWELL-ACC-AWM1300V Datasheet
59Kb / 1P
   MASS AIRFLOW SENSOR
logo
Analog Devices
TMP12 AD-TMP12_15 Datasheet
710Kb / 12P
   Airflow and Temperature Sensor
TMP12 AD-TMP12 Datasheet
446Kb / 14P
   Airflow and Temperature Sensor
REV. 0
logo
Omron Electronics LLC
D6F-P0010A OMRON-D6F-P0010A Datasheet
405Kb / 5P
   MEMS Flow Sensor
logo
ALPS ELECTRIC CO.,LTD.
HSPPAR ALPS-HSPPAR Datasheet
370Kb / 1P
   MEMS Pressure Sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com