Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D6F-10A Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # D6F-10A
Description  MEMS Airflow Sensor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D6F-10A Datasheet(HTML) 4 Page - Omron Electronics LLC

  D6F-10A_10 Datasheet HTML 1Page - Omron Electronics LLC D6F-10A_10 Datasheet HTML 2Page - Omron Electronics LLC D6F-10A_10 Datasheet HTML 3Page - Omron Electronics LLC D6F-10A_10 Datasheet HTML 4Page - Omron Electronics LLC D6F-10A_10 Datasheet HTML 5Page - Omron Electronics LLC D6F-10A_10 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
26
MEMS Airflow Sensor
D6F-10A, -20A, -50A
Dimensions
Unit: mm
D6F-10A5-000, D6F-20A5-000, D6F-50A5-000
D6F-10A6-000, D6F-20A6-000, and D6F-50A6-000
Applicable Cable for D6F-
@A@-000 (Optional - sold separately)
part number: D6F-CABLE1
Note: Be sure to read the precautions and information common to all D6F sensors, contained in the Technical User’s Guide, “D6F Technical Information”
for correct use.
30.4
30
±0.5
66
±0.2
66
±0.05
14
±0.05
Four, M3
14
±0.1
Four, 3.2-dia. holes
Two, 5-dia holes
30
±0.5
78
±0.5
5.7
3.4
6
Enlarged view
Mounting Hole
Dimensions
3: GND
2: Vout
1: Vcc
30.4
30
±0.5
66
±0.2
12
±0.2
30
±0.5
78
±0.5
5.7
3.4
6
Tapered pipe thread
Two, Rc1/4
(1/4” BPST - British
Standard Pipe, Threaded)
Two, M3 screws
(Effective depth: 4.5)
66
±0.05
12
±0.05
Two, M3
Enlarged view
3: GND
2: Vout
1: Vcc
Mounting Hole
Dimensions
1. Vcc
2. Vout
Brown wire
Black wire
100±15
200±35
Blue wire
3. GND
Housing: Molex - 51021
Terminal: Molex - 50079
Wire: 26-28 AWG


Similar Part No. - D6F-10A_10

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D6F-10A5 OMRON-D6F-10A5 Datasheet
1Mb / 8P
   MEMS Airflow Sensor
D6F-10A6 OMRON-D6F-10A6 Datasheet
1Mb / 8P
   MEMS Airflow Sensor
D6F-10A7D-000-0 OMRON-D6F-10A7D-000-0 Datasheet
1Mb / 12P
   Sensor Evaluation Board
2019
More results

Similar Description - D6F-10A_10

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D6F-10A OMRON-D6F-10A Datasheet
1Mb / 8P
   MEMS Airflow Sensor
logo
List of Unclassifed Man...
AWM5104VN ETC2-AWM5104VN Datasheet
131Kb / 1P
   MASS AIRFLOW SENSOR
logo
Honeywell Accelerometer...
AWM1100V HONEYWELL-ACC-AWM1100V Datasheet
58Kb / 1P
   MASS AIRFLOW SENSOR
logo
Honeywell Solid State E...
AWM5104VA HONEYWELL-AWM5104VA Datasheet
130Kb / 1P
   MASS AIRFLOW SENSOR
logo
Honeywell Accelerometer...
AWM1200V HONEYWELL-ACC-AWM1200V Datasheet
57Kb / 1P
   MASS AIRFLOW SENSOR
AWM1300V HONEYWELL-ACC-AWM1300V Datasheet
59Kb / 1P
   MASS AIRFLOW SENSOR
logo
Analog Devices
TMP12 AD-TMP12_15 Datasheet
710Kb / 12P
   Airflow and Temperature Sensor
TMP12 AD-TMP12 Datasheet
446Kb / 14P
   Airflow and Temperature Sensor
REV. 0
logo
Omron Electronics LLC
D6F-P0010A OMRON-D6F-P0010A Datasheet
405Kb / 5P
   MEMS Flow Sensor
logo
ALPS ELECTRIC CO.,LTD.
HSPPAR ALPS-HSPPAR Datasheet
370Kb / 1P
   MEMS Pressure Sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com