Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2657CUFD-L12PBF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2657CUFD-L12PBF
Description  Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2657CUFD-L12PBF Datasheet(HTML) 2 Page - Linear Technology

  LTC2657CUFD-L12PBF Datasheet HTML 1Page - Linear Technology LTC2657CUFD-L12PBF Datasheet HTML 2Page - Linear Technology LTC2657CUFD-L12PBF Datasheet HTML 3Page - Linear Technology LTC2657CUFD-L12PBF Datasheet HTML 4Page - Linear Technology LTC2657CUFD-L12PBF Datasheet HTML 5Page - Linear Technology LTC2657CUFD-L12PBF Datasheet HTML 6Page - Linear Technology LTC2657CUFD-L12PBF Datasheet HTML 7Page - Linear Technology LTC2657CUFD-L12PBF Datasheet HTML 8Page - Linear Technology LTC2657CUFD-L12PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC2657
2
2657f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC) ................................... –0.3V to 6V
SCL, SDA, LDAC, REFLO.............................. –0.3V to 6V
VOUTA to VOUTH ................. –0.3V to Min(VCC + 0.3V, 6V)
REFIN/OUT, REFCOMP...... –0.3V to Min(VCC + 0.3V, 6V)
PORSEL, CA0, CA1, CA2... –0.3V to Min(VCC + 0.3V, 6V)
(Notes 1, 2)
FE PACKAGE
20-LEAD PLASTIC TSSOP
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
REFLO
VOUTA
VOUTB
REFCOMP
VOUTC
VOUTD
REFIN/OUT
LDAC
CA2
SCL
GND
VCC
VOUTH
VOUTG
VOUTF
VOUTE
PORSEL
CA0
CA1
SDA
21
TJMAX = 150°C, θJA = 38°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
20 19 18 17
7
8
TOP VIEW
21
UFD PACKAGE
20-LEAD (4mm
5mm) PLASTIC QFN
9
10
6
5
4
3
2
1
11
12
13
14
15
16
VOUTB
REFCOMP
VOUTC
VOUTD
REFIN/OUT
LDAC
VOUTH
VOUTG
VOUTF
VOUTE
PORSEL
CA0
TJMAX = 150°C, θJA = 43°C/W
EXPOSED PAD (PIN 21) IS GND, MUST BE SOLDERED TO PCB
Operating Temperature Range
LTC2657C ................................................ 0°C to 70°C
LTC2657I..............................................–40°C to 85°C
Maximum Junction Temperature........................... 150°C
Storage Temperature Range.......................–65 to 150°C
Lead Temperature (Soldering FE-Package, 10 sec).. 300°C


Similar Part No. - LTC2657CUFD-L12PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2657 LINER-LTC2657 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2657 LINER-LTC2657_15 Datasheet
1Mb / 24P
   Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
More results

Similar Description - LTC2657CUFD-L12PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2656 LINER-LTC2656 Datasheet
292Kb / 24P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_1 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2657 LINER-LTC2657_15 Datasheet
1Mb / 24P
   Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2654 LINER-LTC2654 Datasheet
339Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2656 LINER-LTC2656_15 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2655 LINER-LTC2655 Datasheet
363Kb / 28P
   Quad I짼C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2655 LINER-LTC2655_15 Datasheet
368Kb / 28P
   Quad I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2654 LINER-LTC2654_15 Datasheet
353Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2634 LINER-LTC2634 Datasheet
382Kb / 28P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com