Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2656CUFD-L12PBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2656CUFD-L12PBF
Description  Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2656CUFD-L12PBF Datasheet(HTML) 4 Page - Linear Technology

  LTC2656CUFD-L12PBF Datasheet HTML 1Page - Linear Technology LTC2656CUFD-L12PBF Datasheet HTML 2Page - Linear Technology LTC2656CUFD-L12PBF Datasheet HTML 3Page - Linear Technology LTC2656CUFD-L12PBF Datasheet HTML 4Page - Linear Technology LTC2656CUFD-L12PBF Datasheet HTML 5Page - Linear Technology LTC2656CUFD-L12PBF Datasheet HTML 6Page - Linear Technology LTC2656CUFD-L12PBF Datasheet HTML 7Page - Linear Technology LTC2656CUFD-L12PBF Datasheet HTML 8Page - Linear Technology LTC2656CUFD-L12PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
LTC2656
4
2656fa
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING* PACKAGE DESCRIPTION
TEMPERATURE
RANGE
MAXIMUM
INL
LTC2656BCFE-L16#PBF
LTC2656BIFE-L16#PBF
LTC2656BCFE-L16#TRPBF
LTC2656BIFE-L16#TRPBF
LTC2656FE-L16
LTC2656FE-L16
20-Lead Thermally Enhanced TSSOP
20-Lead Thermally Enhanced TSSOP
0°C to 70°C
–40°C to 85°C
±4
±4
LTC2656BCUFD-L16#PBF
LTC2656BIUFD-L16#PBF
LTC2656BCUFD-L16#TRPBF
LTC2656BIUFD-L16#TRPBF
56L16
56L16
20-Lead (4mm × 5mm) Plastic QFN
20-Lead (4mm × 5mm) Plastic QFN
0°C to 70°C
–40°C to 85°C
±4
±4
LTC2656BCFE-H16#PBF
LTC2656BIFE-H16#PBF
LTC2656BCFE-H16#TRPBF
LTC2656BIFE-H16#TRPBF
LTC2656FE-H16
LTC2656FE-H16
20-Lead Thermally Enhanced TSSOP
20-Lead Thermally Enhanced TSSOP
0°C to 70°C
–40°C to 85°C
±4
±4
LTC2656BCUFD-H16#PBF
LTC2656BIUFD-H16#PBF
LTC2656BCUFD-H16#TRPBF
LTC2656BIUFD-H16#TRPBF
56H16
56H16
20-Lead (4mm × 5mm) Plastic QFN
20-Lead (4mm × 5mm) Plastic QFN
0°C to 70°C
–40°C to 85°C
±4
±4
LTC2656CCFE-L16#PBF
LTC2656CIFE-L16#PBF
LTC2656CCFE-L16#TRPBF
LTC2656CIFE-L16#TRPBF
LTC2656CFE-L16
LTC2656CFE-L16
20-Lead Thermally Enhanced TSSOP
20-Lead Thermally Enhanced TSSOP
0°C to 70°C
–40°C to 85°C
±12
±12
LTC2656CCUFD-L16#PBF
LTC2656CIUFD-L16#PBF
LTC2656CCUFD-L16#TRPBF
LTC2656CIUFD-L16#TRPBF
6CL16
6CL16
20-Lead (4mm × 5mm) Plastic QFN
20-Lead (4mm × 5mm) Plastic QFN
0°C to 70°C
–40°C to 85°C
±12
±12
LTC2656CFE-L12#PBF
LTC2656IFE-L12#PBF
LTC2656CFE-L12#TRPBF
LTC2656IFE-L12#TRPBF
LTC2656FE-L12
LTC2656FE-L12
20-Lead Thermally Enhanced TSSOP
20-Lead Thermally Enhanced TSSOP
0°C to 70°C
–40°C to 85°C
±1
±1
LTC2656CUFD-L12#PBF
LTC2656IUFD-L12#PBF
LTC2656CUFD-L12#TRPBF
LTC2656IUFD-L12#TRPBF
56L12
56L12
20-Lead (4mm × 5mm) Plastic QFN
20-Lead (4mm × 5mm) Plastic QFN
0°C to 70°C
–40°C to 85°C
±1
±1
LTC2656CFE-H12#PBF
LTC2656IFE-H12#PBF
LTC2656CFE-H12#TRPBF
LTC2656IFE-H12#TRPBF
LTC2656FE-H12
LTC2656FE-H12
20-Lead Thermally Enhanced TSSOP
20-Lead Thermally Enhanced TSSOP
0°C to 70°C
–40°C to 85°C
±1
±1
LTC2656CUFD-H12#PBF
LTC2656IUFD-H12#PBF
LTC2656CUFD-H12#TRPBF
LTC2656IUFD-H12#TRPBF
56H12
56H12
20-Lead (4mm × 5mm) Plastic QFN
20-Lead (4mm × 5mm) Plastic QFN
0°C to 70°C
–40°C to 85°C
±1
±1
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the
shipping container. Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/


Similar Part No. - LTC2656CUFD-L12PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2656CUFD-L12PBF LINER-LTC2656CUFD-L12PBF Datasheet
292Kb / 24P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
More results

Similar Description - LTC2656CUFD-L12PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2656 LINER-LTC2656 Datasheet
292Kb / 24P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2657 LINER-LTC2657 Datasheet
1Mb / 24P
   Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2654 LINER-LTC2654 Datasheet
339Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2656 LINER-LTC2656_15 Datasheet
1Mb / 26P
   Octal 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2655 LINER-LTC2655 Datasheet
363Kb / 28P
   Quad I짼C 16-/12-Bit Rail-to-Rail DACs with 10ppm/째C Max Reference
LTC2657 LINER-LTC2657_15 Datasheet
1Mb / 24P
   Octal I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2654 LINER-LTC2654_15 Datasheet
353Kb / 24P
   Quad 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2655 LINER-LTC2655_15 Datasheet
368Kb / 28P
   Quad I2C 16-/12-Bit Rail-to-Rail DACs with 10ppm/C Max Reference
LTC2634 LINER-LTC2634 Datasheet
382Kb / 28P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
LTC2634 LINER-LTC2634_2 Datasheet
454Kb / 30P
   Quad 12-/10-/8-Bit Rail-to-Rail DACs with 10ppm/째C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com