Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2637-HMX12 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2637-HMX12
Description  Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2637-HMX12 Datasheet(HTML) 5 Page - Linear Technology

  LTC2637-HMX12 Datasheet HTML 1Page - Linear Technology LTC2637-HMX12 Datasheet HTML 2Page - Linear Technology LTC2637-HMX12 Datasheet HTML 3Page - Linear Technology LTC2637-HMX12 Datasheet HTML 4Page - Linear Technology LTC2637-HMX12 Datasheet HTML 5Page - Linear Technology LTC2637-HMX12 Datasheet HTML 6Page - Linear Technology LTC2637-HMX12 Datasheet HTML 7Page - Linear Technology LTC2637-HMX12 Datasheet HTML 8Page - Linear Technology LTC2637-HMX12 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTC2637
5
2637fb
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, VOUT unloaded unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUT
DAC Output Span
External Reference
Internal Reference
0 to VREF
0 to 2.5
V
V
PSR
Power Supply Rejection
VCC = 3V±10% or 5V±10%
–80
dB
ISC
Short Circuit Output Current (Note 6)
Sinking
Sourcing
VFS = VCC = 5.5V
Zero-Scale; VOUT shorted to VCC
Full-Scale; VOUT shorted to GND
l
l
27
–28
48
–48
mA
mA
Power Supply
VCC
Positive Supply Voltage
For Specified Performance
l
2.7
5.5
V
ICC
Supply Current (Note 7)
VCC = 3V, VREF =2.5V, External Reference
VCC = 3V, Internal Reference
VCC = 5V, VREF =2.5V, External Reference
VCC = 5V, Internal Reference
l
l
l
l
0.8
0.9
0.9
1
1.1
1.3
1.3
1.5
mA
mA
mA
mA
ISD
Supply Current in Power-Down Mode
(Note 7)
VCC = 5V, C-Grade, I-Grade
VCC = 5V, H-Grade
l
l
1
1
20
30
μA
μA
LTC2637-LMI12/ LTC2637-LMI10/ LTC2637-LMI8/ LTC2637-LMX12/ LTC2637-LMX10/ LTC2637-LMX8/ LTC2637-LZ12/
LTC2637-LZ10/ LTC2637-LZ8 (VFS = 2.5V)
SYMBOL
PARAMETER
CONDITIONS
LTC2637-8
LTC2637-10
LTC2637-12
UNITS
MIN
TYP
MAX MIN
TYP
MAX MIN TYP
MAX
Resolution
l
8
10
12
Bits
Monotonicity
VCC = 3V, Internal Reference (Note 4)
l
8
10
12
Bits
DNL
Differential Nonlinearity
VCC = 3V, Internal Reference (Note 4)
l
±0.5
±0.5
±1
LSB
INL
Integral Nonlinearity
VCC = 3V, Internal Reference (Note 4)
l
±0.05
±0.5
±0.2
±1
±1
±2.5
LSB
ZSE
Zero-Scale Error
VCC = 3V, Internal Reference, Code = 0
l
0.5
5
0.5
5
0.5
5
mV
VOS
Offset Error
VCC = 3V, Internal Reference (Note 5)
l
±0.5
±5
±0.5
±5
±0.5
±5
mV
VOSTC
VOS Temperature
Coefficient
VCC=3V, Internal Reference
±10
±10
±10
μV/°C
GE
Gain Error
VCC = 3V, Internal Reference
l
±0.2
±0.8
±0.2
±0.8
±0.2
±0.8
%FSR
GETC
Gain Temperature
Coefficient
VCC = 3V, Internal Reference (Note 10)
C-Grade
I-Grade
H-Grade
10
10
10
10
10
10
10
10
10
ppm/°C
ppm/°C
ppm/°C
Load Regulation
Internal Reference, Mid-Scale,
VCC = 3V±10%,
–5mA ≤ IOUT ≤ 5mA
VCC = 5V±10%, (Note 15)
–10mA ≤ IOUT ≤ 10mA
l
l
0.009
0.009
0.016
0.016
0.035
0.035
0.064
0.064
0.14
0.14
0.256
0.256
LSB/mA
LSB/mA
ROUT
DC Output Impedance
Internal Reference, Mid-Scale,
VCC = 3V±10%,
–5mA ≤ IOUT ≤ 5mA
VCC = 5V±10%, (Note 15)
–10mA ≤ IOUT ≤ 10mA
l
l
0.09
0.09
0.156
0.156
0.09
0.09
0.156
0.156
0.09
0.09
0.156
0.156
Ω
Ω


Similar Part No. - LTC2637-HMX12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2637 LINER-LTC2637 Datasheet
1Mb / 28P
   Mobile Communications
LTC2637 LINER-LTC2637 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
logo
Analog Devices
LTC2637 AD-LTC2637 Datasheet
702Kb / 30P
   Octal 12-/10-/8-Bit I2C VOUT DACs Reference
logo
Linear Technology
LTC2637 LINER-LTC2637_15 Datasheet
436Kb / 28P
   Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
More results

Similar Description - LTC2637-HMX12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2633 LINER-LTC2633 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2631 LINER-LTC2631 Datasheet
354Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2635 LINER-LTC2635_1 Datasheet
526Kb / 32P
   Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2637 LINER-LTC2637_15 Datasheet
436Kb / 28P
   Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2640 LINER-LTC2640 Datasheet
345Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/째C Reference
logo
Analog Devices
LTC2637 AD-LTC2637 Datasheet
702Kb / 30P
   Octal 12-/10-/8-Bit I2C VOUT DACs Reference
logo
Linear Technology
LTC2636 LINER-LTC2636_15 Datasheet
412Kb / 24P
   Octal 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
LTC2635 LINER-LTC2635_15 Datasheet
531Kb / 32P
   Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2631 LINER-LTC2631_15 Datasheet
404Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2633 LINER-LTC2633_15 Datasheet
588Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com