Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2637-LZ10 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2637-LZ10
Description  Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2637-LZ10 Datasheet(HTML) 2 Page - Linear Technology

  LTC2637-LZ10 Datasheet HTML 1Page - Linear Technology LTC2637-LZ10 Datasheet HTML 2Page - Linear Technology LTC2637-LZ10 Datasheet HTML 3Page - Linear Technology LTC2637-LZ10 Datasheet HTML 4Page - Linear Technology LTC2637-LZ10 Datasheet HTML 5Page - Linear Technology LTC2637-LZ10 Datasheet HTML 6Page - Linear Technology LTC2637-LZ10 Datasheet HTML 7Page - Linear Technology LTC2637-LZ10 Datasheet HTML 8Page - Linear Technology LTC2637-LZ10 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LTC2637
2
2637fb
ABSOLUTE MAXIMUM RATINGS
1
2
3
4
5
6
7
14
13
12
11
10
9
8
GND
V
OUTH
V
OUTG
V
OUTF
V
OUTE
REF
SDA
VCC
VOUTA
VOUTB
VOUTC
VOUTD
CA0
SCL
TOP VIEW
DE PACKAGE
14-LEAD (4mm
3mm) PLASTIC DFN
15
TJMAX = 150°C, θJA = 37°C/W
EXPOSED PAD (PIN 15) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
VCC
VOUTA
VOUTB
VOUTC
VOUTD
CA2
CA0
SCL
16
15
14
13
12
11
10
9
GND
VOUTH
VOUTG
VOUTF
VOUTE
REF
CA1
SDA
TOP VIEW
MS PACKAGE
16-LEAD (4mm
5mm) PLASTIC MSOP
TJMAX = 150°C, θJA = 110°C/W
PIN CONFIGURATION
Supply Voltage (VCC) ................................... –0.3V to 6V
SCL, SDA ..................................................... –0.3V to 6V
VOUTA - VOUTH,
CA0, CA1, CA2...................–0.3V to Min(VCC + 0.3V, 6V)
REF ...................................–0.3V to Min(VCC + 0.3V, 6V)
Operating Temperature Range
LTC2637C ................................................ 0°C to 70°C
(Notes 1, 2)
LTC2637I ............................................. –40°C to 85°C
LTC2637H (Note 3) ............................ –40°C to 125°C
Maximum Junction Temperature .......................... 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MS Package...................................................... 300°C


Similar Part No. - LTC2637-LZ10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2637 LINER-LTC2637 Datasheet
1Mb / 28P
   Mobile Communications
LTC2637 LINER-LTC2637 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
logo
Analog Devices
LTC2637 AD-LTC2637 Datasheet
702Kb / 30P
   Octal 12-/10-/8-Bit I2C VOUT DACs Reference
logo
Linear Technology
LTC2637 LINER-LTC2637_15 Datasheet
436Kb / 28P
   Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
More results

Similar Description - LTC2637-LZ10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2633 LINER-LTC2633 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2631 LINER-LTC2631 Datasheet
354Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2635 LINER-LTC2635_1 Datasheet
526Kb / 32P
   Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2637 LINER-LTC2637_15 Datasheet
436Kb / 28P
   Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2640 LINER-LTC2640 Datasheet
345Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/째C Reference
logo
Analog Devices
LTC2637 AD-LTC2637 Datasheet
702Kb / 30P
   Octal 12-/10-/8-Bit I2C VOUT DACs Reference
logo
Linear Technology
LTC2636 LINER-LTC2636_15 Datasheet
412Kb / 24P
   Octal 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
LTC2635 LINER-LTC2635_15 Datasheet
531Kb / 32P
   Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2631 LINER-LTC2631_15 Datasheet
404Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2633 LINER-LTC2633_15 Datasheet
588Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com