Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2635-LZ8 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2635-LZ8
Description  Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2635-LZ8 Datasheet(HTML) 4 Page - Linear Technology

  LTC2635-LZ8 Datasheet HTML 1Page - Linear Technology LTC2635-LZ8 Datasheet HTML 2Page - Linear Technology LTC2635-LZ8 Datasheet HTML 3Page - Linear Technology LTC2635-LZ8 Datasheet HTML 4Page - Linear Technology LTC2635-LZ8 Datasheet HTML 5Page - Linear Technology LTC2635-LZ8 Datasheet HTML 6Page - Linear Technology LTC2635-LZ8 Datasheet HTML 7Page - Linear Technology LTC2635-LZ8 Datasheet HTML 8Page - Linear Technology LTC2635-LZ8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LTC2635

2635fb
proDuct selection guiDe
PART NUMBER
PART MARKING*
VFS WITH INTERNAL
REFERENCE
POWER-ON
RESET TO CODE
POWER-ON
REFERENCE
MODE
RESOLUTION
VCC
MAXIMUM
INL
QFN
MSOP
LTC2635-LMI12
LTC2635-LMI10
LTC2635-LMI8
LDZB
LDZJ
LDZR
LTDZY
LTFBG
LTFBP
2.5V • (4095/4096)
2.5V • (1023/1024)
2.5V • (255/256)
Mid-Scale
Mid-Scale
Mid-Scale
Internal
Internal
Internal
12-Bit
10-Bit
8-Bit
2.7V to 5.5V
2.7V to 5.5V
2.7V to 5.5V
±2.5LSB
±1LSB
±0.5LSB
LTC2635-LMX12
LTC2635-LMX10
LTC2635-LMX8
LDYZ
LDZH
LDZQ
LTDZX
LTFBF
LTFBN
2.5V • (4095/4096)
2.5V • (1023/1024)
2.5V • (255/256)
Mid-Scale
Mid-Scale
Mid-Scale
External
External
External
12-Bit
10-Bit
8-Bit
2.7V to 5.5V
2.7V to 5.5V
2.7V to 5.5V
±2.5LSB
±1LSB
±0.5LSB
LTC2635-LZ12
LTC2635-LZ10
LTC2635-LZ8
LDYY
LDZG
LDZP
LTDZW
LTFBD
LTFBM
2.5V • (4095/4096)
2.5V • (1023/1024)
2.5V • (255/256)
Zero-Scale
Zero-Scale
Zero-Scale
Internal
Internal
Internal
12-Bit
10-Bit
8-Bit
2.7V to 5.5V
2.7V to 5.5V
2.7V to 5.5V
±2.5LSB
±1LSB
±0.5LSB
LTC2635-LMO12**
LTC2635-LMO10**
LTC2635-LMO8**
LFBT
LFBV
LFBW
LTFBX
LTFBY
LTFBZ
2.5V • (4095/4096)
2.5V • (1023/1024)
2.5V • (255/256)
High Impedance
High Impedance
High Impedance
Internal
Internal
Internal
12-Bit
10-Bit
8-Bit
2.7V to 5.5V
2.7V to 5.5V
2.7V to 5.5V
±2.5LSB
±1LSB
±0.5LSB
LTC2635-HMI12
LTC2635-HMI10
LTC2635-HMI8
LDZF
LDZN
LDZV
LTFBC
LTFBK
LTFBS
4.096V • (4095/4096)
4.096V • (1023/1024)
4.096V • (255/256)
Mid-Scale
Mid-Scale
Mid-Scale
Internal
Internal
Internal
12-Bit
10-Bit
8-Bit
4.5V to 5.5V
4.5V to 5.5V
4.5V to 5.5V
±2.5LSB
±1LSB
±0.5LSB
LTC2635-HZ12
LTC2635-HZ10
LTC2635-HZ8
LDZC
LDZK
LDZS
LTDZZ
LTFBH
LTFBQ
4.096V • (4095/4096)
4.096V • (1023/1024)
4.096V • (255/256)
Zero-Scale
Zero-Scale
Zero-Scale
Internal
Internal
Internal
12-Bit
10-Bit
8-Bit
4.5V to 5.5V
4.5V to 5.5V
4.5V to 5.5V
±2.5LSB
±1LSB
±0.5LSB
*Above options are available in a 16-pin QFN package (LTC2635xUD) or 10-lead MSOP package (LTC2635xMSE).
**Contact Linear Technology for other Hi-Z options.


Similar Part No. - LTC2635-LZ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2635 LINER-LTC2635 Datasheet
440Kb / 32P
   Mobile Communications
LTC2635 LINER-LTC2635 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2635 LINER-LTC2635 Datasheet
758Kb / 20P
   Quad 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
logo
Analog Devices
LTC2635 AD-LTC2635 Datasheet
736Kb / 32P
   Quad 12-/10-/8-Bit I2C DACs Reference
logo
Linear Technology
LTC2635 LINER-LTC2635_15 Datasheet
531Kb / 32P
   Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
More results

Similar Description - LTC2635-LZ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2637 LINER-LTC2637_1 Datasheet
431Kb / 28P
   Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2633 LINER-LTC2633 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2631 LINER-LTC2631 Datasheet
354Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2635 LINER-LTC2635_15 Datasheet
531Kb / 32P
   Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2645 LINER-LTC2645 Datasheet
758Kb / 20P
   Quad 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
LTC2637 LINER-LTC2637_15 Datasheet
436Kb / 28P
   Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2640 LINER-LTC2640 Datasheet
345Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/째C Reference
LTC2631 LINER-LTC2631_15 Datasheet
404Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2633 LINER-LTC2633_15 Datasheet
588Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2644 LINER-LTC2644 Datasheet
747Kb / 20P
   Dual 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com