Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2635-LZ8 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2635-LZ8
Description  Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2635-LZ8 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2635-LZ8 Datasheet HTML 6Page - Linear Technology LTC2635-LZ8 Datasheet HTML 7Page - Linear Technology LTC2635-LZ8 Datasheet HTML 8Page - Linear Technology LTC2635-LZ8 Datasheet HTML 9Page - Linear Technology LTC2635-LZ8 Datasheet HTML 10Page - Linear Technology LTC2635-LZ8 Datasheet HTML 11Page - Linear Technology LTC2635-LZ8 Datasheet HTML 12Page - Linear Technology LTC2635-LZ8 Datasheet HTML 13Page - Linear Technology LTC2635-LZ8 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTC2635
0
2635fb
electrical characteristics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 4.5V to 5.5V, VOUT unloaded unless otherwise specified.
LTC2635-HMI12/-HMI10/-HMI8/-HZ12/-HZ10/-HZ8 (VFS = 4.096V)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
AC Performance
tS
Settling Time
VCC = 5V (Note 9)
±0.39% (±1LSB at 8 Bits)
±0.098% (±1LSB at 10 Bits)
±0.024% (±1LSB at 12 Bits)
3.9
4.3
5
µs
µs
µs
Voltage Output Slew Rate
1
V/µs
Capacitive Load Driving
500
pF
Glitch Impulse
At Mid-Scale Transition
3
nV • s
DAC-to-DAC Crosstalk
1 DAC Held at FS, 1 DAC Switched 0 to FS
3
nV • s
Multiplying Bandwidth
External Reference
320
kHz
en
Output Voltage Noise Density
At f = 1kHz, External Reference
At f = 10kHz, External Reference
At f = 1kHz, Internal Reference
At f = 10kHz, Internal Reference
180
160
250
230
nV/√Hz
nV/√Hz
nV/√Hz
nV/√Hz
Output Voltage Noise
0.1Hz to 10Hz, External Reference
0.1Hz to 10Hz, Internal Reference
0.1Hz to 200kHz, External Reference
0.1Hz to 200kHz, Internal Reference
CREF = 0.1µF
35
50
680
750
µVP-P
µVP-P
µVP-P
µVP-P
timing characteristics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 4.5V to 5.5V. (See Figure 1) (Note 13)
LTC2635-HMI12/-HMI10/-HMI8/-HZ12/-HZ10/-HZ8 (VFS = 4.096V)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fSCL
SCL Clock Frequency
l
0
400
kHz
tHD(STA)
Hold Time (Repeated) Start Condition
l
0.6
µs
tLOW
Low Period of the SCL Clock Pin
l
1.3
µs
tHIGH
High Period of the SCL Clock Pin
l
0.6
µs
tSU(STA)
Set-Up Time for a Repeated Start Condition
l
0.6
µs
tHD(DAT)
Data Hold Time
l
0
0.9
µs
tSU(DAT)
Data Set-Up Time
l
100
ns
tr
Rise Time of Both SDA and SCL Signals
(Note 12)
l
20+0.1CB
300
ns
tf
Fall Time of Both SDA and SCL Signals
(Note 12)
l
20+0.1CB
300
ns
tSU(STO)
Set-Up Time for Stop Condition
l
0.6
µs
tBUF
Bus Free Time Between a Stop and Start Condition
l
1.3
µs
t1
Falling Edge of 9th Clock of the 3rd Input Byte to LDAC
High or Low Transition
l
400
ns
t2
LDAC Low Pulse Width
l
20
ns


Similar Part No. - LTC2635-LZ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2635 LINER-LTC2635 Datasheet
440Kb / 32P
   Mobile Communications
LTC2635 LINER-LTC2635 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2635 LINER-LTC2635 Datasheet
758Kb / 20P
   Quad 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
logo
Analog Devices
LTC2635 AD-LTC2635 Datasheet
736Kb / 32P
   Quad 12-/10-/8-Bit I2C DACs Reference
logo
Linear Technology
LTC2635 LINER-LTC2635_15 Datasheet
531Kb / 32P
   Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
More results

Similar Description - LTC2635-LZ8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2637 LINER-LTC2637_1 Datasheet
431Kb / 28P
   Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2633 LINER-LTC2633 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2631 LINER-LTC2631 Datasheet
354Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2635 LINER-LTC2635_15 Datasheet
531Kb / 32P
   Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2645 LINER-LTC2645 Datasheet
758Kb / 20P
   Quad 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
LTC2637 LINER-LTC2637_15 Datasheet
436Kb / 28P
   Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2640 LINER-LTC2640 Datasheet
345Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/째C Reference
LTC2631 LINER-LTC2631_15 Datasheet
404Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2633 LINER-LTC2633_15 Datasheet
588Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2644 LINER-LTC2644 Datasheet
747Kb / 20P
   Dual 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com