Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2637-LMX10 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2637-LMX10
Description  Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2637-LMX10 Datasheet(HTML) 4 Page - Linear Technology

  LTC2637-LMX10 Datasheet HTML 1Page - Linear Technology LTC2637-LMX10 Datasheet HTML 2Page - Linear Technology LTC2637-LMX10 Datasheet HTML 3Page - Linear Technology LTC2637-LMX10 Datasheet HTML 4Page - Linear Technology LTC2637-LMX10 Datasheet HTML 5Page - Linear Technology LTC2637-LMX10 Datasheet HTML 6Page - Linear Technology LTC2637-LMX10 Datasheet HTML 7Page - Linear Technology LTC2637-LMX10 Datasheet HTML 8Page - Linear Technology LTC2637-LMX10 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC2637
4
2637fb
PART NUMBER
PART MARKING*
VFS WITH INTERNAL
REFERENCE
POWER-ON
RESET TO CODE
POWER-ON
REFERENCE
MODE
RESOLUTION
VCC
MAXIMUM
INL
DFN
MSOP
LTC2637-LMI12
LTC2637-LMI10
LTC2637-LMI8
7LMI2
7LMI1
7LMI8
7LMI12
7LMI10
37LMI8
2.5V • (4095/4096)
2.5V • (1023/1024)
2.5V • (255/256)
Mid-Scale
Mid-Scale
Mid-Scale
Internal
Internal
Internal
12-Bit
10-Bit
8-Bit
2.7V to 5.5V
2.7V to 5.5V
2.7V to 5.5V
±2.5LSB
±1LSB
±0.5LSB
LTC2637-LMX12
LTC2637-LMX10
LTC2637-LMX8
7LMX2
7LMX1
7LMX8
7LMX12
7LMX10
37LMX8
2.5V • (4095/4096)
2.5V • (1023/1024)
2.5V • (255/256)
Mid-Scale
Mid-Scale
Mid-Scale
External
External
External
12-Bit
10-Bit
8-Bit
2.7V to 5.5V
2.7V to 5.5V
2.7V to 5.5V
±2.5LSB
±1LSB
±0.5LSB
LTC2637-LZ12
LTC2637-LZ10
LTC2637-LZ8
7LZ12
7LZ10
37LZ8
37LZ12
37LZ10
637LZ8
2.5V • (4095/4096)
2.5V • (1023/1024)
2.5V • (255/256)
Zero-Scale
Zero-Scale
Zero-Scale
Internal
Internal
Internal
12-Bit
10-Bit
8-Bit
2.7V to 5.5V
2.7V to 5.5V
2.7V to 5.5V
±2.5LSB
±1LSB
±0.5LSB
LTC2637-HMI12
LTC2637-HMI10
LTC2637-HMI8
7HMI2
7HMI1
7HMI8
7HMI12
7HMI10
37HMI8
4.096V • (4095/4096)
4.096V • (1023/1024)
4.096V • (255/256)
Mid-Scale
Mid-Scale
Mid-Scale
Internal
Internal
Internal
12-Bit
10-Bit
8-Bit
4.5V to 5.5V
4.5V to 5.5V
4.5V to 5.5V
±2.5LSB
±1LSB
±0.5LSB
LTC2637-HMX12
LTC2637-HMX10
LTC2637-HMX8
7HMX2
7HMX1
7HMX8
7HMX12
7HMX10
37HMX8
4.096V • (4095/4096)
4.096V • (1023/1024)
4.096V • (255/256)
Mid-Scale
Mid-Scale
Mid-Scale
External
External
External
12-Bit
10-Bit
8-Bit
4.5V to 5.5V
4.5V to 5.5V
4.5V to 5.5V
±2.5LSB
±1LSB
±0.5LSB
LTC2637-HZ12
LTC2637-HZ10
LTC2637-HZ8
7HZ12
7HZ10
37HZ8
37HZ12
37HZ10
637HZ8
4.096V • (4095/4096)
4.096V • (1023/1024)
4.096V • (255/256)
Zero-Scale
Zero-Scale
Zero-Scale
Internal
Internal
Internal
12-Bit
10-Bit
8-Bit
4.5V to 5.5V
4.5V to 5.5V
4.5V to 5.5V
±2.5LSB
±1LSB
±0.5LSB
*Above options are available in a 14-lead DFN package (LTC2637xDE) or 16-lead MSOP package (LTC2637xMS).
PRODUCT SELECTION GUIDE


Similar Part No. - LTC2637-LMX10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2637 LINER-LTC2637 Datasheet
1Mb / 28P
   Mobile Communications
LTC2637 LINER-LTC2637 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
logo
Analog Devices
LTC2637 AD-LTC2637 Datasheet
702Kb / 30P
   Octal 12-/10-/8-Bit I2C VOUT DACs Reference
logo
Linear Technology
LTC2637 LINER-LTC2637_15 Datasheet
436Kb / 28P
   Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
More results

Similar Description - LTC2637-LMX10

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2633 LINER-LTC2633 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2631 LINER-LTC2631 Datasheet
354Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2635 LINER-LTC2635_1 Datasheet
526Kb / 32P
   Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2637 LINER-LTC2637_15 Datasheet
436Kb / 28P
   Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2640 LINER-LTC2640 Datasheet
345Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/째C Reference
logo
Analog Devices
LTC2637 AD-LTC2637 Datasheet
702Kb / 30P
   Octal 12-/10-/8-Bit I2C VOUT DACs Reference
logo
Linear Technology
LTC2636 LINER-LTC2636_15 Datasheet
412Kb / 24P
   Octal 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
LTC2635 LINER-LTC2635_15 Datasheet
531Kb / 32P
   Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2631 LINER-LTC2631_15 Datasheet
404Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
LTC2633 LINER-LTC2633_15 Datasheet
588Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com