Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD3873FS Datasheet(PDF) 10 Page - Rohm

Part # BD3873FS
Description  Sound Processors with Built-in 3-band Equalizers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3873FS Datasheet(HTML) 10 Page - Rohm

Back Button BD3873FS Datasheet HTML 6Page - Rohm BD3873FS Datasheet HTML 7Page - Rohm BD3873FS Datasheet HTML 8Page - Rohm BD3873FS Datasheet HTML 9Page - Rohm BD3873FS Datasheet HTML 10Page - Rohm BD3873FS Datasheet HTML 11Page - Rohm BD3873FS Datasheet HTML 12Page - Rohm BD3873FS Datasheet HTML 13Page - Rohm BD3873FS Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Technical Note
10/15
www.rohm.com
2010.10 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD3870FS,BD3871FS,BD3872FS,BD3873FS
2) Treble filter
Fig.7
Standard values of R1, R2 (reference)
Treble Boost Cut Amount
Resistance (kΩ) * Typ.
R1
R2
0dB
0
36.28
2dB
7.46
28.82
4dB
13.39
22.89
6dB
18.10
18.18
8dB
21.84
14.44
10dB
24.81
11.47
12dB
27.20
9.08
14dB (BD3872FS only)
29.04
7.24
* The actual boost cut amount may deviate from the standard values in some degree.
3) Matrix surround
Fig.9
Matrix surround is constructed as shown above. Gains are defined as follows:
In-phase Gain: Gains obtained on OUT1 and OUT2 against IN1 when inputting a signal of the equivalent level and
in-phase (L=R) to IN1 and IN2.
1
L
L
2
2.14
L
2
4.14
IN2
OUT2
IN1
OUT1
(dB)
0
20log1
Single-phase Gain: Gains obtained on OUT1 and OUT2 against IN1 when inputting a signal to IN1 and AC-grounding IN2
(R=0).
2,07
L
L
2
4.14
IN1
OUT1
1.07
L
L
2
2.14
IN1
OUT2
(dB)
6.3
20log2.07
(dB)
0.59
1.07
20log
Opposite-phase Gain: Gains obtained on OUT1 and OUT2 against IN1 when inputting signals of the equivalent level and
opposite-phase (L-R) to IN1 and IN2.
fc =
(Hz)
G (boost) = 20log
(dB)
G (cut) = 20log
(dB)
Zc =
(Ω)
2πR2C
1
R2+Zc
R1+R2+Zc
R1+R2+Zc
R2+Zc
jωc
1
R2
IN
OUT
C
+
-
R1
+
+
-
×1/2
×1/2
+
L
R
IN1
IN2
+
-
×2.14
(4.14L/2 - 2.14R/2)
OUT1
OUT2
(4.14R/2 - 2.14L/2)
+
+
+
3.14
L
L
2
2.14
L
2
4.14
IN2
OUT2
IN1
OUT1
(dB)
10
20log3.14
Fig.8
G
f
fc
G
3dB
G
3dB


Similar Part No. - BD3873FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3873FS ROHM-BD3873FS Datasheet
214Kb / 6P
   Audio Sound Processor for home audio
More results

Similar Description - BD3873FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3403FV ROHM-BD3403FV Datasheet
378Kb / 16P
   Sound Processors with Built-in 3-band Equalizers
BD37531FV_1003 ROHM-BD37531FV_1003 Datasheet
755Kb / 38P
   Sound Processors with Built-in 3-band Equalizer
BD37532FV ROHM-BD37532FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS_1003 ROHM-BD37524FS_1003 Datasheet
527Kb / 26P
   Sound Processor with Built-in 3-band Equalizer
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
BD37534FV ROHM-BD37534FV_15 Datasheet
4Mb / 39P
   Sound Processor with Built-in 3-band Equalizer
BD37533FV ROHM-BD37533FV_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37542FS ROHM-BD37542FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37544FS ROHM-BD37544FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com