Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GP1A10 Datasheet(PDF) 3 Page - Sharp Electrionic Components

Part No. GP1A10
Description  OPIC Photointerrupter with Connetor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Electrionic Components]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

GP1A10 Datasheet(HTML) 3 Page - Sharp Electrionic Components

  GP1A10 Datasheet HTML 1Page - Sharp Electrionic Components GP1A10 Datasheet HTML 2Page - Sharp Electrionic Components GP1A10 Datasheet HTML 3Page - Sharp Electrionic Components GP1A10 Datasheet HTML 4Page - Sharp Electrionic Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GP1A10/GP1A26LC
5mA
16mA
- 25
0
25
50
75
100
0.4
0.3
0.2
0
0.1
0.5
0.6
+ 80˚C
+ 25˚C
30
0
10
20
0
Shield distance h ( mm )
1
23456
7
Output High
Output Low
Shield
d Shield
Output Low
Output High
7
6
5
4
3
2
1
Shield distance d ( mm )
0
20
21
22
23
24
25
26
27
{
V CC
Dashline = GP1A26LC
IOL= 30mA
Ambient Temperature
Fig. 3 Low Level Output Voltage vs.
Supply voltage V CC ( V)
ICCL
ICCH
Detecting position h = 3.0
± 1.0mm
Detecting position d = 3.0 ± 0.5mm
VCC= 24V
T a= 25˚C
RL= 10k Ω
V CC= 24V
T a= 25˚C
RL= 10kΩ
Fig. 4 Supply Current vs. Supply Voltage
= 24V
Fig. 5 Detecting Position Characteristics (1)
Fig. 6 Detecting Position Characteristics (2)
Ambient temperature T a ( ˚C)
Ta= 0˚C,+ 25˚C,+ 80˚C
Ta= 0˚C


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
GP1A36RB OPIC Photointerrupter with Encoder Function 1  2  3  Sharp Electrionic Components
GP1A35R OPIC PHOTOINTERRUPTER WITH ENCODER FUNCTIONS 1  2  3  4  5  Sharp Electrionic Components
GP1A05 OPIC Photointerrupter with Connector 1  2  3  4  Sharp Electrionic Components
GP1A70R OPIC Photointerrupter with Encoder Functions 1  2  3  4  5  More Sharp Electrionic Components
GP1A13R OPIC PHOTOINTERRUPTER WITH ENCODER FUNTION 1  2  3  4  5  Sharp Electrionic Components
GP1A73A Compact OPIC Photointerrupter with Connector 1  2  3  4  Sharp Electrionic Components
GP1A40 CONNECTOR TERMINAL TYPE OPIC PHOTOINTERRUPTER WITH LEVER TYPE ACTUATOR 1  2  3  Sharp Electrionic Components
GP1A74A Compact OPIC Photointerrupter with Connector 1  2  3  4  Sharp Electrionic Components
GP1A20 OPIC Photointerrupter with Cover Case 1  2  3  4  Sharp Electrionic Components
GP1A75E Small Size OPIC Photointerrupter with Connector 1  2  3  Sharp Electrionic Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn