Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GP1A10 Datasheet(PDF) 2 Page - Sharp Electrionic Components

Part No. GP1A10
Description  OPIC Photointerrupter with Connetor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Electrionic Components]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

GP1A10 Datasheet(HTML) 2 Page - Sharp Electrionic Components

  GP1A10 Datasheet HTML 1Page - Sharp Electrionic Components GP1A10 Datasheet HTML 2Page - Sharp Electrionic Components GP1A10 Datasheet HTML 3Page - Sharp Electrionic Components GP1A10 Datasheet HTML 4Page - Sharp Electrionic Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
s Electro-optical Characteristics
( Ta = 25˚C)
*1 Collector-emitter voltage of output transistor
*2 Collector current of output tranistor
*3 The connector should be plugged in/out at normal temperature.
Parameter
Symbol
conditions
MIN.
TYP.
MAX.
Unit
V CC
-
21
-
26
V
Low level supply current
ICCL
Light beam uninterrupted
-
-
30
mA
Low level output voltage
V OL
-
-
0.6
V
High level supply current
I CCH
Light beam interrupted
-
-
30
mA
High level output voltage
V OH
Light beam interrupted, R L = 10k
Ω , V CC= 26V
25.8
-
-
V
Response
character-
istics
interruption
time
t H
Ta= 0 to 80˚CR L= 4.7k
V CC= 24V ± 5%
166
-
-
Minimum
sensing
time
tL
166
-
-
(Unless otherwise specified VCC = 24V, Ta = 25˚C )
Operating supply voltage
Minimum
Light beam uninterrupted, I OL= 16mA
Parameter
Symbol
Rating
Unit
Supply voltage
V CC
- 0.5 to + 30
V
*1 Output voltage
V O
- 0.5 to + 40
V
*2 Low level output current
IOL
50
mA
*3 Operating temperature
GP1A10
T opr
0 to + 80
˚C
GP1A26LC
- 20 to + 80
*3 Storage temperature
T stg
- 20 to + 95
˚C
Operating humidity
R H
10 to 95
0.05
0.02
0.01
0.1
0.2
0.5
1
50
20
5
2
100
10
1
Ambient temperature Ta ( ˚C)
0
10
20
30
40
50
60
100
75
50
25
0
80
Fig. 1 Low Level Output Current vs.
Ambient Temperature
Fig. 2 Low Level Output Voltage vs.
Low Level Output Current
%
Low level output current I OL ( mA )
GP1A10/GP1A26LC
s Absolute Maximum Ratings
µ s
µ s
Ta= 25˚C
VCC = 24V


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
GP1A36RB OPIC Photointerrupter with Encoder Function 1  2  3  Sharp Electrionic Components
GP1A35R OPIC PHOTOINTERRUPTER WITH ENCODER FUNCTIONS 1  2  3  4  5  Sharp Electrionic Components
GP1A05 OPIC Photointerrupter with Connector 1  2  3  4  Sharp Electrionic Components
GP1A70R OPIC Photointerrupter with Encoder Functions 1  2  3  4  5  More Sharp Electrionic Components
GP1A13R OPIC PHOTOINTERRUPTER WITH ENCODER FUNTION 1  2  3  4  5  Sharp Electrionic Components
GP1A73A Compact OPIC Photointerrupter with Connector 1  2  3  4  Sharp Electrionic Components
GP1A40 CONNECTOR TERMINAL TYPE OPIC PHOTOINTERRUPTER WITH LEVER TYPE ACTUATOR 1  2  3  Sharp Electrionic Components
GP1A74A Compact OPIC Photointerrupter with Connector 1  2  3  4  Sharp Electrionic Components
GP1A20 OPIC Photointerrupter with Cover Case 1  2  3  4  Sharp Electrionic Components
GP1A75E Small Size OPIC Photointerrupter with Connector 1  2  3  Sharp Electrionic Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn