Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD3573FP Datasheet(PDF) 3 Page - Rohm

Part # BD3573FP
Description  High Voltage LDO Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3573FP Datasheet(HTML) 3 Page - Rohm

  BD3573FP Datasheet HTML 1Page - Rohm BD3573FP Datasheet HTML 2Page - Rohm BD3573FP Datasheet HTML 3Page - Rohm BD3573FP Datasheet HTML 4Page - Rohm BD3573FP Datasheet HTML 5Page - Rohm BD3573FP Datasheet HTML 6Page - Rohm BD3573FP Datasheet HTML 7Page - Rohm BD3573FP Datasheet HTML 8Page - Rohm BD3573FP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Technical Note
3/9
BD3570FP/HFP, BD3571FP/HFP, BD3572FP/HFP, BD3573FP/HFP
BD3574FP/HFP, BD3575FP/HFP
www.rohm.com
2011.03 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Reference Data: BD3574HFP(Unless otherwise specified, Ta=25℃)
Fig. 1 Total Supply Current
0
10
20
30
40
50
0
5
10
15
20
25
SUPPLY VOLTAGE: VCC [V]
Ta=25℃
Ta=125℃
Ta=-40℃
Fig. 6 Output Voltage VS
SW Input Voltage
0
1
2
3
4
5
6
00.5
11.5
2
SUPPLY VOLTAGE: VSW [V]
Ta=25℃
Ta=-40℃
Ta=125℃
Fig. 9 Output Voltage VS
Temperature
4.5
4.75
5
5.25
5.5
-40
0
40
80
120
AMBIENT TEMPERATURE: Ta [℃]
Fig. 7 Total Supply Current
Classified by Load
0
20
40
60
80
100
0
100
200
300
400
500
OUTPUT CURRENT: IO[mA]
Fig. 8 Thermal Shutdown Circuit
0
1
2
3
4
5
6
100
120
140
160
180
200
AMBIENT TEMPERATURE: Ta [℃]
Fig. 10 SW Bias current
0
30
60
90
120
0
5
10
15
20
25
SUPPLY VOLTAGE: VSW [V]
Ta=-40℃
Ta=25℃
Ta=125℃
Fig. 11 Dropout voltage VS
Temperature
0
0.5
1
1.5
2
-40
0
40
80
120
AMBIENT TEMPERATURE: Ta [℃]
Fig. 12 Total Supply Current
Temperature
0
10
20
30
40
50
-40
0
40
80
120
AMBIENT TEMPERATURE: Ta [℃]
Fig. 2 Output Voltage VS
Power Supply Voltage
0
1
2
3
4
5
6
0
5
10
15
20
25
SUPPLY VOLTAGE: VCC [V]
Ta=125℃
Ta=-40℃
Ta=25℃
Fig. 3 Output Voltage VS Load
0
1
2
3
4
5
6
0
500
1000
1500
2000
OUTPUT CURRENT: IO [mA]
Ta=25℃
Ta=125℃
Ta=-40℃
Fig. 4 Dropout Voltage
0
1
2
3
0
100
200
300
400
500
OUTPUT CURRENT: IO[mA]
Ta=125℃
Ta=-40℃
Ta=25℃
Fig. 5 Ripple rejection
0
10
20
30
40
50
60
70
10
100
1000
10000
100000 1000000
FREQUENCY: f [Hz]
Ta=125℃
Ta=-40℃
Ta=25℃


Similar Part No. - BD3573FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3573FP ROHM-BD3573FP Datasheet
327Kb / 12P
   High Voltage LDO Regulators
BD3573FP ROHM-BD3573FP Datasheet
414Kb / 12P
   High Voltage LDO Regulators
BD3573FP ROHM-BD3573FP Datasheet
252Kb / 10P
   High Voltage LDO Regulators
More results

Similar Description - BD3573FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3570YFP-M ROHM-BD3570YFP-M Datasheet
1,022Kb / 20P
   High Voltage LDO Regulators
BD3570FP-E2 ROHM-BD3570FP-E2 Datasheet
414Kb / 12P
   High Voltage LDO Regulators
BD3571FP-E2 ROHM-BD3571FP-E2 Datasheet
252Kb / 10P
   High Voltage LDO Regulators
BD3571YFP-M ROHM-BD3571YFP-M Datasheet
1,022Kb / 20P
   High Voltage LDO Regulators
BD3575HFP-TR ROHM-BD3575HFP-TR Datasheet
327Kb / 12P
   High Voltage LDO Regulators
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217 Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
logo
SHANGHAI BELLING CO., L...
BL9118 BELLING-BL9118 Datasheet
187Kb / 12P
   800mA Adjustable Voltage High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com