Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD3870FS Datasheet(PDF) 3 Page - Rohm

Part # BD3870FS
Description  Sound Processors with Built-in 3-band Equalizers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3870FS Datasheet(HTML) 3 Page - Rohm

  BD3870FS_10 Datasheet HTML 1Page - Rohm BD3870FS_10 Datasheet HTML 2Page - Rohm BD3870FS_10 Datasheet HTML 3Page - Rohm BD3870FS_10 Datasheet HTML 4Page - Rohm BD3870FS_10 Datasheet HTML 5Page - Rohm BD3870FS_10 Datasheet HTML 6Page - Rohm BD3870FS_10 Datasheet HTML 7Page - Rohm BD3870FS_10 Datasheet HTML 8Page - Rohm BD3870FS_10 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Technical Note
3/15
www.rohm.com
2010.10 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD3870FS,BD3871FS,BD3872FS,BD3873FS
SC
(CLOCK)
thd
thd
th
ts
ts1
th1
tsd
twc
twh
twd
tw1
tsu
DATA
DATA
LATCH
90%
90%
90%
90%
10%
10%
10%
90%
90%
90%
90%
90%
10%
10%
10%
twc
End with Low
SI
DATA
LATCH
Timing chart
1) Signal Timing Conditions
Data is read on the rising edge of the clock.
Latch is read out on the falling edge of the clock.
Latch signal must end with the LOW state.
To avoid malfunctions, clock and data signals must terminate with the LOW state.
1byte=10bit
Fig.1
Parameter
Symbol
Limits
Unit
Min.
Typ.
Max.
Minimum Clock Width
Twc
2.0
-
-
µs
Minimum Data Width
twd
2.0
-
-
µs
Minimum Latch Width
Tw1
2.0
-
-
µs
Data Set-up Time (DATA
CLK)
Tsd
1.0
-
-
µs
Data Hold Time (CLK
DATA)
Thd
1.0
-
-
µs
Latch Set-up Time (CLK
LATCH)
Ts1
1.0
-
-
µs
Latch Hold Time (DATA
LATCH)
Th1
1.0
-
-
µs
Latch Low Set-up Time
Ts
1.0
-
-
µs
Latch Low Hold Width
Twh
2.0
-
-
µs
2) Voltage Conditions for Control Signals
Parameter
Limits
Unit
Condition
Min.
Typ.
Max.
(≦Vcc)
“H” Input Voltage
2.2
-
5.5
V
Vcc=4.5 to 9.5V
“L” Input Voltage
0
-
1.0
V
Vcc=4.5 to 9.5V


Similar Part No. - BD3870FS_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3870FS ROHM-BD3870FS Datasheet
215Kb / 6P
   Audio Sound Processor for home audio
More results

Similar Description - BD3870FS_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3403FV ROHM-BD3403FV Datasheet
378Kb / 16P
   Sound Processors with Built-in 3-band Equalizers
BD37531FV_1003 ROHM-BD37531FV_1003 Datasheet
755Kb / 38P
   Sound Processors with Built-in 3-band Equalizer
BD37532FV ROHM-BD37532FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS_1003 ROHM-BD37524FS_1003 Datasheet
527Kb / 26P
   Sound Processor with Built-in 3-band Equalizer
BD37531FV ROHM-BD37531FV_15 Datasheet
3Mb / 34P
   Sound Processor with Built-in 3-band Equalizer
BD37524FS ROHM-BD37524FS_15 Datasheet
3Mb / 35P
   Sound Processor with Built-in 3-band Equalizer
BD37534FV ROHM-BD37534FV_15 Datasheet
4Mb / 39P
   Sound Processor with Built-in 3-band Equalizer
BD37533FV ROHM-BD37533FV_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37542FS ROHM-BD37542FS_15 Datasheet
3Mb / 37P
   Sound Processor with Built-in 3-band Equalizer
BD37544FS ROHM-BD37544FS_15 Datasheet
4Mb / 41P
   Sound Processor with Built-in 3-band Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com