Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD3508MUV Datasheet(PDF) 4 Page - Rohm

Part # BD3508MUV
Description  Nch FET Ultra LDO for PC Chipsets
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3508MUV Datasheet(HTML) 4 Page - Rohm

  BD3508MUV Datasheet HTML 1Page - Rohm BD3508MUV Datasheet HTML 2Page - Rohm BD3508MUV Datasheet HTML 3Page - Rohm BD3508MUV Datasheet HTML 4Page - Rohm BD3508MUV Datasheet HTML 5Page - Rohm BD3508MUV Datasheet HTML 6Page - Rohm BD3508MUV Datasheet HTML 7Page - Rohm BD3508MUV Datasheet HTML 8Page - Rohm BD3508MUV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
4/20
Technical Note
www.rohm.com
2010.04 - Rev.C
© 2010 ROHM Co., Ltd. All rights reserved.
BD3508MUV,BD3509MUV
Electrical Characteristics
(Unless otherwise specified, Ta=25℃ VCC=5V Ven=3V VIN=1.5V VDD=3.3V R1=3.9KΩ R2=3.6KΩ)
BD3509MUV
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Bias Current
ICC
-
1.1
2.0
mA
VCC Shutdown Mode Current
IST
-
0
10
µA
Ven=0V
Output Voltage
Vo
-
1.25
-
V
Maximum Output Current
Io
4.0
-
-
A
Output Voltage Temperature
Coefficient
Tcvo
-
0.01
-
%/℃
Feedback Voltage 1
VFB1
0.643
0.650
0.657
V
Feedback Voltage 2
VFB2
0.637
0.650
0.663
V
Io=0 to 4A
Tj=-10 to 100℃ *
7
Line Regulation 1
Reg.l1
-
0.1
0.5
%/V
VCC=4.3V to 5.5V
Line Regulation 2
Reg.l2
-
0.1
0.5
%/V
VIN=1.2V to 3.3V
Load Regulation
Reg.L
-
0.5
10
mV
Io=0 to 4A
Minimum Input-Output Voltage
Differential
dVo
-
28
50
mV
Io=1A,VIN=1.25V
Tj=-10 to 100℃ *
7
Standby Discharge Current
Iden
1
-
-
mA
Ven=0V, Vo=1V
[ENABLE]
Enable Pin
Input Voltage High
Enhi
2
-
-
V
Enable Pin
Input Voltage Low
Enlow
-0.2
-
0.8
V
Enable Input Bias Current
Ien
-
7
10
µA
Ven=3V
[FEEDBACK]
Feedback Pin Bias Current
IFB
-100
0
100
nA
[NRCS]
NRCS Charge Current
Inrcs
14
20
26
µA
Vnrcs=0.5V
NRCS Standby Voltage
VSTB
-
0
50
mV
Ven=0V
[UVLO]
VCC Under voltage Lock out
Threshold Voltage
VccUVLO
3.5
3.8
4.1
V
VCC:Sweep-up
VCC Under voltage Lock out
Hysteresis Voltage
Vcchys
100
160
220
mV
VCC:Sweep-down
[AMP]
Gate Source Current
IGSO
-
10
-
mA
VFB=0, VGATE=2.5V
Gate Sink Current
IGSI
-
18
-
mA
VFB=VCC, VGATE=2.5V
[PGOOD Block]
Threshold voltage
VTHPG
-
0.585
-
V
FB voltage
Ron
RPG
-
0.1
-
*7 Design Guarantee


Similar Part No. - BD3508MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3508MUV ROHM-BD3508MUV Datasheet
689Kb / 21P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3508MUV ROHM-BD3508MUV_09 Datasheet
689Kb / 21P
   Ultra Low Dropout Linear Regulators for PC Chipsets
More results

Similar Description - BD3508MUV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3506F ROHM-BD3506F_10 Datasheet
534Kb / 15P
   Nch FET Ultra LDO for PC Chipsets
BD3507HFV ROHM-BD3507HFV_10 Datasheet
479Kb / 16P
   Nch FET Ultra LDO for PC Chipsets
BD3504FVM ROHM-BD3504FVM_10 Datasheet
549Kb / 17P
   Nch FET Ultra LDO Controllers for PC Chipsets
BD35281HFN ROHM-BD35281HFN_11 Datasheet
384Kb / 16P
   Nch FET Ultra LDO for Desktop PCs
BD3540NUV ROHM-BD3540NUV_09 Datasheet
642Kb / 17P
   Nch FET Ultra LDOs for Desktop PCs Chipsets with Power Good
BD3507HFV ROHM-BD3507HFV_08 Datasheet
633Kb / 16P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3506F ROHM-BD3506F_08 Datasheet
702Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3508MUV ROHM-BD3508MUV_09 Datasheet
689Kb / 21P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3504FVM ROHM-BD3504FVM_08 Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
BD3523HFN ROHM-BD3523HFN_09 Datasheet
788Kb / 21P
   Nch FET Ultra LDOs for Desktop PCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com