Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD3504FVM Datasheet(PDF) 1 Page - Rohm

Part # BD3504FVM
Description  Nch FET Ultra LDO Controllers for PC Chipsets
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3504FVM Datasheet(HTML) 1 Page - Rohm

  BD3504FVM_10 Datasheet HTML 1Page - Rohm BD3504FVM_10 Datasheet HTML 2Page - Rohm BD3504FVM_10 Datasheet HTML 3Page - Rohm BD3504FVM_10 Datasheet HTML 4Page - Rohm BD3504FVM_10 Datasheet HTML 5Page - Rohm BD3504FVM_10 Datasheet HTML 6Page - Rohm BD3504FVM_10 Datasheet HTML 7Page - Rohm BD3504FVM_10 Datasheet HTML 8Page - Rohm BD3504FVM_10 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1/16
www.rohm.com
2010.05 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
High Performance Regulators for PCs
Nch FET Ultra LDO Controllers
for PC Chipsets
BD3504FVM,BD3500FVM,BD3501FVM,BD3502FVM
Description
The BD3500/01/02/04FVM is an ultra-low dropout linear regulator controller for chipset that can achieve ultra-low voltage
input to ultra-low voltage output. By using N-MOSFET for external power transistor, the controller can be used at ultra-low
I/O voltage difference up to voltage difference generated by ON resistance. In addition, because best suited power
transistor can be chosen in accord with the output current, downsizing and cost reduction of the set can be achieved.
Because by reducing the I/O voltage difference, large current output is achieved and conversion loss can be reduced,
switching power supply can be replaced. BD3500/01/02/04FVM does not need any choke coil, diode for rectification and
power transistor which are required for switching power supply, total cost of the set can be reduced and compact size can be
achieved for the set. Using external resistors, optional output from 0.65V to 2.5V can be set. In addition, since voltage
output start-up time can be adjusted by using the NRCS terminal, it is possible to flexibly meet the power supply sequence of
the set.
Features
1) Reduced rush current by NRCS
2) Built-in driver for external Nch h transistor
3) Adoption of MSOP8 package: 2.9 x 4.0 x 0.9 (mm)
4) Built-in timer latch short protection circuit
5) Built-in low input maloperation prevention circuit
6) Output voltage variable type
7) Built-in overheat protection circuit
Applications
Mobile PC, desktop PC, digital home appliances
Line up matrix
Parameter
BD3500FVM
BD3501FVM
BD3502FVM
BD3504FVM
Output Voltage
1.8V (Fix)
1.5V (Fix)
1.2V (Fix)
Variable(0.65~2.5V)
NRCS
(Soft start)
(Independent Setting)
(Independent Setting)
(Independent Setting)
(Same Timer Latch)
Timer latch short
protection circuit
(Independent Setting)
(Independent Setting)
(Independent Setting)
(Same NRCS)
VIN UVLO
Hysterisis
Hysterisis
Hysterisis
Detected at start-up only
(set by external resistor)
External FET
GATE Drive Current
+1/-3mA
+1/-3mA
+1/-3mA
+3/-3mA
No.10030EAT29


Similar Part No. - BD3504FVM_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3504FVM ROHM-BD3504FVM_08 Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
More results

Similar Description - BD3504FVM_10

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3506F ROHM-BD3506F_10 Datasheet
534Kb / 15P
   Nch FET Ultra LDO for PC Chipsets
BD3507HFV ROHM-BD3507HFV_10 Datasheet
479Kb / 16P
   Nch FET Ultra LDO for PC Chipsets
BD3509MUV ROHM-BD3509MUV_10 Datasheet
665Kb / 21P
   Nch FET Ultra LDO for PC Chipsets
BD3504FVM ROHM-BD3504FVM_08 Datasheet
681Kb / 17P
   Ultra Low Dropout Linear Regulator Controllers for PC Chipsets
BD35281HFN ROHM-BD35281HFN_11 Datasheet
384Kb / 16P
   Nch FET Ultra LDO for Desktop PCs
BD3540NUV ROHM-BD3540NUV_09 Datasheet
642Kb / 17P
   Nch FET Ultra LDOs for Desktop PCs Chipsets with Power Good
BD3507HFV ROHM-BD3507HFV_08 Datasheet
633Kb / 16P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3506F ROHM-BD3506F_08 Datasheet
702Kb / 17P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3508MUV ROHM-BD3508MUV_09 Datasheet
689Kb / 21P
   Ultra Low Dropout Linear Regulators for PC Chipsets
BD3523HFN ROHM-BD3523HFN_09 Datasheet
788Kb / 21P
   Nch FET Ultra LDOs for Desktop PCs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com