Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD3010AFV-M Datasheet(PDF) 4 Page - Rohm

Part # BD3010AFV-M
Description  Regulator with Voltage Detector and Watchdog Timer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3010AFV-M Datasheet(HTML) 4 Page - Rohm

  BD3010AFV-M Datasheet HTML 1Page - Rohm BD3010AFV-M Datasheet HTML 2Page - Rohm BD3010AFV-M Datasheet HTML 3Page - Rohm BD3010AFV-M Datasheet HTML 4Page - Rohm BD3010AFV-M Datasheet HTML 5Page - Rohm BD3010AFV-M Datasheet HTML 6Page - Rohm BD3010AFV-M Datasheet HTML 7Page - Rohm BD3010AFV-M Datasheet HTML 8Page - Rohm BD3010AFV-M Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Technical Note
4/21
www.rohm.com
2010.11- Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD3010AFV-M
Reference Data
(Unless otherwise specified, Ta=25℃, Vcc=13.5V, INH=5V, CLK=GND, Io=0mA)
0
20
40
60
80
10
100
1000
10000 100000 1E+06
FREQUENCY : f [Hz]
0
0.1
0.2
0.3
0.4
0.5
0.6
0
50
100
150
200
OUTPUT CURRENT: Io[mA]
0
1
2
3
4
5
6
0
100
200 300
400 500
600 700
OUTPUT CURRENT: Io [mA]
0
30
60
90
120
150
180
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE: Vcc [V]
0
0.1
0.2
0.3
0.4
0.5
0
50
100
150
200
OUTPUT CURRENT: Io[mA]
0
1
2
3
4
5
6
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE: Vcc [V]
Ta=25℃
Ta=125℃
Ta=-40℃
Fig.2 Circuit Current 2
Ta=25℃
Fig.3 Input Stability
Fig.1 Circuit Current 1
Ta=25℃
Ta=-40℃
Ta=125℃
Fig.5 I/O Voltage Difference
(Vcc=4.75V)
Ta=125℃
Ta=25℃
Ta=-40℃
Fig.6 Ripple Rejection
Ta=25℃
Ta=-40℃
Ta=125℃
Fig.4 Load Stability
Ta=125℃
Ta=25℃
Ta=-40℃
4.90
4.95
5.00
5.05
5.10
-40
0
40
80
120
AMBIENT TEMPERATURE: Ta [℃]
Fig.8 Thermal Shutdown
Circuit Characteristics
0
1
2
3
4
5
6
100
120
140
160
180
200
AMBIENT TEMPERATURE: Ta [℃]
170℃
150℃
Fig.7 Output Voltage vs.
Temperature


Similar Part No. - BD3010AFV-M

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD301 ISC-BD301 Datasheet
247Kb / 2P
   isc Silicon NPN Power Transistor
logo
Shanghai Shunye Electro...
BD301N SHUNYE-BD301N Datasheet
205Kb / 2P
   30 AMP BLOCK DIODES
BD301P SHUNYE-BD301P Datasheet
205Kb / 2P
   30 AMP BLOCK DIODES
More results

Similar Description - BD3010AFV-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3021HFP-M ROHM-BD3021HFP-M_10 Datasheet
384Kb / 15P
   Regulator with Voltage Detector and Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A28FVM ROHM-BD87A28FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD37A41FVM ROHM-BD37A41FVM Datasheet
322Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A41FVM ROHM-BD87A41FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD99A41F ROHM-BD99A41F Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A29FVM ROHM-BD87A29FVM Datasheet
323Kb / 6P
   Voltage Detector with Watchdog Timer
BD87A34FVM ROHM-BD87A34FVM Datasheet
321Kb / 6P
   Voltage Detector with Watchdog Timer
BD3004HFP ROHM-BD3004HFP_06 Datasheet
1Mb / 9P
   Regulators with Voltage Detector and Watchdog Timer
BD37A19FVM ROHM-BD37A19FVM_13 Datasheet
555Kb / 18P
   Voltage Detector ICs with Watchdog Timer Built-in watchdog timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com