Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GL9ED2 Datasheet(PDF) 1 Page - Sharp Electrionic Components

Part No. GL9ED2
Description  2.0X5.0mm, Rectangle Type, Milky Diffusion, Dichromatic LED Lamps for Indicator
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

GL9ED2 Datasheet(HTML) 1 Page - Sharp Electrionic Components

  GL9ED2 Datasheet HTML 1Page - Sharp Electrionic Components GL9ED2 Datasheet HTML 2Page - Sharp Electrionic Components GL9ED2 Datasheet HTML 3Page - Sharp Electrionic Components GL9ED2 Datasheet HTML 4Page - Sharp Electrionic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
77
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
Dichromatic LED Lamp
GL9tt2 series
GL9tt2 series
s Outline Dimensions
5.0
±0.2
0.5
±0.2
2.39
NOM
2.39
NOM
2.54
NOM
2.54
NOM
1
2
3
1.0MAX
1.1MAX
Milky diffusion
Pin connections
1
2
3
Anode
Cathode
Anode
HP
Yellow
Common
Red
EH
Yellow-green
Common
Yellow
ED
Yellow-green
Common
Red
GL9ED2
GL9EH2
GL9HP2
GaP
GaP
GaAsP on GaP
GaAsP on GaP
GaAsP on GaP
GaAsP on GaP
84
84
50
50
38
84
30
30
20
20
15
30
50
50
30
50
50
50
DC
0.40
0.40
0.27
0.27
0.67
0.40
Pulse
0.67
0.67
0.67
0.20
0.67
0.67
5
5
5
5
5
5
260
260
260
Model No. Radiation color Radiation material
Power dissipation
P*1
(mW)
Forward current
IF
(mA)
Derating factor
(mA/˚C)
Peak forward current
IFM*2
(mA)
Operating temperature
Topr
(˚C)
Storage temperature
Tstg
(˚C)
Soldering temperature
Tsol*3
(˚C)
Reverse voltage
VR
(V)
(Ta=25˚C)
Yellow-green
Yellow-green
Yellow
Yellow
Red
Red
-25 to +85
-25 to +100
-25 to +85
-25 to +100
-25 to +85
-25 to +100
*1 The value is specified under the condition that either color is lightened separately. When the both diodes are lightened simultaneously,
the power dissipation of each diode should be less than the half of the value specified in this table.
*2 Duty ratio=1/10, Pulse width=0.1ms
*3 5s or less(At the position of 1.6mm or more from the bottom face of resin package)
s Absolute Maximum Ratings
GL9ED2
GL9EH2
GL9HP2
TYP
2.1
2.0
1.9
1.9
1.9
MAX
2.8
2.8
2.5
2.5
2.5
565
565
585
585
695
20
20
10
10
10
8.0
6.0
2.0
1.0
0.8
20
20
10
10
10
30
30
30
25
100
20
20
10
10
10
10
10
10
10
10
4
4
4
4
4
35
35
35
35
55
1
1
1
1
1
2.0
2.8
635
20
3.0
20
30
20
10
4
20
1
Model No.
Lens
type
Forward voltage
VF(V)
λp(nm)
TYP
IV(mcd)
TYP
IF
(mA)
IF
(mA)
IF
(mA)
(MHZ)
VR
(V)
IR(
µA)
MAX
Ct(pF)
TYP
∆λ(nm)
TYP
Peak emission wavelength
Luminous intensity
Spectrum radiation bandwidth
Reverse current
Page for
characteristics
diagrams
Terminal capacitance
(Ta=25˚C)
Radiation
color
Milky
diffusion
Yellow-green
Yellow-green
Yellow
Yellow
Red
Red
s Electro-optical Characteristics
(Unit : mm)
2.0!5.0mm, Rectangle Type,
Milky Diffusion, Dichromatic LED
Lamps for Indicator


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn