Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD2045AFJ Datasheet(PDF) 7 Page - Rohm

Part # BD2045AFJ
Description  1ch High Side Switch ICs for USB Devices and Memory Cards
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2045AFJ Datasheet(HTML) 7 Page - Rohm

Back Button BD2045AFJ Datasheet HTML 3Page - Rohm BD2045AFJ Datasheet HTML 4Page - Rohm BD2045AFJ Datasheet HTML 5Page - Rohm BD2045AFJ Datasheet HTML 6Page - Rohm BD2045AFJ Datasheet HTML 7Page - Rohm BD2045AFJ Datasheet HTML 8Page - Rohm BD2045AFJ Datasheet HTML 9Page - Rohm BD2045AFJ Datasheet HTML 10Page - Rohm BD2045AFJ Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
BD2045AFJ, BD2055AFJ
Technical Note
7/12
www.rohm.com
2011.06 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Block diagram
IN
IN
/OC
EN(/EN)
OUT
OUT
OUT
GND
Charge
pump
Gate logic
TSD
OCD
UVLO
1
2
3
4
8
7
6
5
GND
IN
IN
/OC
OUT
OUT
OUT
Top View
EN(/EN)
Fig.36 Block diagram
Fig.37 Pin Configuration
Pin description
BD2045AFJ
Pin No.
Symbol
I / O
Pin function
1
GND
I
Ground.
2, 3
IN
I
Power supply input.
Input terminal to the power switch and power supply input terminal of the internal circuit.
At use, connect each pin outside.
4
/EN
I
Enable input.
Power switch on at Low level.
High level input > 2.0V, Low level input < 0.8V.
5
/OC
O
Error flag output.
Low at over current, thermal shutdown.
Open drain output.
6, 7, 8
OUT
O
Power switch output.
At use, connect each pin outside.
BD2055AFJ
Pin No.
Symbol
I / O
Pin function
1
GND
I
Ground.
2, 3
IN
I
Power supply input.
Input terminal to the power switch and power supply input terminal of the internal circuit.
At use, connect each pin outside.
4
EN
I
Enable input.
Power switch on at High level.
High level input > 2.0V, Low level input < 0.8V
5
/OC
O
Error flag output.
Low at over current, thermal shutdown.
Open drain output.
6, 7, 8
OUT
O
Power switch output.
At use, connect each pin outside.


Similar Part No. - BD2045AFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2045AFJ ROHM-BD2045AFJ Datasheet
315Kb / 6P
   Silicon monolithic integrated circuit USB high side switch IC
BD2045AFJ ROHM-BD2045AFJ Datasheet
366Kb / 13P
   1ch Small Current Output USB High Side Switch ICs
BD2045AFJ ROHM-BD2045AFJ Datasheet
1Mb / 26P
   0.5A Current Limit High Side Switch ICs
BD2045AFJ-E2 ROHM-BD2045AFJ-E2 Datasheet
1Mb / 26P
   0.5A Current Limit High Side Switch ICs
BD2045AFJ ROHM-BD2045AFJ_09 Datasheet
366Kb / 13P
   1ch Small Current Output USB High Side Switch ICs
More results

Similar Description - BD2045AFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ_11 Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82061FVJ ROHM-BD82061FVJ_11 Datasheet
399Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82000FVJ ROHM-BD82000FVJ_11 Datasheet
408Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2248G ROHM-BD2248G Datasheet
646Kb / 23P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2220G ROHM-BD2220G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G ROHM-BD2226G Datasheet
310Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G-LB ROHM-BD2226G-LB Datasheet
539Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2240G ROHM-BD2240G Datasheet
309Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com