Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD2045AFJ Datasheet(PDF) 1 Page - Rohm

Part # BD2045AFJ
Description  1ch High Side Switch ICs for USB Devices and Memory Cards
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2045AFJ Datasheet(HTML) 1 Page - Rohm

  BD2045AFJ_11 Datasheet HTML 1Page - Rohm BD2045AFJ_11 Datasheet HTML 2Page - Rohm BD2045AFJ_11 Datasheet HTML 3Page - Rohm BD2045AFJ_11 Datasheet HTML 4Page - Rohm BD2045AFJ_11 Datasheet HTML 5Page - Rohm BD2045AFJ_11 Datasheet HTML 6Page - Rohm BD2045AFJ_11 Datasheet HTML 7Page - Rohm BD2045AFJ_11 Datasheet HTML 8Page - Rohm BD2045AFJ_11 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/12
www.rohm.com
2011.06 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
Power Management Switch ICs for PCs and Digital Consumer Products
1ch High Side Switch ICs
for USB Devices and Memory Cards
BD2045AFJ, BD2055AFJ
Description
Single channel high side switch IC for USB port is a high side switch having over current protection used in power supply line
of universal serial bus (USB).
N-channel power MOSFET of low on resistance and low supply current are realized in this IC.
And, over current detection circuit, thermal shutdown circuit, under voltage lockout and soft start circuit are built in.
Features
1) Low on resistance 80mΩ Nch MOSFET Switch.
2) Continuous current load 0.25A
3) Control input logic
Active-Low : BD2045AFJ
Active-High : BD2055AFJ
4) Soft start circuit
5) Over current detection
6) Thermal shutdown
7) Under voltage lockout
8) Open drain error flag output
9) Reverse-current protection when power switch off
10) Power supply voltage range 2.7V to 5.5V
11) TTL Enable input
12) 1.2ms typical rise time
13) 10μA max standby current
14) Operating temperature range -40°C to 85°C
Applications
USB hub in consumer appliances, Car accessory, PC, PC peripheral equipment, and so forth
Lineup
Parameter
BD2045AFJ
BD2055AFJ
Continuous current load (A)
0.25
0.25
Output current at short (A)
0.5
0.5
Control input logic
Low
High
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Supply voltage
VIN
-0.3 to 6.0
V
Enable voltage
VEN, V/EN
-0.3 to 6.0
V
/OC voltage
V/OC
-0.3 to 6.0
V
/OC current
IS/OC
10
mA
OUT voltage
VOUT
-0.3 to 6.0
V
Storage temperature
TSTG
-55 to 150
°C
Power dissipation
PD
560
*1
mW
*1 In the case of exceeding Ta = 25°C, 4.48mW should be reduced per 1°C.
*
This chip is not designed to protect itself against radioactive rays.
No.11029ECT04


Similar Part No. - BD2045AFJ_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2045AFJ ROHM-BD2045AFJ_14 Datasheet
1Mb / 26P
   0.5A Current Limit High Side Switch ICs
More results

Similar Description - BD2045AFJ_11

ManufacturerPart #DatasheetDescription
logo
Rohm
BD2041AFJ ROHM-BD2041AFJ_11 Datasheet
449Kb / 19P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2061AFJ ROHM-BD2061AFJ_11 Datasheet
314Kb / 13P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82061FVJ ROHM-BD82061FVJ_11 Datasheet
399Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82000FVJ ROHM-BD82000FVJ_11 Datasheet
408Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD2232G ROHM-BD2232G Datasheet
324Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2248G ROHM-BD2248G Datasheet
646Kb / 23P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2220G ROHM-BD2220G_11 Datasheet
359Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G ROHM-BD2226G Datasheet
310Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2226G-LB ROHM-BD2226G-LB Datasheet
539Kb / 24P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
BD2240G ROHM-BD2240G Datasheet
309Kb / 13P
   1ch Small Package High Side Switch ICs for USB Devices and Memory Cards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com