Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD1204GWL Datasheet(PDF) 3 Page - Rohm

Part # BD1204GWL
Description  Backlight LED Driver for Small LCD Panels (Charge Pump Type)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD1204GWL Datasheet(HTML) 3 Page - Rohm

  BD1204GWL Datasheet HTML 1Page - Rohm BD1204GWL Datasheet HTML 2Page - Rohm BD1204GWL Datasheet HTML 3Page - Rohm BD1204GWL Datasheet HTML 4Page - Rohm BD1204GWL Datasheet HTML 5Page - Rohm BD1204GWL Datasheet HTML 6Page - Rohm BD1204GWL Datasheet HTML 7Page - Rohm BD1204GWL Datasheet HTML 8Page - Rohm BD1204GWL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Technical Note
3/12
www.rohm.com
2010.02 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
BD1204GWL
Block Diagram
Pin number 14pin
Fig. 1 Block Diagram
Pin Configuration [Bottom View]
D
LED2
LED1
VBAT
C1N
C
LED3
EN
C1P
BLED4
index
PWMIN
C2P
A
GND
ISET
VOUT
C2N
1
2
3
4
Fig. 2 Pin Configuration
×1, ×1.5, ×2
Charge pump
Over Voltage
Protect
OSC
TSD
Enable/
Brightness
Control
Vout Control
Charge Pump
Mode Control
Current
DAC
GND
LED1
LED2
LED3
EN
VBAT
VOUT
4
LED4 DET
LED4
PWMIN
ISET


Similar Part No. - BD1204GWL

ManufacturerPart #DatasheetDescription
logo
Yantel Corporation
BD1200U510-1306 YANTEL-BD1200U510-1306 Datasheet
407Kb / 3P
   Ultra Low Profile 1306 Balun 50廓 to 100廓 Balanced
BD1200U520-1305 YANTEL-BD1200U520-1305 Datasheet
433Kb / 3P
   Ultra Low Profile 1305 Balun 50廓 to 200廓 Balanced
logo
Rohm
BD1206GUL ROHM-BD1206GUL Datasheet
392Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
More results

Similar Description - BD1204GWL

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1603NUV ROHM-BD1603NUV_11 Datasheet
324Kb / 9P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1601MUV ROHM-BD1601MUV_11 Datasheet
316Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1206GUL ROHM-BD1206GUL Datasheet
392Kb / 13P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1606MVV ROHM-BD1606MVV_11 Datasheet
306Kb / 12P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD82103GWL ROHM-BD82103GWL_11 Datasheet
287Kb / 10P
   Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6083GUL ROHM-BD6083GUL_10 Datasheet
667Kb / 46P
   Multifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6088GUL ROHM-BD6088GUL_11 Datasheet
821Kb / 52P
   Mulitifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD6095GUL ROHM-BD6095GUL_11 Datasheet
657Kb / 42P
   Mulitifunction Backlight LED Driver for Small LCD Panels (Charge Pump Type)
BD1604MUV ROHM-BD1604MUV_11 Datasheet
393Kb / 11P
   Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
BD6085GUL ROHM-BD6085GUL_11 Datasheet
477Kb / 29P
   Multifunction Backlight LED Drivers for Small LCD Panels (Charge Pump Type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com