Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD15KA5FP Datasheet(PDF) 5 Page - Rohm

Part # BD15KA5FP
Description  500mA Secondary LDO Regulators for Local Power Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD15KA5FP Datasheet(HTML) 5 Page - Rohm

  BD15KA5FP Datasheet HTML 1Page - Rohm BD15KA5FP Datasheet HTML 2Page - Rohm BD15KA5FP Datasheet HTML 3Page - Rohm BD15KA5FP Datasheet HTML 4Page - Rohm BD15KA5FP Datasheet HTML 5Page - Rohm BD15KA5FP Datasheet HTML 6Page - Rohm BD15KA5FP Datasheet HTML 7Page - Rohm BD15KA5FP Datasheet HTML 8Page - Rohm BD15KA5FP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
BD□□KA5,BD□□KA5W Series,BD00KA5W Series
Technical Note
5/9
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Input / Output Equivalent Circuit Diagrams
Thermal Design
When using at temperatures over Ta=25℃, please refer to the power dissipation shown in Fig.20 through 22.
The IC characteristics are closely related to the temperature at which the IC is used, so if the temperature exceeds the
maximum junction temperature TjMAX, the device may malfunction or be destroyed. The heat of the IC requires sufficient
consideration regarding instantaneous destruction and long-term operation reliability. In order to protect the IC from thermal
damage, it is necessary to operate it at temperatures less than the maximum junction temperature TjMAX.
Even when the ambient temperature Ta is a normal temperature(25℃), the chip(junction) temperature Tj may be quite high,
so please operate the IC at temperatures less than the acceptable loss Pd.
The calculation method for power consumption Pc(W) is as follows :
Pc = (Vcc-Vo)×Io+Vcc×Icca
Acceptable loss Pd≧Pc
Solving for the load current IO in order to operate within the acceptable loss,
Io≦
It is then possible to find the maximum load current IoMAX with respect to the applied voltage Vcc at the time of thermal design.
Calculation Example
Example 1) When Ta=85℃, Vcc=2.5V, Vo=1.0V
Io≦
θja=96.2℃/W → -10.4mW/℃
Io≦440mA (Icca : 2mA)
25℃=1300mW → 85℃=676mW
Please refer to the above information and keep thermal designs within the scope of acceptable loss for all operating
temperature ranges.
The power consumption PC of the IC when there is a short circuit (short between Vo and GND) is :
Pc=Vcc×(Icca+Ishort)
*Ishort : Short circuit current
With BD00KA5WFP/WF,R1and R2 are connected
outside the IC between ADJ and GND and
between OUT and ADJ.
Vcc
CTL
Vcc Vcc
Vcc
OUT
ADJ
R1
R2
31.25kΩ 2kΩ
25kΩ
(BD00KA5WFP/WF)
Fig.18
Fig.19
Pd – Vcc×Icca
Vcc-Vo
0.676-2.5×Icca
2.5-1.0
BA10KA5WFP(TO252-5 packaging)
0.0
0.4
0.8
1.2
1.6
2.0
0
25
50
75
100
125
150
Ambient temperature:Ta(℃)
0.0
0.4
0.8
1.2
1.6
2.0
0
25
50
75
100
125
150
周囲温度:Ta(℃)
0
200
400
600
800
1000
0
25
50
75
100
125
150
周囲温度:Ta(℃)
1.30
1.20
687.6mW
562.6mW
(1)
(2)
Rohm standard board mounting
Board size:70×70×1.6mm
Copper foil area:7×7mm
2
θ
ja=96.2(℃/W)
Rohm standard board mounting
Board size:70×70×1.6mm
Copper foil area:7×7mm
2
θ
ja=104.2(℃/W)
TO252-5
TO252-3
SOP8
Fig.22 Power Dissipation heat
reducing characteristics
(1)When using a standard board:
θ
j-c=181.8(℃/W)
(2) When using an IC alone
θ
j-a=222.2(℃/W)
Fig.21 Power Dissipation heat
reducing characteristics
Fig.20 Power Dissipation heat
reducing characteristics
Ambient temperature:Ta(℃)
Ambient temperature:Ta(℃)
Vcc:
Vo:
Io:
Icca:
Input voltage
Output voltage
Load current
Circuit current


Similar Part No. - BD15KA5FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD15KA5FP ROHM-BD15KA5FP Datasheet
309Kb / 6P
   Low ESR Capacitor, Low Dropout 500mA Regulator IC
BD15KA5FP-E2 ROHM-BD15KA5FP-E2 Datasheet
616Kb / 18P
   500mA Variable/Fixed Output LDO Regulators Built-in thermal shutdown circuit
BD15KA5FP-E2 ROHM-BD15KA5FP-E2 Datasheet
616Kb / 18P
   low-saturation regulators that are available for output currents up to 500mA.
More results

Similar Description - BD15KA5FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BDXXKA5 ROHM-BDXXKA5 Datasheet
364Kb / 10P
   500mA Secondary LDO Regulators for Local Power Supplies
BD00HA5WEFJ ROHM-BD00HA5WEFJ Datasheet
457Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA5WEFJ ROHM-BD00GA5WEFJ Datasheet
463Kb / 12P
   500mA Secondary Variable Output LDO Regulators for Local Power Supplies
BAXXBC0 ROHM-BAXXBC0_10 Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
BAXXJC5 ROHM-BAXXJC5_09 Datasheet
381Kb / 10P
   1.5A Secondary LDO Regulators for Local Power Supplies
BA15NC0WT ROHM-BA15NC0WT Datasheet
392Kb / 10P
   1A Secondary LDO Regulators for Local Power Supplies
BD00HC5WEFJ ROHM-BD00HC5WEFJ Datasheet
492Kb / 12P
   1.5A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GA3WEFJ ROHM-BD00GA3WEFJ Datasheet
523Kb / 12P
   300mA Secondary Variable Output LDO Regulators for Local Power Supplies
BD00HC0WEFJ ROHM-BD00HC0WEFJ Datasheet
491Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
BD00GC0WEFJ ROHM-BD00GC0WEFJ Datasheet
543Kb / 12P
   1A Secondary Variable Output LDO Regulators for Local Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com