Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD00D0AWHFP Datasheet(PDF) 3 Page - Rohm

Part # BD00D0AWHFP
Description  2A Standard Variable Output LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD00D0AWHFP Datasheet(HTML) 3 Page - Rohm

  BD00D0AWHFP Datasheet HTML 1Page - Rohm BD00D0AWHFP Datasheet HTML 2Page - Rohm BD00D0AWHFP Datasheet HTML 3Page - Rohm BD00D0AWHFP Datasheet HTML 4Page - Rohm BD00D0AWHFP Datasheet HTML 5Page - Rohm BD00D0AWHFP Datasheet HTML 6Page - Rohm BD00D0AWHFP Datasheet HTML 7Page - Rohm BD00D0AWHFP Datasheet HTML 8Page - Rohm BD00D0AWHFP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Technical Note
3/11
www.rohm.com
2011.03 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
BD00D0AWHFP
Electrical characteristic curves (Reference data)
(Unless otherwise specified, Ta=25℃, Vcc=10V,VCTL=5V,Io=0mA,Vo=5.0Vsetting)
(The resistor of between ADJ and Vo =56.7kΩ,ADJ and GND =10kΩ)
0
3
6
9
12
15
18
0 2 4 6 8 1012 14161820 2224
SUPPLY VOLTAGE : Vcc [V]
0
10
20
30
40
50
60
70
80
10
100
1000
10000
100000 1000000
FREQUENCY: f [Hz]
0
1
2
3
4
5
6
-40
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE : Ta [℃]
0
1
2
3
4
5
6
0 2 4 6 8 10 12 14 16 18 20 22 24
CONTROL VOLTAGE : VCTL [V]
0
10
20
30
40
50
60
70
80
90
100
0 2468 10 12 14 16 18 20 22 24
CONTROL VOLTAGE : VCTL[V]
0
1
2
3
4
5
6
0246 8 10 12 14 16 18 20 22 24
SUPPLY VOLTAGE : Vcc [V]
0.0
0.2
0.4
0.6
0.8
1.0
0
400
800
1200
1600
2000
OUTPUT CURRENT : Io [mA]
0
1
2
3
4
5
6
02468 10 12 14 16 18 20 22 24
SUPPLY VOLTAGE : Vcc [V]
0.0
0.2
0.4
0.6
0.8
1.0
0 2 4 6 8 10 12 14 16 18 20 22 24
SUPPLY VOLTAGE: Vcc [V]
0
100
200
300
400
500
600
700
800
0
400
800
1200
1600
2000
OUTPUT CURRENT : Io [mA]
0
1
2
3
4
5
6
0
600
1200
1800
2400
3000
OUTPUT CURRENT : Io [mA]
0
1
2
3
4
5
6
130
140
150
160
170
180
190
AMBIENT TEMPERATURE : Ta [℃]
Fig.12 Thermal Shutdown
Circuit Characteristics
Fig.1 Circuit Current
(IFEEDBACK_R≒75µA)
Fig.2 Shut Down Current
Fig.3 Line Regulation
(Io=0mA)
Fig.4 Line Regulation
(Io=1000mA)
Fig.5 Load Regulation
Fig.6 Dropout Voltage
(Vcc=4.75V)
(lo=0mA→2000mA)
Fig.7 Ripple Rejection
Fig.8 Output Voltage
Temperature Characteristics
Fig.10 CTL Voltage vs CTL Current
Fig.11 CTL Voltage vs Output Voltage
Fig.9 Circuit Current
(IFEEDBACK_R≒75µA)


Similar Part No. - BD00D0AWHFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD00D0AWHFP ROHM-BD00D0AWHFP Datasheet
178Kb / 5P
   Low ESR capacitor,2A Low Dropout Voltage Regulator with Shut Down Switch竊뉯djustable Voltage竊
More results

Similar Description - BD00D0AWHFP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3662CP-V5_1010 ROHM-BA3662CP-V5_1010 Datasheet
423Kb / 12P
   300mA Standard Variable Output LDO Regulator
BA00CC0WHFP-TR ROHM-BA00CC0WHFP-TR Datasheet
498Kb / 20P
   2A/1A Variable Output LDO Regulators
BA00DD0W ROHM-BA00DD0W Datasheet
2Mb / 25P
   2A/1A Variable Output LDO Regulators
BA00DD0WCP-V5 ROHM-BA00DD0WCP-V5_10 Datasheet
353Kb / 10P
   Standard Variable Output LDO Regulators
BA3662CP-V5 ROHM-BA3662CP-V5_12 Datasheet
395Kb / 17P
   300mA Variable Output LDO Regulator
BD00HC0WEFJ ROHM-BD00HC0WEFJ_13 Datasheet
513Kb / 20P
   1A Variable Output LDO Regulator
BD00FA1WEFJ ROHM-BD00FA1WEFJ Datasheet
796Kb / 19P
   100mA Variable Output LDO Regulator
BD00C0AWFP ROHM-BD00C0AWFP Datasheet
391Kb / 12P
   1A Standard Variable Output LDO Regulators
BD00GC0MEFJ-LB ROHM-BD00GC0MEFJ-LB Datasheet
797Kb / 24P
   1.0A Variable Output Industrial LDO Regulator
BDXXGC0MEFJ-M ROHM-BDXXGC0MEFJ-M Datasheet
993Kb / 24P
   Automotive 1.0A Variable Output LDO Regulator
2021.10.11 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com