Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GL8TR42 Datasheet(PDF) 1 Page - Sharp Electrionic Components

Part No. GL8TR42
Description  2.0 X 3.9mm, Rectangle Type, Colored Diffusion, High-luminosity LED Lamp for Indicator
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

GL8TR42 Datasheet(HTML) 1 Page - Sharp Electrionic Components

  GL8TR42 Datasheet HTML 1Page - Sharp Electrionic Components GL8TR42 Datasheet HTML 2Page - Sharp Electrionic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
35
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
Super-luminosity LED Lamp/High-luminosity LED Lamp
GL8TR42
GL8TR42
s Outline Dimensions
0.5
±0.1
Colored diffusion
2
2.54
NOM
4-R0.2
2-R0.2
1
3.9
4.0
+0
-0.3
+0
-0.3
Pin connections
1 Anode
2 Cathode
Unspecified tolerance:
±0.2
DC
Pulse
GL8TR42 Red(High-luminosity) GaA1As on GaAs
110
50
0.67
4.00
260
300
5
-25 to +85
-25 to +100
Model No. Radiation color Radiation material
Power dissipation
P
(mW)
Forward current
IF
(mA)
Derating factor
(mA/˚C)
Peak forward current
IFM*1
(mA)
Operating temperature
Topr
(˚C)
Storage temperature
Tstg
(˚C)
Soldering temperature
Tsol*2
(˚C)
Reverse voltage
VR
(V)
(Ta=25˚C)
*1 Duty ratio=1/16, Pulse width
≤1ms
*2 5s or less(At the position of 1.6mm or more from the bottom face of resin package)
s Absolute Maximum Ratings
TYP
MAX
GL8TR42
1.75
2.2
660
20
20
20
10
4
30
1
20
4.0
Model No.
Lens type
Forward voltage
VF(V)
λp(nm)
TYP
IV(mcd)
TYP
IF
(mA)
IF
(mA)
IF
(mA)
(MHZ)
VR
(V)
IR(
µA)
MAX
Ct(pF)
TYP
∆λ(nm)
TYP
Peak emission wavelength
Luminous intensity
Spectrum radiation bandwidth
Reverse current
Page for
characteristics
diagrams
Terminal capacitance
(Ta=25˚C)
Colored diffusion
s Electro-optical Characteristics
(Unit :
mm)
2.0 ! 3.9mm, Rectangle Type,
Colored Diffusion, High-luminosity
LED Lamp for Indicator


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn