Electronic Components Datasheet Search |
|
BA6285AFP-Y Datasheet(PDF) 2 Page - Rohm |
|
BA6285AFP-Y Datasheet(HTML) 2 Page - Rohm |
2 / 18 page Technical Note 2/17 BA6956AN,BA6287F,BA6285FS,BA6285AFP-Y,BA6920FP-Y www.rohm.com 2011.05 - Rev.B © 2011 ROHM Co., Ltd. All rights reserved. ● Electrical characteristics (BA6956AN, unless otherwise specified, Ta=25℃ and VCC=9V, VM=9V) Parameter Symbol Limits Unit Conditions Min. Typ. Max. Supply current 1 ICC1 - 29 44 mA FWD/REV mode Supply current 2 ICC2 - 56 80 mA Brake mode Supply current 3 ICC3 - 0 15 µA Standby mode Input threshold voltage H VIH 2.0 - VCC V Input threshold voltage L VIL 0 - 0.8 V Input bias current IIH 50 90 131 µA VIN=2V Output saturation voltage VCE - 1.7 2.3 V IO=0.2A, vertically total VREF bias current IREF - 10 25 µA IO=0.2A, VREF=6V ● Electrical characteristics (BA6287F, unless otherwise specified, Ta=25℃ and VCC=9V, VM=9V, VREF=9V) Parameter Symbol Limits Unit Conditions Min. Typ. Max. Supply current 1 ICC1 12 24 36 mA FWD/REV mode Supply current 2 ICC2 29 48 67 mA Brake mode Standby current IST - 0 15 µA Standby mode Input threshold voltage H VIH 2.0 - VCC V Input threshold voltage L VIL 0 - 0.8 V Input bias current IIH 45 90 135 µA VIN=2V Output saturation voltage VCE - 1.0 1.5 V IO=0.2A, vertically total VREF bias current IREF 6 12 18 mA IO=0.2A, FWD or REV mode ● Electrical characteristics (BA6285FS, unless otherwise specified, Ta=25℃ and VCC=9V, VM=9V, VREF=9V) Parameter Symbol Limits Unit Conditions Min. Typ. Max. Supply current 1 ICC1 12 24 36 mA FWD/REV mode Supply current 2 ICC2 29 48 67 mA Brake mode Standby current IST - 0 15 µA Standby mode Input threshold voltage H VIH 2.0 - VCC V Input threshold voltage L VIL 0 - 0.8 V Input bias current IIH 45 90 135 µA VIN=2V Power save on voltage VPSON 2.0 - VCC V Standby mode Power save off voltage VPSOFF 0 - 0.8 V Operation Output saturation voltage VCE - 1.0 1.5 V IO=0.2A, vertically total VREF bias current IREF 6 12 18 mA IO=0.2A, FWD or REV mode |
Similar Part No. - BA6285AFP-Y |
|
Similar Description - BA6285AFP-Y |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |