Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA6956AN Datasheet(PDF) 11 Page - Rohm

Part # BA6956AN
Description  1.0A Reversible Motor Drivers (Single Motor)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6956AN Datasheet(HTML) 11 Page - Rohm

Back Button BA6956AN Datasheet HTML 7Page - Rohm BA6956AN Datasheet HTML 8Page - Rohm BA6956AN Datasheet HTML 9Page - Rohm BA6956AN Datasheet HTML 10Page - Rohm BA6956AN Datasheet HTML 11Page - Rohm BA6956AN Datasheet HTML 12Page - Rohm BA6956AN Datasheet HTML 13Page - Rohm BA6956AN Datasheet HTML 14Page - Rohm BA6956AN Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Technical Note
11/17
BA6956AN,BA6287F,BA6285FS,BA6285AFP-Y,BA6920FP-Y
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
External application components
1) Resistor for the current limitation, R1
This is a current limiting resistor for collector loss reduction and at the time of short-circuited output. It depends on the
power supply voltage used, etc., but choose resistance of about 5 to 10Ω. In addition, set resistance with utmost care
to voltage drop caused by inrush current that flows when the motor is started.
2) Resistors and zener diode for the output high voltage setting, R2, R3 and ZD
These are the resistors and zener diode used when output high voltage is set. As for the voltage, only ( VSAT + VF )
lower than the VREF pin voltage for BA6287F, BA6285FS and BA6285AFP-Y. (Reference values; VSAT ≈ 0.25V, VF
0.75V) Zener diode ZD is recommended to be used instead of resistor R3 when the power supply voltage is unstable
for BA6956AN and BA6920FP-Y.
3) Stabilization capacitor for the power supply line, C1
Please connect the capacitor of 1μF to 100μF for the stabilization of the power supply line, and confirm the motor
operation.
4) Phase compensating capacitor, C2, C3
Noise is generated in output pins or oscillation results in accord with the set mounting state such as power supply
circuit, motor characteristics, PCB pattern artwork, etc. As noise oscillation measures, connect 0.01μF to 0.1μF
capacitors.
Functional descriptions
1) Operation modes
Table 6 Logic table
IN1
IN2
OUT1
OUT2
Operation
L
L
OPEN*
OPEN*
Stop (idling)
H
L
H
L
Forward (OUT1 > OUT2)
L
H
L
H
Reverse (OUT1 < OUT2)
H
H
L
L
Brake (stop)
* OPEN is the off state of all output transistors. Please note that this is the state of the connected diodes, which differs from that of the mechanical relay.
** Output OUT1 and OUT2 become OPEN regardless of the input logic of FIN and RIN when switching to the power save mode with the POWERSAVE pin.
a) Stand-by mode
In stand-by mode, all output power transistors are turned off, and the motor output goes to high impedance.
b) Forward mode
This operating mode is defined as the forward rotation of the motor when the OUT1 pin is high and OUT2 pin is
low. When the motor is connected between the OUT1 and OUT2 pins, the current flows from OUT1 to OUT2.
c)
Reverse mode
This operating mode is defined as the reverse rotation of the motor when the OUT1 pin is low and OUT2 pin is
high. When the motor is connected between the OUT1 and OUT2 pins, the current flows from OUT2 to OUT1.
d) Brake mode
This operating mode is used to quickly stop the motor (short circuit brake).
Note) Switching of rotating direction (FWD/REV)
When the rotating direction is changed over by the motor rotating condition, switch the direction after the motor is
temporarily brought to the BRAKE condition or OPEN condition. It is recommended to keep the relevant conditions
as follows:
via BRAKE: Longer than braking time*. (* the time required for the output L terminal to achieve potential below GND when brake is activated.)
via OPEN: The time longer than 1 ms is recommended.


Similar Part No. - BA6956AN

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6956AN ROHM-BA6956AN Datasheet
278Kb / 5P
   Silicon Monolithic Intergrated Circuit(Reversible Motor Driver)
BA6956AN ROHM-BA6956AN Datasheet
377Kb / 16P
   Reversible motor drivers (1A series)
BA6956AN ROHM-BA6956AN Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6956AN ROHM-BA6956AN_09 Datasheet
377Kb / 16P
   Reversible motor drivers (1A series)
More results

Similar Description - BA6956AN

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6920FP-YE2 ROHM-BA6920FP-YE2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6285FS-E2 ROHM-BA6285FS-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6247FP-Y ROHM-BA6247FP-Y_11 Datasheet
265Kb / 12P
   1.0A or More Reversible Motor Drivers (2 Motors)
BA6219BFP ROHM-BA6219BFP Datasheet
419Kb / 13P
   2.0A or More Reversible Motor Drivers (Single Motor)
BA6219BFP-Y ROHM-BA6219BFP-Y_11 Datasheet
278Kb / 11P
   2.0A or More Reversible Motor Drivers (Single Motor)
BH6578FVM ROHM-BH6578FVM_15 Datasheet
1Mb / 17P
   0.5 Amp or Less Reversible Motor Drivers (Single Motor)
BA6956AN ROHM-BA6956AN_09 Datasheet
377Kb / 16P
   Reversible motor drivers (1A series)
BD7931F-E2 ROHM-BD7931F-E2 Datasheet
396Kb / 11P
   0.5A or Less Reversible Motor Drivers (Single Moter)
BH6578FVM ROHM-BH6578FVM_09 Datasheet
296Kb / 9P
   Reversible Motor Drivers for Output 0.5A 1 Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com