Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5163-HTSP Datasheet(PDF) 16 Page - ams AG

Part # AS5163-HTSP
Description  12-Bit Automotive Angle Position Sensor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5163-HTSP Datasheet(HTML) 16 Page - ams AG

Back Button AS5163-HTSP Datasheet HTML 12Page - ams AG AS5163-HTSP Datasheet HTML 13Page - ams AG AS5163-HTSP Datasheet HTML 14Page - ams AG AS5163-HTSP Datasheet HTML 15Page - ams AG AS5163-HTSP Datasheet HTML 16Page - ams AG AS5163-HTSP Datasheet HTML 17Page - ams AG AS5163-HTSP Datasheet HTML 18Page - ams AG AS5163-HTSP Datasheet HTML 19Page - ams AG AS5163-HTSP Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
www.austriamicrosystems.com/AS5163
Revision 2.7
16 - 36
AS5163
Datasheet - Application In form atio n
8 Application Information
The benefits of AS5163 are as follows:
Unique fully differential patented solution
Best protection for automotive applications
Easy to program
Flexible interface selection PWM, analog output
Ideal for applications in harsh environments due to contactless position sensing
Robust system, tolerant to magnet misalignment, airgap variations, temperature variations and external magnetic fields
No calibration required because of inherent accuracy
High driving capability of analog output (including diagnostics)
8.1 Programming the AS5163
The AS5163 programming is a one-time-programming (OTP) method, based on polysilicon fuses. The advantage of this method is that no
additional programming voltage is needed. The internal LDO provides the current for programming.
The OTP consists of 128 bits, wherein several bits are available for user programming. In addition, factory settings are stored in the OTP
memory. Both regions are independently lockable by built-in lock bits.
A single OTP cell can be programmed only once. By default, each cell is “0”; a programmed cell will contain a “1”. While it is not possible to reset
a programmed bit from “1” to “0”, multiple OTP writes are possible, as long as only unprogrammed “0”-bits are programmed to “1”.
Independent of the OTP programming, it is possible to overwrite the OTP register temporarily with an OTP write command. This is possible only
if the user lock bit is not programmed.
Due to the programming over the output pin, the device will initially start in the communication mode. In this mode, the digital angle value can be
read with a specific protocol format. It is a bidirectional communication possible. Parameters can be written into the device. A programming of the
device is triggered by a specific command. With another command (pass2funcion), the device can be switched into operation mode (analog or
PWM output). In case of a programmed user lock bit, the AS5163 automatically starts up in the functional operation mode. No communication of
the specific protocol is possible after this.
8.1.1 Hardware Setup
The pin OUT and the supply connection are required for OTP memory access. Without the programmed Mem_Lock_USER OTP bit, the device
will start up in the communication mode and will remain into an IDLE operation mode. The pull up resistor RCommunication is required during
startup. Figure 1 shows the configuration of an AS5163.
Figure 11. Programming Schematic of the AS5163
VDD3
GND
VDD5
GNDA
2.2µF
(low ESR)
0.3 ohm
OUT
VDD
SENSOR PCB
Programmer
2.2µF
(low ESR)
1µF
KDOWN
VDD
GNDD GNDP
RCommunication
VDD
GND
DIO
AS5163


Similar Part No. - AS5163-HTSP

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5163-HTSP AMSCO-AS5163-HTSP Datasheet
2Mb / 37P
   12-Bit Automotive Angle Position Sensor
More results

Similar Description - AS5163-HTSP

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5261 AMSCO-AS5261 Datasheet
1Mb / 33P
   12-Bit Automotive Angle Position Sensor
AS5163 AMSCO-AS5163 Datasheet
881Kb / 33P
   12 BIT AUTOMOTIVE Angle Position Sensor
AS5163 AMSCO-AS5163_04 Datasheet
2Mb / 37P
   12-Bit Automotive Angle Position Sensor
AS5263 AMSCO-AS5263 Datasheet
2Mb / 38P
   12-Bit Redundant Automotive Angle Position Sensor
logo
List of Unclassifed Man...
AS5262 ETC2-AS5262 Datasheet
1Mb / 36P
   12-Bit Magnetic Angle Position Sensor
logo
ams AG
AS5162 AMSCO-AS5162 Datasheet
1Mb / 37P
   12-Bit Magnetic Angle Position Sensor
AS5161 AMSCO-AS5161 Datasheet
1Mb / 36P
   12-Bit Magnetic Angle Position Sensor
logo
List of Unclassifed Man...
AS5161 ETC2-AS5161 Datasheet
1Mb / 35P
   12-Bit Magnetic Angle Position Sensor
logo
ams AG
AS5262 AMSCO-AS5262 Datasheet
1Mb / 37P
   12-Bit Magnetic Angle Position Sensor
AS5045B AMSCO-AS5045B Datasheet
393Kb / 33P
   12-Bit Programmable Magnetic Position Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com