Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AS5163-HTSV Datasheet(PDF) 30 Page - ams AG

Part No. AS5163-HTSV
Description  12-Bit Automotive Angle Position Sensor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5163-HTSV Datasheet(HTML) 30 Page - ams AG

Back Button AS5163-HTSV Datasheet HTML 26Page - ams AG AS5163-HTSV Datasheet HTML 27Page - ams AG AS5163-HTSV Datasheet HTML 28Page - ams AG AS5163-HTSV Datasheet HTML 29Page - ams AG AS5163-HTSV Datasheet HTML 30Page - ams AG AS5163-HTSV Datasheet HTML 31Page - ams AG AS5163-HTSV Datasheet HTML 32Page - ams AG AS5163-HTSV Datasheet HTML 33Page - ams AG AS5163-HTSV Datasheet HTML 34Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
www.austriamicrosystems.com/AS5163
Revision 2.7
30 - 36
AS5163
Datasheet - Application In form atio n
8.2.1 Read / Write User Data
Data Content:
Data only for read:
CORDIC_OUT(13:0): 14-bit absolute angular position data.
OCF (Offset Compensation Finished): logic high indicates the finished Offset Compensation Algorithm. As soon as this bit is set, the
AS5163 has completed the startup and the data is valid.
COF (Cordic Overflow): Logic high indicates an out of range error in the CORDIC part. When this bit is set, the CORDIC_OUT(13:0) data is
invalid. The absolute output maintains the last valid angular value. This alarm may be resolved by bringing the magnet within the X-Y-Z
tolerance limits.
AGC_VALUE (7:0): magnetic field indication.
Data for write and read:
DSP_RES resets the DSP part of the AS5163 the default value is 0. This is active low. The interface is not affected by this reset.
R1K_10K defines the threshold level for the OTP fuses. This bit can be changed for verification purpose. A verification of the programming
of the fuses is possible. The verification is mandatory after programming.
8.2.2 Programming Procedure
Note:
After programming the OTP fuses, a verification is mandatory. The procedure described below must be strictly followed to ensure
properly programmed OTP fuses.
Pull-up / Pull-down on OUT pin
VDD=5V
Wait startup time, device enters communication mode
Write128 command: The trimming bits are written in the SFR memory.
Read128 command: The trimming bits are read back.
Upload command: The SFR memory is transferred into the OTP RAM.
Fuse command: The OTP RAM is written in the Poly Fuse cells.
Wait fuse time (6 ms)
Write command (R1K_10K=1): Poly Fuse cells are transferred into the RAM cells compared with 10K
Ω resistor.
Download command: The OTP RAM is transferred into the SFR memory.
Read128 command: The fused bits are read back.
Write command (R1K_10K=0): Poly Fuse cells are transferred into the RAM cells compared with 1K
Ω resistor.
Download command: The OTP RAM is transferred into the SFR memory.
Read128 command: The fused bits are read back.
Pass2Func command or POR: Go to Functional mode.
For further information, please refer to Application Note AN5163-10 available at www.austriamicrosystems.com
Table 17. Read / Write Data
Area
Region
Address
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0x10
16
CORDIC_OUT[7:0]
0x11
17
0
0
CORDIC_OUT[13:8]
0x12
18
OCF
COF
0
0
0
0
DSP_RES R1K_10K
0x17
23
AGC_VALUE[7:0]
Read only
Read and Write


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn