Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS5163 Datasheet(PDF) 23 Page - ams AG

Part # AS5163
Description  12-Bit Automotive Angle Position Sensor
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS5163 Datasheet(HTML) 23 Page - ams AG

Back Button AS5163_1 Datasheet HTML 19Page - ams AG AS5163_1 Datasheet HTML 20Page - ams AG AS5163_1 Datasheet HTML 21Page - ams AG AS5163_1 Datasheet HTML 22Page - ams AG AS5163_1 Datasheet HTML 23Page - ams AG AS5163_1 Datasheet HTML 24Page - ams AG AS5163_1 Datasheet HTML 25Page - ams AG AS5163_1 Datasheet HTML 26Page - ams AG AS5163_1 Datasheet HTML 27Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
www.austriamicrosystems.com/AS5163
Revision 2.7
23 - 36
AS5163
Datasheet - Application In form atio n
8.1.9 PASS2FUNC
Figure 23 shows the format of the frame.
Figure 23. Frame Organization of the PASS2FUNCTION Command
The command consists of one frame received by the AS5163 (slave communication mode). This command stops the communication receiving
mode, releases the reset of the DSP of the AS5163 device and starts to work in functional mode with the values of the SFR currently written.
The access is performed with CMD field set to 0x7.
8.1.10 READ
Figure 24 shows the format of the frame.
Figure 24. Frame Organization of the READ Command
The command is composed by a first frame sent to the AS5163. The device is in slave communication mode. The device remains for the time
TSWITCH in IDLE mode before changing into the master communication mode. The AS5163 starts to send the second frame transmitted by the
AS5163.
The access is performed with CMD field set to 0xB.
When the AS5163 receives the first frame, it sends a frame with data value of the address specified in the field of the first frame.
Table 17 shows the possible readable data information for the AS5163 device.
An even parity bit is used to guarantee a correct data transmission. The parity bit (P) is generated by the 16 data bits. The MSB of the CMD
dummy (P) is reserved for the parity information.
DO NOT CARE
DO NOT CARE
CMD
LSB
MSB
LSB
MSB
LSB
MSB
10
11
ADDR2
ADDR1
CMD
LSB
MSB
LSB
MSB
LSB
MSB
11
10
DATA2
DATA1
CMD DUMMY
LSB
MSB
LSB
MSB
P
00
0


Similar Part No. - AS5163_1

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5163-HTSP AMSCO-AS5163-HTSP Datasheet
2Mb / 37P
   12-Bit Automotive Angle Position Sensor
AS5163-HTSV AMSCO-AS5163-HTSV Datasheet
2Mb / 37P
   12-Bit Automotive Angle Position Sensor
AS5163HTSU AMSCO-AS5163HTSU Datasheet
881Kb / 33P
   12 BIT AUTOMOTIVE Angle Position Sensor
AS5163 AMSCO-AS5163_04 Datasheet
2Mb / 37P
   12-Bit Automotive Angle Position Sensor
More results

Similar Description - AS5163_1

ManufacturerPart #DatasheetDescription
logo
ams AG
AS5261 AMSCO-AS5261 Datasheet
1Mb / 33P
   12-Bit Automotive Angle Position Sensor
AS5163 AMSCO-AS5163 Datasheet
881Kb / 33P
   12 BIT AUTOMOTIVE Angle Position Sensor
AS5163 AMSCO-AS5163_04 Datasheet
2Mb / 37P
   12-Bit Automotive Angle Position Sensor
AS5263 AMSCO-AS5263 Datasheet
2Mb / 38P
   12-Bit Redundant Automotive Angle Position Sensor
logo
List of Unclassifed Man...
AS5262 ETC2-AS5262 Datasheet
1Mb / 36P
   12-Bit Magnetic Angle Position Sensor
logo
ams AG
AS5162 AMSCO-AS5162 Datasheet
1Mb / 37P
   12-Bit Magnetic Angle Position Sensor
AS5161 AMSCO-AS5161 Datasheet
1Mb / 36P
   12-Bit Magnetic Angle Position Sensor
logo
List of Unclassifed Man...
AS5161 ETC2-AS5161 Datasheet
1Mb / 35P
   12-Bit Magnetic Angle Position Sensor
logo
ams AG
AS5262 AMSCO-AS5262 Datasheet
1Mb / 37P
   12-Bit Magnetic Angle Position Sensor
AS5045B AMSCO-AS5045B Datasheet
393Kb / 33P
   12-Bit Programmable Magnetic Position Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com