Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28288 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL28288
Description  Digital DC/DC PMBus 12A Module
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28288 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL28288_11 Datasheet HTML 1Page - Intersil Corporation ISL28288_11 Datasheet HTML 2Page - Intersil Corporation ISL28288_11 Datasheet HTML 3Page - Intersil Corporation ISL28288_11 Datasheet HTML 4Page - Intersil Corporation ISL28288_11 Datasheet HTML 5Page - Intersil Corporation ISL28288_11 Datasheet HTML 6Page - Intersil Corporation ISL28288_11 Datasheet HTML 7Page - Intersil Corporation ISL28288_11 Datasheet HTML 8Page - Intersil Corporation ISL28288_11 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ISL28288, ISL28488
2
FN6339.4
July 26, 2011
Pin Configurations
ISL28288
(8 LD SOIC)
TOP VIEW
ISL28488
(14 LD TSSOP)
TOP VIEW
ISL28288
(10 LD MSOP)
TOP VIEW
ISL28488
(16 LD QSOP)
TOP VIEW
1
2
3
4
8
7
6
5
OUT_A
IN-_A
IN+_A
V+
OUT_B
IN-_B
V-
IN+_B
+
-
+-
OUT_A
IN-_A
IN+_A
V+
IN+_B
IN-_B
OUT_B
OUT_D
IN-_D
IN+_D
V-
IN+_C
IN-_C
OUT_C
1
2
3
4
5
6
7
14
13
12
11
10
9
8
+
-
+-
-
+
-
+
IN+_A
EN_A
V-
EN_B
IN-_A
OUT_A
V+
OUT_B
IN+_B
IN-_B
1
2
3
4
10
9
8
7
5
6
1
2
3
4
16
15
14
13
5
6
7
12
11
10
8
9
OUT_A
IN-_A
IN+_A
V+
OUT_D
IN-_D
IN+_D
V-
IN+_B
IN+_C
IN-_B
OUT_B
IN-_C
OUT_C
NC
NC
Ordering Information
PART NUMBER
(Notes 1, 2, 3)
PART MARKING
PACKAGE
(Pb-Free)
PKG. DWG. #
ISL28288FUZ
8288Z
10 Ld MSOP
M10.118A
ISL28288FBZ
28288 FBZ
8 Ld SOIC
M8.15E
ISL28488FAZ (Note 4)
28488 FAZ
16 Ld QSOP
MDP0040
ISL28488FVZ
28488 FVZ
14 Ld TSSOP
M14.173
ISL28288EVAL1Z
Evaluation Board - 10 Ld MSOP
ISL28488EVAL1Z
Evaluation Board - 16 Ld QSOP
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ISL28288, ISL28488. For more information on MSL please see techbrief
TB363
4. Not Recommended for New Designs.


Similar Part No. - ISL28288_11

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28288(EN) INTERSIL-ISL28288(EN) Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL28288EVAL1Z RENESAS-ISL28288EVAL1Z Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
ISL28288FBZ RENESAS-ISL28288FBZ Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28288FUZ INTERSIL-ISL28288FUZ Datasheet
514Kb / 12P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
ISL28288FUZ INTERSIL-ISL28288FUZ Datasheet
473Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
More results

Similar Description - ISL28288_11

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ZL9101M_1104 INTERSIL-ZL9101M_1104 Datasheet
820Kb / 17P
   Digital DC/DC PMBus 12A Module
ZL9101M INTERSIL-ZL9101M_11 Datasheet
877Kb / 17P
   Digital DC/DC PMBus 12A Module
ZL9101MIRZ INTERSIL-ZL9101MIRZ Datasheet
1Mb / 67P
   Digital DC/DC PMBus 12A Module
February 12, 2015
logo
Renesas Technology Corp
ZL9101M RENESAS-ZL9101M Datasheet
2Mb / 63P
   Digital DC/DC PMBus 12A Module
logo
Intersil Corporation
ZL9101M INTERSIL-ZL9101M Datasheet
870Kb / 17P
   Digital DC/DC PMBus 12A Module
logo
Renesas Technology Corp
ISL8270M RENESAS-ISL8270M Datasheet
2Mb / 56P
   Digital DC/DC PMBus 25A Module
ISL8271M RENESAS-ISL8271M Datasheet
2Mb / 57P
   Digital DC/DC PMBus 33A Module
logo
Intersil Corporation
ZL9117MIRZ INTERSIL-ZL9117MIRZ Datasheet
1Mb / 58P
   Digital DC/DC PMBus 17A Module
December 16, 2014
ISL8271MAIRZ INTERSIL-ISL8271MAIRZ Datasheet
1Mb / 51P
   Digital DC/DC PMBus 33A Module
December 18, 2014
ISL8270MAIRZ INTERSIL-ISL8270MAIRZ Datasheet
1Mb / 51P
   Digital DC/DC PMBus 25A Module
July 2, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com