Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA6222 Datasheet(PDF) 2 Page - Rohm

Part # BA6222
Description  2.0A or More Reversible Motor Drivers (Single Motor)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6222 Datasheet(HTML) 2 Page - Rohm

  BA6222 Datasheet HTML 1Page - Rohm BA6222 Datasheet HTML 2Page - Rohm BA6222 Datasheet HTML 3Page - Rohm BA6222 Datasheet HTML 4Page - Rohm BA6222 Datasheet HTML 5Page - Rohm BA6222 Datasheet HTML 6Page - Rohm BA6222 Datasheet HTML 7Page - Rohm BA6222 Datasheet HTML 8Page - Rohm BA6222 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Technical Note
2/10
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
BA6219BFP-Y,BA6222
Electrical characteristics (BA6219BFP-Y, unless otherwise specified, Ta=25℃ and VCC1=VCC2=12V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Supply current 1
ICC1
-
1.2
2.5
mA
Standby mode
Supply current 2
ICC2
-
16
35
mA
FWD/REV mode
Supply current 3
ICC3
-
25
60
mA
Brake mode
Input threshold voltage H
VIH
3.0
-
VCC1
V
Input threshold voltage L
VIL
0
-
1.0
V
VR bias current
IVREF
0.6
1.2
2.4
mA
RL=60Ω, VR=6.8V
CD1 current
ICD1
0.7
1.5
3.0
mA
(IN1, IN2)=(H, L), CD1 -> GND
CD2 current
ICD2
0.7
1.5
3.0
mA
(IN1, IN2)=(L, H), CD2 -> GND
Output leak current
IOL
-
-
1
mA
(IN1, IN2)=(L, L), VCC2 current
Output voltage H
VOH
6.5
-
-
V
RL=60Ω, VR=6.8V
Output voltage L
VOL
-
1.2
V
RL=60Ω, VR=6.8V
Electrical characteristics (BA6222, unless otherwise specified, Ta=25℃ and VCC1=VCC2=12V)
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Supply current 1
ICC1
-
1.2
2.5
mA
Standby mode, VR=0V
Supply current 2
ICC2
-
16
35
mA
FWD/REV mode, VR=0V
Supply current 3
ICC3
-
25
60
mA
Brake mode, VR=0V
Input threshold voltage H
VIH
3.0
-
VCC1
V
Input threshold voltage L
VIL
0
-
1.0
V
VR bias current
IVREF
-
1.2
5.0
µA
VR=1.0V
VR-OUT trans. gain
GV
10.35
11.35
12.35
dB
(IN1, IN2)=(H, L) or (L, H), IOUT=0.1A*
1
CD1 current
ICD1
0.7
1.5
3.0
mA
(IN1, IN2)=(H, L), CD1 -> GND
CD2 current
ICD2
0.7
1.5
3.0
mA
(IN1, IN2)=(L, H), CD2 -> GND
Output leak current
IOL
-
-
1
mA
(IN1, IN2)=(L, L), VCC2 current
Output voltage H
VOH
9.5
-
-
V
IOUT=0.1A, VR=5V
Output voltage L
VOL
-
0.5
V
IOUT=0.1A, VR=5V
*1
Vout1 = VOH-VOL @VR=1V
Vout2 = VOH-VOL @VR=2V
These voltages are stabilized value without any heat radiation board.
GV = 20 log
Vout2 – Vout1
2V – 1V


Similar Part No. - BA6222

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6222 ROHM-BA6222 Datasheet
76Kb / 6P
   Reversible motor driver
BA6222 ROHM-BA6222 Datasheet
290Kb / 5P
   Reversible Motor Driver
BA6222 ROHM-BA6222 Datasheet
312Kb / 11P
   Reversible motor drivers (up to 2A series)
BA6222 ROHM-BA6222_1 Datasheet
290Kb / 5P
   Reversible Motor Driver
More results

Similar Description - BA6222

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6219BFP ROHM-BA6219BFP Datasheet
419Kb / 13P
   2.0A or More Reversible Motor Drivers (Single Motor)
BA6247FP-Y ROHM-BA6247FP-Y_11 Datasheet
265Kb / 12P
   1.0A or More Reversible Motor Drivers (2 Motors)
BH6578FVM ROHM-BH6578FVM_15 Datasheet
1Mb / 17P
   0.5 Amp or Less Reversible Motor Drivers (Single Motor)
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6920FP-YE2 ROHM-BA6920FP-YE2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6285FS-E2 ROHM-BA6285FS-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BD7931F-E2 ROHM-BD7931F-E2 Datasheet
396Kb / 11P
   0.5A or Less Reversible Motor Drivers (Single Moter)
BH6578FVM ROHM-BH6578FVM_11 Datasheet
253Kb / 9P
   0.5A or Less Reversible Motor Drivers (Single Moter)
BA6950FS ROHM-BA6950FS_10 Datasheet
272Kb / 10P
   Reversible Motor Drivers for 0.8A or less (1 Motor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com