Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X28HC64PI-12 Datasheet(PDF) 2 Page - Intersil Corporation

Part # X28HC64PI-12
Description  5 Volt, Byte Alterable EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X28HC64PI-12 Datasheet(HTML) 2 Page - Intersil Corporation

  X28HC64PI-12 Datasheet HTML 1Page - Intersil Corporation X28HC64PI-12 Datasheet HTML 2Page - Intersil Corporation X28HC64PI-12 Datasheet HTML 3Page - Intersil Corporation X28HC64PI-12 Datasheet HTML 4Page - Intersil Corporation X28HC64PI-12 Datasheet HTML 5Page - Intersil Corporation X28HC64PI-12 Datasheet HTML 6Page - Intersil Corporation X28HC64PI-12 Datasheet HTML 7Page - Intersil Corporation X28HC64PI-12 Datasheet HTML 8Page - Intersil Corporation X28HC64PI-12 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
FN8109.2
August 28, 2009
Ordering Information
PART NUMBER
PART MARKING
TEMPERATURE
RANGE (°C)
ACCESS TIME
(ns)
PACKAGE
PKG.
DWG. #
X28HC64J-70*
X28HC64J-70 RR
0 to +70
70
32 Ld PLCC
N32.45x55
X28HC64JIZ-70* (Note 1)
X28HC64JI-70 ZRR
-40 to +85
32 Ld PLCC (Pb-free)
N32.45x55
X28HC64JZ-70* (Note 1)
X28HC64J-70 ZRR
0 to +70
32 Ld PLCC (Pb-free)
N32.45x55
X28HC64SIZ-70
X28HC64SI-70 RR
-40 to +85
28 Ld SOIC (300 mil)
M28.3
X28HC64SZ-70 (Note 1)
X28HC64S-70 RRZ
0 to +70
28 Ld SOIC (300 mil) (Pb-free)
M28.3
X28HC64J-90*
X28HC64J-90 RR
0 to +70
90
32 Ld PLCC
N32.45x55
X28HC64JI-90**
X28HC64JI-90 RR
-40 to +85
32 Ld PLCC
N32.45x55
X28HC64JIZ-90* (Note 1)
X28HC64JI-90 ZRR
-40 to +85
32 Ld PLCC (Pb-free)
N32.45x55
X28HC64P-90
X28HC64P-90 RR
0 to +70
28 Ld PDIP
E28.6
X28HC64PI-90
X28HC64PI-90 RR
-40 to +85
28 Ld PDIP
E28.6
X28HC64PIZ-90 (Notes 1, 2) X28HC64PI-90 RRZ
-40 to +85
28 Ld PDIP (Pb-free)
E28.6
X28HC64PZ-90 (Notes 1, 2) X28HC64P-90 RRZ
0 to +70
28 Ld PDIP (Pb-free)
E28.6
X28HC64J-12*
X28HC64J-12 RR
0 to +70
120
32 Ld PLCC
N32.45x55
X28HC64JI-12*
X28HC64JI-12 RR
-40 to +85
32 Ld PLCC
N32.45x55
X28HC64JIZ-12* (Note 1)
X28HC64JI-12 Z RR
-40 to +85
32 Ld PLCC (Pb-free)
N32.45x55
X28HC64JZ-12* (Note 1)
X28HC64J-12 RRZ
0 to +70
32 Ld PLCC (Pb-free)
N32.45x55
X28HC64P-12
X28HC64P-12 RR
0 to +70
28 Ld PDIP
E28.6
X28HC64PI-12
X28HC64PI-12 RR
-40 to +85
28 Ld PDIP
E28.6
X28HC64PIZ-12 (Notes 1, 2) X28HC64PI-12 RRZ
-40 to +85
28 Ld PDIP (Pb-free)
E28.6
X28HC64PZ-12 (Notes 1, 2) X28HC64P-12 RRZ
0 to +70
28 Ld PDIP (Pb-free)
E28.6
X28HC64S-12*, **
X28HC64S-12 RR
0 to +70
28 Ld SOIC (300 mil)
M28.3
X28HC64SI-12*
X28HC64SI-12 RR
-40 to +85
28 Ld SOIC (300 mil)
M28.3
X28HC64SIZ-12* (Note 1)
X28HC64SI-12 RRZ
-40 to +85
28 Ld SOIC (300 mil) (Pb-free)
M28.3
X28HC64SZ-12 (Note 1)
X28HC64S-12 RRZ
0 to +70
28 Ld SOIC (300 mil) (Pb-free)
M28.3
*Add “T1” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
***Add “T2” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations).
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC
J STD-020.
2. Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing
applications.
X28HC64


Similar Part No. - X28HC64PI-12

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X28HC64PI-12 XICOR-X28HC64PI-12 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
logo
Intersil Corporation
X28HC64PI-12 INTERSIL-X28HC64PI-12 Datasheet
310Kb / 16P
   5 Volt, Byte Alterable EEPROM
More results

Similar Description - X28HC64PI-12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HC256 INTERSIL-X28HC256 Datasheet
286Kb / 15P
   5 Volt, Byte Alterable EEPROM
logo
Force Technologies Ltd
FT28HC256 FORCE-FT28HC256 Datasheet
2Mb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Intersil Corporation
X28HC64 INTERSIL-X28HC64 Datasheet
310Kb / 16P
   5 Volt, Byte Alterable EEPROM
X28HC64 INTERSIL-X28HC64_06 Datasheet
257Kb / 17P
   5 Volt, Byte Alterable EEPROM
X28C010 INTERSIL-X28C010 Datasheet
617Kb / 23P
   5 Volt, Byte Alterable EEPROM
logo
Austin Semiconductor
AS28C010 AUSTIN-AS28C010 Datasheet
306Kb / 14P
   128K x 8 EEPROM EEPROM Memory 5 Volt, Byte Alterable
logo
Xicor Inc.
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
   5 Volt, Byte Alterable E2PROM
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
   5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
   5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
   5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com