Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA5826FP Datasheet(PDF) 1 Page - Rohm

Part # BA5826FP
Description  Silicon Monolithic Integrated Circuit
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA5826FP Datasheet(HTML) 1 Page - Rohm

  BA5826FP Datasheet HTML 1Page - Rohm BA5826FP Datasheet HTML 2Page - Rohm BA5826FP Datasheet HTML 3Page - Rohm BA5826FP Datasheet HTML 4Page - Rohm BA5826FP Datasheet HTML 5Page - Rohm BA5826FP Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1/5
REV. A
Structure
:
Silicon Monolithic Integrated Circuit
Product Name
:
Power Driver For Compact Disc Players
Device Name
:
BA5826FP
Features
:
• 4-ch BTL driver
• Use of an HSOP28 power package can achieve downsizing of the set.
• Gain can be controlled by attaching an external resistance.
• A built-in thermal shutdown circuit installed.
• A built-in 3.3V regulator installed. (External PNP Tr must be installed.)
• A built-in general operational amplifier installed.
• A built-in 2.7V reset circuit installed.
• Using an external capacitor, the reset delay time can be changed.
ABSOLUTE MAXIMUM RATINGS (Ta=25
°C)]
Parameter
Symbol
Limits
Unit
Power Supply Voltage
VCC
13.5
V
Power Dissipation
Pd
1.7 *1
W
Operating
Temperature Range
Topr
-35 to 85
°C
Storage Temperature
Range
Tstg
-55 to 150
°C
*1 When mounted on the glass/epoxy board with the size: 70 mm
×70 mm, the thickness: 1.6 mm, and
the rate of copper foil occupancy area: 3% or less.
Over Ta=25
°C, derating at the rate of 13.6mW/°C.
OPERATING CONDITIONS
Parameter
Symbol
Limits
Unit
Power Supply Voltage
VCC
4.5 to 9
V
This product has not been checked for the strategic materials (or service) defined in the Foreign
Exchange and Foreign Trade Control Low of Japan so that a verification work is required before
exporting it.
Not designed for radiation resistance.


Similar Part No. - BA5826FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5826FP ROHM-BA5826FP Datasheet
349Kb / 7P
   Power Driver For Compact Disc Players
BA5826FP ROHM-BA5826FP Datasheet
145Kb / 6P
   Power Driver For Compact Disc Players
BA5826FP-E2 ROHM-BA5826FP-E2 Datasheet
145Kb / 6P
   Power Driver For Compact Disc Players
More results

Similar Description - BA5826FP

ManufacturerPart #DatasheetDescription
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
BD8676KN ROHM-BD8676KN Datasheet
231Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6369GUL ROHM-BD6369GUL_11 Datasheet
150Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6607KN ROHM-BD6607KN_11 Datasheet
139Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6712AF ROHM-BD6712AF_11 Datasheet
109Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6973FV ROHM-BD6973FV Datasheet
100Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9745EKN ROHM-BD9745EKN Datasheet
385Kb / 22P
   Silicon Monolithic Integrated Circuit
BD9885FV ROHM-BD9885FV_09 Datasheet
154Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com