Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9241AMP Datasheet(PDF) 8 Page - Intersil Corporation

Part # X9241AMP
Description  Quad Digital Controlled Potentionmeters (XDCP??
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9241AMP Datasheet(HTML) 8 Page - Intersil Corporation

Back Button X9241AMP Datasheet HTML 4Page - Intersil Corporation X9241AMP Datasheet HTML 5Page - Intersil Corporation X9241AMP Datasheet HTML 6Page - Intersil Corporation X9241AMP Datasheet HTML 7Page - Intersil Corporation X9241AMP Datasheet HTML 8Page - Intersil Corporation X9241AMP Datasheet HTML 9Page - Intersil Corporation X9241AMP Datasheet HTML 10Page - Intersil Corporation X9241AMP Datasheet HTML 11Page - Intersil Corporation X9241AMP Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
FN8164.6
August 31, 2007
Detailed Operation
All four XDCP potentiometers share the serial interface and
share a common architecture. Each potentiometer is
comprised of a resistor array, a Wiper Counter Register and
four Data Registers. A detailed discussion of the register
organization and array operation follows.
Wiper Counter Register
The X9241A contains four volatile Wiper Counter Registers
(WCR), one for each XDCP potentiometer. The WCR can be
envisioned as a 6-bit parallel and serial load counter with its
outputs decoded to select one of sixty-four switches along its
resistor array. The contents of the WCR can be altered in
four ways: it may be written directly by the host via the Write
WCR instruction (serial load); it may be written indirectly by
transferring the contents of one of four associated Data
Registers via the XFR Data Register instruction (parallel
load); it can be modified one step at a time by the
increment/decrement instruction; finally, it is loaded with the
contents of its Data Register zero (DR0) upon power-up.
The WCR is a volatile register; that is, its contents are lost
when the X9241A is powered-down. Although the register is
automatically loaded with the value in DR0 upon power-up, it
should be noted this may be different from the value present
at power-down.
Data Registers
Each potentiometer has four nonvolatile Data Registers.
These can be read or written directly by the host and data
can be transferred between any of the four Data Registers
and the WCR. It should be noted all operations changing
data in one of these registers is a nonvolatile operation and
will take a maximum of 10ms.
If the application does not require storage of multiple
settings for the potentiometer, these registers can be used
as regular memory locations that could possibly store
system parameters or user preference data.
SERIAL DATA PATH
FROM INTERFACE
CIRCUITRY
REGISTER 0
REGISTER 1
REGISTER 2
REGISTER 3
SERIAL
BUS
INPUT
PARALLEL
BUS
INPUT
WIPER
COUNTER
REGISTER
INC/DEC
LOGIC
UP/DN
CLK
MODIFIED SCL
UP/DN
VH/RH
IF WCR = 00[H] THEN VW/RW = VL/RL
IF WCR = 3F[H] THEN VW/RW = VH/RH
8
6
C
D
E
O
U
N
T
E
R
E
C
O
D
CASCADE
DW
CM
CONTROL
LOGIC
2
VL/RL
VW/RW
FIGURE 8. DETAILED POTENTIOMETER BLOCK DIAGRAM
X9241A


Similar Part No. - X9241AMP

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9241AMP XICOR-X9241AMP Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9241AMP INTERSIL-X9241AMP Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
X9241AMP INTERSIL-X9241AMP Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
logo
Xicor Inc.
X9241AMPI XICOR-X9241AMPI Datasheet
364Kb / 18P
   Quad Digitally Controlled Potentiometer (XDCP)
logo
Intersil Corporation
X9241AMPI INTERSIL-X9241AMPI Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
More results

Similar Description - X9241AMP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9241A INTERSIL-X9241A_06 Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
logo
Renesas Technology Corp
X9241A RENESAS-X9241A Datasheet
722Kb / 17P
   Quad Digital Controlled Potentionmeters (XDCP?? Non-Volatile/Low Power/2-Wire/64 Taps
logo
Intersil Corporation
ISL90843 INTERSIL-ISL90843 Datasheet
750Kb / 10P
   Quad Digital Controlled Potentiometers (XDCP??
X9258 INTERSIL-X9258_11 Datasheet
634Kb / 20P
   Quad Digital Controlled Potentiometers(XDCP??
logo
Xicor Inc.
X9258 XICOR-X9258 Datasheet
413Kb / 22P
   Quad Digital Controlled Potentiometers (XDCP)
logo
Renesas Technology Corp
ISL90843 RENESAS-ISL90843 Datasheet
1Mb / 20P
   Quad Digital Controlled Potentiometers (XDCP™)
March 29, 2006
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9400 XICOR-X9400 Datasheet
150Kb / 22P
   Quad Digitally Controlled Potentiometers (XDCP)
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
X9250TS24I INTERSIL-X9250TS24I Datasheet
360Kb / 20P
   Quad Digitally Controlled Potentiometers (XDCP
August 29, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com