Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9116WM8Z-2.7 Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9116WM8Z-2.7
Description  Digitally Controlled Potentiometer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9116WM8Z-2.7 Datasheet(HTML) 5 Page - Intersil Corporation

  X9116WM8Z-2.7 Datasheet HTML 1Page - Intersil Corporation X9116WM8Z-2.7 Datasheet HTML 2Page - Intersil Corporation X9116WM8Z-2.7 Datasheet HTML 3Page - Intersil Corporation X9116WM8Z-2.7 Datasheet HTML 4Page - Intersil Corporation X9116WM8Z-2.7 Datasheet HTML 5Page - Intersil Corporation X9116WM8Z-2.7 Datasheet HTML 6Page - Intersil Corporation X9116WM8Z-2.7 Datasheet HTML 7Page - Intersil Corporation X9116WM8Z-2.7 Datasheet HTML 8Page - Intersil Corporation X9116WM8Z-2.7 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
FN8160.3
February 3, 2011
DC Electrical Specifications
Over recommended operating conditions unless otherwise specified. Boldface limits apply over the
operating temperature range, -40°C to +85°C or 0°C to +70°C.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 10)
TYP
(Note 7)
MAX
(Note 10) UNIT
ICC1
VCC active current (Increment)
CS = VIL, U/D = VIL or VIH and
INC = 0.4V/2.4V @ max tCYC
150
µA
ICC2
VCC active current (Store) (EEPROM Store)
CS = VIH, U/D = VIL or VIH and
INC =VIH @ max tWR
400
µA
ISB
Standby supply current
CS = VCC –0.3V, U/D and INC =VSS or
VCC –0.3V
5
µA
ILI
CS, INC, U/D input leakage current
VIN = VSS to VCC
±10
µA
VIH
CS, INC, U/D input HIGH voltage
2V
VCC + 0.5
V
VIL
CS, INC, U/D input LOW voltage
-0.5
0.8
V
CIN
CS, INC, U/D input capacitance
VCC = 5V, VIN = VSS, TA = +25°C,
f=1MHz
10
pF
NOTES:
7. Typical values are for TA = +25°C and nominal supply voltage.
Endurance and Data Retention
PARAMETER
MIN
UNIT
Minimum endurance
100,000
Data changes per bit
Data retention
100
Years
Test Circuit #1
Test Circuit #2
Circuit #3 SPICE Macro Model
Test Point
VW/RW
VH/RH
VL/RL
VS
Force
Current
VL
VW
VH/RH
VW/RW
VL/RL
Test Point
CH
CL
RW
10pF
10pF
RH
RL
RTOTAL
CW
25pF
A.C. Conditions of Test
Input pulse levels
0V to 3V
Input rise and fall times
10ns
Input reference levels
1.5V
X9116


Similar Part No. - X9116WM8Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9116WM8Z-2.7 INTERSIL-X9116WM8Z-2.7 Datasheet
247Kb / 9P
   Low Noise, Low Power, Low Cost
X9116WM8Z-2.7 INTERSIL-X9116WM8Z-2.7 Datasheet
199Kb / 9P
   Digitally Controlled Potentiometer
X9116WM8Z-2.7 INTERSIL-X9116WM8Z-2.7 Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
logo
Renesas Technology Corp
X9116WM8Z-2.7 RENESAS-X9116WM8Z-2.7 Datasheet
473Kb / 9P
   Low Noise, Low Power, Low Cost Digitally Controlled Potentiometer (XDCP??
More results

Similar Description - X9116WM8Z-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
X93156 INTERSIL-X93156 Datasheet
262Kb / 8P
   Digitally Controlled Potentiometer
X9315WMZ INTERSIL-X9315WMZ Datasheet
344Kb / 16P
   Digitally Controlled Potentiometer
December 21, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com