Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9C303S8IZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # X9C303S8IZ
Description  Logarithmic Digitally Controlled Potentiometer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9C303S8IZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button X9C303S8IZ Datasheet HTML 2Page - Intersil Corporation X9C303S8IZ Datasheet HTML 3Page - Intersil Corporation X9C303S8IZ Datasheet HTML 4Page - Intersil Corporation X9C303S8IZ Datasheet HTML 5Page - Intersil Corporation X9C303S8IZ Datasheet HTML 6Page - Intersil Corporation X9C303S8IZ Datasheet HTML 7Page - Intersil Corporation X9C303S8IZ Datasheet HTML 8Page - Intersil Corporation X9C303S8IZ Datasheet HTML 9Page - Intersil Corporation X9C303S8IZ Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
FN8223.2
January 30, 2009
AC Timing Diagram
NOTES:
4. Typical values are for TA = +25°C and nominal supply voltage.
5. This parameter is not 100% tested.
6. MI in the “AC Timing Diagram” refers to the minimum incremental change in the VW output due to a change in the wiper position.
tR, tF (Note 5)
INC Input Rise and Fall Time
500
ns
tPU (Note 5)
Power-up to Wiper Stable
500
µs
tR VCC (Note 5) VCC Power-up Rate
0.2
50
mV/µs
AC Electrical Specifications
Over recommended operating conditions, unless otherwise specified. Parameters with MIN and/or MAX
limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested. (Continued)
SYMBOL
PARAMETER
LIMITS
UNIT
MIN
TYP
(Note 4)
MAX
CS
INC
U/D
VW
tCI
tIL
tIH
tCYC
tID
tDI
tIW
MI
tIC
tCPH
tF
tR
10%
90%
90%
(NOTE 6)
X9C303


Similar Part No. - X9C303S8IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C303S8IZ INTERSIL-X9C303S8IZ Datasheet
261Kb / 10P
   Logarithmic Digitally Controlled Potentiometer
X9C303S8IZ INTERSIL-X9C303S8IZ Datasheet
255Kb / 10P
   Terminal Voltage ±5V, 100 Taps, Log Taper
January 30, 2009
logo
Renesas Technology Corp
X9C303S8IZ RENESAS-X9C303S8IZ Datasheet
534Kb / 10P
   Logarithmic Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹5V, 100 Taps, Log Taper
logo
Intersil Corporation
X9C303S8IZ-2.7 INTERSIL-X9C303S8IZ-2.7 Datasheet
261Kb / 10P
   Logarithmic Digitally Controlled Potentiometer
X9C303S8IZ-2.7 INTERSIL-X9C303S8IZ-2.7 Datasheet
255Kb / 10P
   Terminal Voltage ±5V, 100 Taps, Log Taper
January 30, 2009
More results

Similar Description - X9C303S8IZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9C303 INTERSIL-X9C303_07 Datasheet
261Kb / 10P
   Logarithmic Digitally Controlled Potentiometer
X9C104SIZT1 INTERSIL-X9C104SIZT1 Datasheet
240Kb / 10P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319_06 Datasheet
232Kb / 10P
   Digitally Controlled Potentiometer
ISL95711 INTERSIL-ISL95711_06 Datasheet
534Kb / 13P
   Digitally Controlled Potentiometer
X9319 INTERSIL-X9319 Datasheet
244Kb / 10P
   Digitally Controlled Potentiometer
X9116WM8Z INTERSIL-X9116WM8Z Datasheet
361Kb / 9P
   Digitally Controlled Potentiometer
February 3, 2011
X9319WS8Z INTERSIL-X9319WS8Z Datasheet
333Kb / 8P
   Digitally Controlled Potentiometer
July 31, 2014
X9C102P INTERSIL-X9C102P Datasheet
237Kb / 10P
   Digitally Controlled Potentiometer
July 20, 2009
logo
Xicor Inc.
X9015 XICOR-X9015 Datasheet
69Kb / 11P
   Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9318WP8 INTERSIL-X9318WP8 Datasheet
246Kb / 10P
   Digitally Controlled Potentiometer
September 14, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com